Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TMR1303 Datasheet(PDF) 2 Page - American Electronic Components, inc

Part # TMR1303
Description  TMR Omnipolar Switch
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AEC [American Electronic Components, inc]
Direct Link  http://www.aecsensors.com/html/
Logo AEC - American Electronic Components, inc

TMR1303 Datasheet(HTML) 2 Page - American Electronic Components, inc

  TMR1303 Datasheet HTML 1Page - American Electronic Components, inc TMR1303 Datasheet HTML 2Page - American Electronic Components, inc TMR1303 Datasheet HTML 3Page - American Electronic Components, inc TMR1303 Datasheet HTML 4Page - American Electronic Components, inc TMR1303 Datasheet HTML 5Page - American Electronic Components, inc TMR1303 Datasheet HTML 6Page - American Electronic Components, inc  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
Datasheet V1.0a
2/6
Block Diagram
Pin Configuration
Pin Name
Pin No.
Pin Function
TO-92S
SOT23-3
LGA3L
VOUT
1
2
2
Output
GND
2
3
1
Ground
VCC
3
1
3
Supply Voltage
SOT23-3
TO-92S
LGA3L 2x1.5x0.63
Absolute Maximum Ratings
Parameter
Symbol
Limit
Unit
Supply Voltage
VCC
7
V
Reverse Supply Voltage
VRCC
0.3
V
Output Current
IOUTSINK
9
mA
Magnetic Flux Density
B
2800
G
ESD level(HBM)
VESD
2
kV
Operating Ambient Temperature
TA
-40 ~125
°C
Storage Temperature
Tstg
-50 ~ 150
°C
Electrical Characteristics (VCC=3.0V, TA=25°C)
Parameter
Symbol
Conditions
Min
Typ.
Max
Unit
Supply Voltage
VCC
Operating
1.5
3.0
5.5
V
Output High Voltage
VOH
Vcc-0.3
Vcc
V
Output Low Voltage
VOL
0
0.2
V
Supply Current
ICC
Output Open
1.5
μA
Response Frequency
F
1000
Hz
Note: a 100nF capacitor is connected between VCC and GND during all tests in the above table. 


Similar Part No. - TMR1303

ManufacturerPart #DatasheetDescription
logo
MultiDimension Technolo...
TMR1303B MULTIDIMENSION-TMR1303B Datasheet
646Kb / 5P
   TMR Omnipolar Switch
V1.1
TMR1303S MULTIDIMENSION-TMR1303S Datasheet
1Mb / 13P
   MicroAmpere High Frequency Response Omnipolar Magnetic Switch Sensor
Version 2.2
TMR1303T MULTIDIMENSION-TMR1303T Datasheet
1Mb / 13P
   MicroAmpere High Frequency Response Omnipolar Magnetic Switch Sensor
Version 2.2
More results

Similar Description - TMR1303

ManufacturerPart #DatasheetDescription
logo
MultiDimension Technolo...
TMR1302B MULTIDIMENSION-TMR1302B Datasheet
514Kb / 5P
   TMR Omnipolar Switch
V1.0a
TMR1303B MULTIDIMENSION-TMR1303B Datasheet
646Kb / 5P
   TMR Omnipolar Switch
V1.1
logo
American Electronic Com...
TMR1341 AEC-TMR1341 Datasheet
320Kb / 5P
   TMR Omnipolar Switch
logo
MultiDimension Technolo...
TMR1309 MULTIDIMENSION-TMR1309 Datasheet
592Kb / 5P
   TMR Omnipolar Switch
V1.2
TMR138X MULTIDIMENSION-TMR138X Datasheet
1Mb / 10P
   High-Voltage TMR Omnipolar Switch
Version 2.0.1
TMR1305 MULTIDIMENSION-TMR1305 Datasheet
437Kb / 5P
   TMR Z-Axis Omnipolar Switch
V1.2
TMR1383S MULTIDIMENSION-TMR1383S Datasheet
1Mb / 10P
   High-Voltage TMR Omnipolar Switch
Version 2.0.1
logo
American Electronic Com...
TMR1201 AEC-TMR1201 Datasheet
330Kb / 5P
   TMR Bipolar Switch
logo
Melexis Microelectronic...
MLX90248 MELEXIS-MLX90248_18 Datasheet
1Mb / 11P
   Micropower & Omnipolar Hall Switch
MLX90248 MELEXIS-MLX90248_12 Datasheet
525Kb / 11P
   Micropower & Omnipolar Hall Switch
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com