Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MS6257TR Datasheet(PDF) 10 Page - List of Unclassifed Manufacturers

Part # MS6257TR
Description  Gain and Attenuation Volume Controller IC One Set of Stereo Input, Low voltage Gain and Attenuation 15~-79dB
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

MS6257TR Datasheet(HTML) 10 Page - List of Unclassifed Manufacturers

Back Button MS6257TR Datasheet HTML 3Page - List of Unclassifed Manufacturers MS6257TR Datasheet HTML 4Page - List of Unclassifed Manufacturers MS6257TR Datasheet HTML 5Page - List of Unclassifed Manufacturers MS6257TR Datasheet HTML 6Page - List of Unclassifed Manufacturers MS6257TR Datasheet HTML 7Page - List of Unclassifed Manufacturers MS6257TR Datasheet HTML 8Page - List of Unclassifed Manufacturers MS6257TR Datasheet HTML 9Page - List of Unclassifed Manufacturers MS6257TR Datasheet HTML 10Page - List of Unclassifed Manufacturers MS6257TR Datasheet HTML 11Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 10 / 11 page
background image
MOSA
MS6257
GAIN AND ATTENUATION VOLUME CONTROLLER IC
REV 1
10
www.mosanalog.com.tw
APPLICATION INFORMATION
Basic application example
L-IN
R-IN
1
8
10k
L-OUT
2
10uF
10uF
R-OUT
7
Power
Amplifier
MCU
SDA
10uF
10uF
10k
4
5
SCL
VDD
VSS
Supply
2.7~5V
6
3
47uF
0.1uF
Signal
MS6257
Basic application flow chart
Volume Control
volume down to -79 dB
step by step
Enable Mute Function
mute on
Power down
V
DD = 0V
Procedure Of Power
Shut Down
Procedure Of Power Up
Volume Control
volume up/down
step by step
Initial Conditions
function off (-79dB)
mute on
Disable Mute Function
mute off
Power up
V
DD = 5V
1. The initial condition is –79dB and mute on when power up.


Similar Part No. - MS6257TR

ManufacturerPart #DatasheetDescription
logo
MOSA ELECTRONICS
MS6257TR MOSA-MS6257TR Datasheet
468Kb / 15P
   Gain and Attenuation Volume Controller IC One Set of Stereo Input, Low voltage Gain and Attenuation 15~-79dB
More results

Similar Description - MS6257TR

ManufacturerPart #DatasheetDescription
logo
MOSA ELECTRONICS
MS6257 MOSA-MS6257_1 Datasheet
565Kb / 17P
   Gain and Attenuation Volume Controller IC One Set of Stereo Input, Low voltage Gain and Attenuation 15~-79dB
MS6257 MOSA-MS6257 Datasheet
468Kb / 15P
   Gain and Attenuation Volume Controller IC One Set of Stereo Input, Low voltage Gain and Attenuation 15~-79dB
MS6260 MOSA-MS6260 Datasheet
401Kb / 11P
   Gain and Attenuation Volume Controller IC One Set of Stereo Input, Low voltage Gain and Attenuation 15~-79dB, Good PSRR
MS6260 MOSA-MS6260_1 Datasheet
291Kb / 14P
   Gain and Attenuation Volume Controller IC One Set of Stereo Input, Low voltage Gain and Attenuation 15~-79dB, Good PSRR
MS6258 MOSA-MS6258 Datasheet
481Kb / 12P
   Gain and Attenuation Volume Controller IC 4 Sets of Stereo Input, Low voltage Gain and Attenuation 15~-79dB
MS6258 MOSA-MS6258_1 Datasheet
405Kb / 17P
   Gain and Attenuation Volume Controller IC 4 Sets of Stereo Input, Low voltage Gain and Attenuation 15~-79dB
MS6266 MOSA-MS6266_1 Datasheet
381Kb / 13P
   6-Channel Volume Controller Gain and Attenuation 16~-79dB Low Voltage, High Channel Separation
MS6266 MOSA-MS6266 Datasheet
441Kb / 11P
   6-Channel Volume Controller Gain and Attenuation 16-79dB Low voltage, High Channel Separation
MS6714 MOSA-MS6714_1 Datasheet
1Mb / 18P
   4 Stereo Inputs and 1 Stereo Output Volume, Tone, Balance, Loudness and Selectable Input Gain
MS6720 MOSA-MS6720 Datasheet
377Kb / 12P
   3 Stereo Inputs and 4-Channel Outputs Volume, Balance, Fader and Selectable Input Gain
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com