Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

GLT5640AL16P-10TC Datasheet(PDF) 5 Page - List of Unclassifed Manufacturers

Part # GLT5640AL16P-10TC
Description  4M X 16 CMOS Synchronous Dynamic RAM
Download  72 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

GLT5640AL16P-10TC Datasheet(HTML) 5 Page - List of Unclassifed Manufacturers

  GLT5640AL16P-10TC Datasheet HTML 1Page - List of Unclassifed Manufacturers GLT5640AL16P-10TC Datasheet HTML 2Page - List of Unclassifed Manufacturers GLT5640AL16P-10TC Datasheet HTML 3Page - List of Unclassifed Manufacturers GLT5640AL16P-10TC Datasheet HTML 4Page - List of Unclassifed Manufacturers GLT5640AL16P-10TC Datasheet HTML 5Page - List of Unclassifed Manufacturers GLT5640AL16P-10TC Datasheet HTML 6Page - List of Unclassifed Manufacturers GLT5640AL16P-10TC Datasheet HTML 7Page - List of Unclassifed Manufacturers GLT5640AL16P-10TC Datasheet HTML 8Page - List of Unclassifed Manufacturers GLT5640AL16P-10TC Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 72 page
background image
G -LINK
GLT5640AL16
4M X 16 CMOS Synchronous Dynamic RAM
Feb 2004 (Rev.0.1)
G-Link Technology Corporation, Taiwan
Web : www.glink.com.tw
Email : sales@glink.com.tw
TEL : 886-2-27968078
- 5 -
Absolute Maximum Ratings
Parameter
Symbol
Conditions
Value
Unit
Supply Voltage
VDD
with respect to VSS
-0.5 to 4.6
V
Supply Voltage for Output
VDDQ
with respect to VSSQ
-0.5 to 4.6
V
Input Voltage
VI
with respect to VSS
-0.5 to VDD+0.5
V
Output Voltage
VO
with respect to VSSQ
-0.5 to VDDQ+0.5
V
Short circuit output current
IO
50
mA
Power dissipation
PD
Ta = 25 °C
1
W
Operating temperature
TOPT
0 to 70
°C
Storage temperature
TSTG
-65 to 150
°C
Caution
Exposing the device to stress above those listed in Absolute Maximum Ratings could cause permanent damage. The device is not meant to be
operated under conditions outside the limits described in the operational section of this specification. Exposure to Absolute Maximum Rating conditions for
extended periods may affect device reliability.
Recommended Operating Conditions (Ta = 0 ~ 70 °C, unless otherwise noted)
Parameter
Symbol
Limits
Unit
Min.
Typ.
Max.
Supply Voltage
VDD
3.0
3.3
3.6
V
Supply Voltage for DQ
VDDQ
3.0
3.3
3.6
V
Ground
VSS
0
0
0
V
Ground for DQ
VSSQ
0
0
0
V
High Level Input Voltage (all inputs)
VIH
2.0
VDD + 0.3
V
Low Level Input Voltage (all inputs)
VIL
-0.3
0.8
V
Note :
1.All voltages are referenced to Vss = 0V.
2.VIH (max) is acceptable 5.6V AC pulse width with
≤ 3ns of duration.
3.VIL (min) is acceptable -2.0V AC pulse width with
≤ 3ns of duration.
Pin Capacitance (Ta = 0 ~ 70°C, VDD = VDDQ = 3.3
±±0.3V , V
SS = VSSQ = 0V, unless otherwise noted)
Parameter
Symbol
Min
Max
Unit
Input Capacitance, address & control pin
CIN
2.5
3.8
pF
Input Capacitance, CLK pin
CCLK
2.5
3.5
pF
Data input / output capacitance
CI/O
4.0
6.5
pF


Similar Part No. - GLT5640AL16P-10TC

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
GLT5640L32 ETC-GLT5640L32 Datasheet
906Kb / 49P
   CMOS Synchronous DRAM 2M x 32 SDRAM
GLT5640L32-10 ETC-GLT5640L32-10 Datasheet
906Kb / 49P
   CMOS Synchronous DRAM 2M x 32 SDRAM
GLT5640L32-5 ETC-GLT5640L32-5 Datasheet
906Kb / 49P
   CMOS Synchronous DRAM 2M x 32 SDRAM
GLT5640L32-5.5 ETC-GLT5640L32-5.5 Datasheet
906Kb / 49P
   CMOS Synchronous DRAM 2M x 32 SDRAM
GLT5640L32-6 ETC-GLT5640L32-6 Datasheet
906Kb / 49P
   CMOS Synchronous DRAM 2M x 32 SDRAM
More results

Similar Description - GLT5640AL16P-10TC

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
HYB3164165BT SIEMENS-HYB3164165BT Datasheet
304Kb / 29P
   4M x 16-Bit Dynamic RAM
HYB3164160AT SIEMENS-HYB3164160AT Datasheet
216Kb / 26P
   4M x 16-Bit Dynamic RAM
HYB3164165AT SIEMENS-HYB3164165AT Datasheet
284Kb / 29P
   4M x 16-Bit Dynamic RAM
HYB3164160T SIEMENS-HYB3164160T Datasheet
367Kb / 26P
   4M x 16-Bit Dynamic RAM
HYB3164165T SIEMENS-HYB3164165T Datasheet
391Kb / 30P
   4M x 16-Bit Dynamic RAM
logo
Mosel Vitelic, Corp
V53C516400A MOSEL-V53C516400A Datasheet
172Kb / 24P
   4M x 4 FAST PAGE MODE CMOS DYNAMIC RAM
logo
Vanguard International ...
VG36128401A VML-VG36128401A Datasheet
940Kb / 69P
   CMOS Synchronous Dynamic RAM
logo
Siemens Semiconductor G...
HYB314100BJBJL-50- SIEMENS-HYB314100BJBJL-50- Datasheet
1Mb / 23P
   4M x 1-Bit Dynamic RAM Low Power 4M x 1-Bit Dynamic RAM
logo
Mosel Vitelic, Corp
V53C516405A MOSEL-V53C516405A Datasheet
170Kb / 24P
   4M X 4 EDO PAGE MODE CMOS DYNAMIC RAM
logo
List of Unclassifed Man...
VG36641641DT-6 ETC-VG36641641DT-6 Datasheet
1Mb / 69P
   CMOS Synchronous Dynamic RAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com