Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AMP01EX Datasheet(PDF) 5 Page - Analog Devices

Part # AMP01EX
Description  Low Noise, Precision Instrumentation Amplifier
Download  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AMP01EX Datasheet(HTML) 5 Page - Analog Devices

  AMP01EX Datasheet HTML 1Page - Analog Devices AMP01EX Datasheet HTML 2Page - Analog Devices AMP01EX Datasheet HTML 3Page - Analog Devices AMP01EX Datasheet HTML 4Page - Analog Devices AMP01EX Datasheet HTML 5Page - Analog Devices AMP01EX Datasheet HTML 6Page - Analog Devices AMP01EX Datasheet HTML 7Page - Analog Devices AMP01EX Datasheet HTML 8Page - Analog Devices AMP01EX Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 30 page
background image
AMP01
Data Sheet
Rev. E | Page 4 of 29
Test Conditions/Comments
AMP01A
AMP01B
Parameter
Symbol
Min
Typ
Max
Min
Typ
Max
Unit
INPUT
Input Resistance
RIN
Differential, G = 1000
1
1
Differential, G ≤ 100
10
10
Common mode, G = 1000
20
20
Input Voltage Range
IVR
TA = 25°C2
±10.5
±10.5
V
−55°C ≤ TA ≤ +125°C
±10.0
±10.0
V
Common-Mode Rejection
CMR
VCM = ±10 V, 1 kΩ source
imbalance
G = 1000
125
130
115
125
dB
G = 100
120
130
110
125
dB
G = 10
100
120
95
110
dB
G = 1
85
100
75
90
dB
−55°C ≤ TA ≤ +125°C
G = 1000
120
125
110
120
dB
G = 100
115
125
105
120
dB
G = 10
95
115
90
105
dB
G = 1
80
95
75
90
dB
1 VIOS and VOOS nulling have minimal affect on TCVIOS and TCVOOS, respectively.
2 Refer to the Common-Mode Rejection section.


Similar Part No. - AMP01EX

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AMP01EX AD-AMP01EX Datasheet
244Kb / 22P
   Low Noise, Precision Instrumentation Amplifier
REV. D
More results

Similar Description - AMP01EX

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AMP01 AD-AMP01_15 Datasheet
247Kb / 22P
   Low Noise, Precision Instrumentation Amplifier
AMP01 AD-AMP01 Datasheet
244Kb / 22P
   Low Noise, Precision Instrumentation Amplifier
REV. D
logo
Burr-Brown (TI)
INA118 BURR-BROWN-INA118 Datasheet
242Kb / 11P
   Precision, Low Power INSTRUMENTATION AMPLIFIER
logo
Texas Instruments
INA118U2K5 TI1-INA118U2K5 Datasheet
392Kb / 16P
[Old version datasheet]   Precision, Low Power INSTRUMENTATION AMPLIFIER
logo
API Technologies Corp
MN2310 APITECH-MN2310 Datasheet
1Mb / 7P
   Precision, Low-Noise JFET Instrumentation Amplifiers
logo
Burr-Brown (TI)
INA103 BURR-BROWN-INA103_07 Datasheet
282Kb / 14P
   Low Noise, Low Distortion INSTRUMENTATION AMPLIFIER
INA103 BURR-BROWN-INA103 Datasheet
297Kb / 12P
   Low Noise, Low Distortion INSTRUMENTATION AMPLIFIER
logo
Analog Devices
AD624 AD-AD624 Datasheet
691Kb / 15P
   Precision Instrumentation Amplifier
REV. C
logo
Burr-Brown (TI)
INA114AG BURR-BROWN-INA114AG Datasheet
430Kb / 13P
   Precision INSTRUMENTATION AMPLIFIER
logo
Analog Devices
AD624 AD-AD624_16 Datasheet
468Kb / 17P
   Precision Instrumentation Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com