Electronic Components Datasheet Search
Selected language     English  ▼
Part Name
         Description


ADA4960-1_16 Datasheet(PDF) 2 Page - Analog Devices

Part No. ADA4960-1_16
Description  5 GHz, Low Distortion ADC Driver/Line Driver
Download  21 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  AD [Analog Devices]
Homepage  http://www.analog.com
Logo 

 
 2 page
background image
ADA4960-1* Product Page Quick Links
Last Content Update: 11/01/2016
Comparable Parts
View a parametric search of comparable parts
Documentation
Application Notes
• AN-1026: High Speed Differential ADC Driver Design
Considerations
• AN-1363: Meeting Biasing Requirements of Externally
Biased RF/Microwave Amplifiers with Active Bias
Controllers
Data Sheet
• ADA4960-1: Low Distortion Ultrahigh Speed Differential
ADC Driver Preliminary Data Sheet
Tools and Simulations
• ADI DiffAmpCalc™
• ADA4960 SPICE Macro Model
• spice_ADA4960
Reference Designs
• CN0238
Reference Materials
Solutions Bulletins & Brochures
• Test & Instrumentation Solutions Bulletin, Volume 10,
Issue 3
Tutorials
• MT-218: Multiple Feedback Band-Pass Design Example
Design Resources
• ADA4960-1 Material Declaration
• PCN-PDN Information
• Quality And Reliability
• Symbols and Footprints
Discussions
View all ADA4960-1 EngineerZone Discussions
Sample and Buy
Visit the product page to see pricing options
Technical Support
Submit a technical question or find your regional support
number
* This page was dynamically generated by Analog Devices, Inc. and inserted into this data sheet. Note: Dynamic changes to
the content on this page does not constitute a change to the revision number of the product data sheet. This content may be
frequently modified.




Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21 


Datasheet Download




Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com 2003 - 2017    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl