Electronic Components Datasheet Search
Selected language     English  ▼
Part Name
         Description


ADA4960-1_16 Datasheet(PDF) 8 Page - Analog Devices

Part No. ADA4960-1_16
Description  5 GHz, Low Distortion ADC Driver/Line Driver
Download  21 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  AD [Analog Devices]
Homepage  http://www.analog.com
Logo 

 8 page
background image
ADA4960-1
Rev. 0 | Page 7 of 20
PIN CONFIGURATION AND FUNCTION DESCRIPTIONS
NOTES
1. NC = NO CONNECT.
2. EXPOSED PAD MUST BE CONNECTED TO GND.
12
11
10
1
3
4
VCC
VOP
VON
9
VCC
VIP
IIN
2
IIP
VIN
TOP VIEW
(Not to Scale)
ADA4960-1
Figure 4. Pin Configuration
Table 4. Pin Function Descriptions
Pin No.
Mnemonic
Description
1
VIP
Balanced Differential Input. This pin is internally biased to VCC/2.
2
IIP
Gain Setting Resistor. Connect RG between this pin and IIN.
3
IIN
Gain Setting Resistor. Connect RG between this pin and IIP.
4
VIN
Balanced Differential Input. This pin is internally biased to VCC/2.
5, 6
NC
Leave these pins unconnected.
7, 8, 9, 12
VCC
Positive 5 V Supply Pins.
10
VON
Balanced Differential Output. This pin is biased to the VOCM input voltage.
11
VOP
Balanced Differential Output. This pin is biased to the VOCM input voltage.
13
VOCM
This pin is internally biased at VCC/2. As an input, this pin sets the dc VOP and VON voltages.
14, 15
GND
Ground. Connect this pin to a low impedance ground.
16
PD
This pin grounded disables the part, and at 5 V, this pin turns the part on.
EPAD
The exposed pad must be connected to GND.




Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21 


Datasheet Download




Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com 2003 - 2017    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl