Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ADA4937-1 Datasheet(PDF) 11 Page - Analog Devices

Part # ADA4937-1
Description  Ultralow Distortion Differential ADC Driver
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADA4937-1 Datasheet(HTML) 11 Page - Analog Devices

Back Button ADA4937-1_16 Datasheet HTML 7Page - Analog Devices ADA4937-1_16 Datasheet HTML 8Page - Analog Devices ADA4937-1_16 Datasheet HTML 9Page - Analog Devices ADA4937-1_16 Datasheet HTML 10Page - Analog Devices ADA4937-1_16 Datasheet HTML 11Page - Analog Devices ADA4937-1_16 Datasheet HTML 12Page - Analog Devices ADA4937-1_16 Datasheet HTML 13Page - Analog Devices ADA4937-1_16 Datasheet HTML 14Page - Analog Devices ADA4937-1_16 Datasheet HTML 15Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 28 page
background image
Data Sheet
ADA4937-1/ADA4937-2
Rev. F | Page 11 of 28
3
–12
–9
–6
–3
0
1
10
100
1000
FREQUENCY (MHz)
VOCM = 1.0V
VOCM = 2.5V
VOCM = 3.9V
Figure 19. Small Signal Frequency Response for Various VOCM
FREQUENCY (MHz)
–0.5
–0.4
–0.3
–0.2
–0.1
0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
1.0
1.1
1.2
1.3
1.4
1.5
1
10
100
1000
RL = 1kΩ, ADA4937-1
RL = 100Ω, ADA4937-1
RL = 1kΩ, ADA4937-2
RL = 100Ω, ADA4937-2
Figure 20. 0.1 dB Flatness Response for Various Loads
–55
–60
–65
–70
–75
–80
–85
–90
–95
–100
–105
–110
–115
1
10
100
FREQUENCY (MHz)
HD2, VS = 5.0V
HD3, VS = 5.0V
HD2, VS = 3.3V
HD3, VS = 3.3V
Figure 21. Harmonic Distortion vs. Frequency and Supply Voltage
–50
–60
–70
–80
–90
–100
–110
–120
1
10
100
FREQUENCY (MHz)
HD2, G = +1, RF = 200Ω
HD3, G = +1, RF = 200Ω
HD2, G = +2, RF = 402Ω
HD3, G = +2, RF = 402Ω
Figure 22. Harmonic Distortion vs. Frequency and Gain
–50
–60
–70
–80
–90
–100
–110
–120
1
10
100
FREQUENCY (MHz)
HD2, RL = 1kΩ
HD3, RL = 1kΩ
HD2, RL = 200Ω
HD3, RL = 200Ω
Figure 23. Harmonic Distortion vs. Frequency and Load
–50
–60
–70
–80
–90
–100
–110
–130
–120
–1
7
6
5
4
3
2
1
0
VOUT (V)
HD2, VS = 3.3V
HD3, VS = 3.3V
HD2, VS = 5.0V
HD3, VS = 5.0V
Figure 24. Harmonic Distortion vs. VOUT and Supply Voltage


Similar Part No. - ADA4937-1_16

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADA4937-1 AD-ADA4937-1_15 Datasheet
959Kb / 29P
   Ultralow Distortion Differential ADC Driver
Rev. D
More results

Similar Description - ADA4937-1_16

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADA4937-1 AD-ADA4937-1_07 Datasheet
627Kb / 28P
   Ultralow Distortion, Differential ADC Driver
REV. 0
ADA4938-2 AD-ADA4938-2_15 Datasheet
573Kb / 28P
   Ultralow Distortion Differential ADC Driver
REV. A
ADA4937-2 AD-ADA4937-2_15 Datasheet
959Kb / 29P
   Ultralow Distortion Differential ADC Driver
Rev. D
ADA4937-1 AD-ADA4937-1_15 Datasheet
959Kb / 29P
   Ultralow Distortion Differential ADC Driver
Rev. D
ADA4938-1 AD-ADA4938-1_16 Datasheet
598Kb / 26P
   Ultralow Distortion Differential ADC Driver
ADA4938-1 AD-ADA4938-1_15 Datasheet
573Kb / 28P
   Ultralow Distortion Differential ADC Driver
REV. A
ADA4939-1 AD-ADA4939-1 Datasheet
628Kb / 24P
   Ultralow Distortion Differential ADC Driver
REV. 0
ADA4939-1 AD-ADA4939-1_16 Datasheet
590Kb / 24P
   Ultralow Distortion, Differential ADC Driver
ADA4927-1 AD-ADA4927-1 Datasheet
834Kb / 24P
   Ultralow Distortion Current Feedback Differential ADC Driver
REV. 0
ADA4927-1 AD-ADA4927-1_16 Datasheet
736Kb / 25P
   Ultralow Distortion Current Feedback Differential ADC Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com