Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PIC16(L)F18323 Datasheet(PDF) 2 Page - Microchip Technology

Part # PIC16(L)F18323
Description  HIGH-VOLTAGE ICSP PROGRAMMING
Download  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC16(L)F18323 Datasheet(HTML) 2 Page - Microchip Technology

  PIC16(L)F18323 Datasheet HTML 1Page - Microchip Technology PIC16(L)F18323 Datasheet HTML 2Page - Microchip Technology PIC16(L)F18323 Datasheet HTML 3Page - Microchip Technology PIC16(L)F18323 Datasheet HTML 4Page - Microchip Technology PIC16(L)F18323 Datasheet HTML 5Page - Microchip Technology PIC16(L)F18323 Datasheet HTML 6Page - Microchip Technology PIC16(L)F18323 Datasheet HTML 7Page - Microchip Technology PIC16(L)F18323 Datasheet HTML 8Page - Microchip Technology PIC16(L)F18323 Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 44 page
background image
PIC16(L)F183XX
DS40001738D-page 2
 2014-2016 Microchip Technology Inc.
1.2.3
MULTI-WORD PROGRAMMING INTERFACE
Program Flash memory panels include up to a 32-word (one row) programming interface. The row to be programmed
must first be erased either with a Bulk Erase or a Row Erase.
1.3
Hardware Requirements
1.3.1
HIGH-VOLTAGE ICSP PROGRAMMING
In High-Voltage ICSP mode, the device requires two programmable power supplies: one for VDD and one for the MCLR/
VPP pin.
1.3.2
LOW-VOLTAGE ICSP PROGRAMMING
In Low-Voltage ICSP mode, the device can be programmed using a single VDD source in the operating range. The
MCLR/VPP pin does not have to be brought to a different voltage, but can instead be left at the normal operating voltage.
1.3.2.1
Single-Supply ICSP Programming
The LVP bit enables single-supply (low-voltage) ICSP programming. The LVP bit defaults to a ‘1’ (enabled) from the
factory. The LVP bit may only be programmed to ‘0’ by entering the High-Voltage ICSP mode, where the MCLR/VPP pin
is raised to VIHH. Once the LVP bit is programmed to a ‘0’, only the High-Voltage ICSP mode is available and only the
High-Voltage ICSP mode can be used to program the device.
1.4
Pin Utilization
Five pins are needed for ICSP programming. The pins are listed in Table 1-3. For pin locations and packaging
information please refer to Table B-2 through Table E-2.
Note 1: The High-Voltage ICSP mode is always available, regardless of the state of the LVP bit, by applying VIHH
to the MCLR/VPP pin.
2: While in Low-Voltage ICSP mode, MCLR is always enabled, regardless of the MCLRE bit, and the port
pin can no longer be used as a general purpose input.
TABLE 1-3:
PIN DESCRIPTIONS DURING PROGRAMMING
Pin Name
During Programming
Function
Pin Type
Pin Description
ICSPCLK
ICSPCLK
I
Clock Input – Schmitt Trigger Input
ICSPDAT
ICSPDAT
I/O
Data Input/Output – Schmitt Trigger Input
MCLR/VPP
Program/Verify mode
P(1)
Program Mode Select
VDD
VDD
P
Power Supply
VSS
VSS
P
Ground
Legend: I = Input, O = Output, P = Power
Note 1:
The programming high voltage is internally generated. To activate the Program/Verify mode, high voltage
needs to be applied to MCLR input. Since the MCLR is used for a level source, MCLR does not draw any
significant current.


Similar Part No. - PIC16(L)F18323

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
PIC16(L)F18323 MICROCHIP-PIC16(L)F18323 Datasheet
1Mb / 2P
   17 channel 10-bit Analog-to-Digital Converter (ADC)
10/15
More results

Similar Description - PIC16(L)F18323

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
PIC12LF1612 MICROCHIP-PIC12LF1612 Datasheet
359Kb / 38P
   HIGH-VOLTAGE ICSP PROGRAMMING
03/25/14
PIC12LF1571 MICROCHIP-PIC12LF1571 Datasheet
543Kb / 32P
   HIGH-VOLTAGE ICSP PROGRAMMING
11/29/12
logo
Altera Corporation
EN5336QI ALTERA-EN5336QI Datasheet
471Kb / 15P
   Output Voltage Programming
EN5366QI ALTERA-EN5366QI Datasheet
1Mb / 16P
   External Output Voltage Programming
logo
Lineage Power Corporati...
AN04-005 LINEAGEPOWER-AN04-005 Datasheet
187Kb / 4P
   Margining and Voltage Programming
logo
Agilent(Hewlett-Packard...
U2722A HP-U2722A Datasheet
672Kb / 15P
   Voltage and current programming and readback
logo
Aries Electronics, Inc.
T-680 ARIES-T-680 Datasheet
380Kb / 1P
   Programming Tool
logo
Pepperl+Fuchs Inc.
UC-PROG1-USB PF-UC-PROG1-USB Datasheet
6Mb / 4P
   Programming adapter
logo
Tyco Electronics
2-1437507-0 MACOM-2-1437507-0 Datasheet
181Kb / 1P
   PROGRAMMING PLUG
logo
M-System Co.,Ltd.
PU-2A MSYSTEM-PU-2A Datasheet
98Kb / 2P
   PROGRAMMING UNIT
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com