Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PIC16LF18313 Datasheet(PDF) 11 Page - Microchip Technology

Part # PIC16LF18313
Description  HIGH-VOLTAGE ICSP PROGRAMMING
Download  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC16LF18313 Datasheet(HTML) 11 Page - Microchip Technology

Back Button PIC16LF18313 Datasheet HTML 7Page - Microchip Technology PIC16LF18313 Datasheet HTML 8Page - Microchip Technology PIC16LF18313 Datasheet HTML 9Page - Microchip Technology PIC16LF18313 Datasheet HTML 10Page - Microchip Technology PIC16LF18313 Datasheet HTML 11Page - Microchip Technology PIC16LF18313 Datasheet HTML 12Page - Microchip Technology PIC16LF18313 Datasheet HTML 13Page - Microchip Technology PIC16LF18313 Datasheet HTML 14Page - Microchip Technology PIC16LF18313 Datasheet HTML 15Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 44 page
background image
 2014-2016 Microchip Technology Inc.
DS40001738D-page 11
PIC16(L)F183XX
3.1.3.6
Begin Internally Timed Programming
A Load Configuration or Load Data for NVM command must be given before every Begin Programming command.
Programming of the addressed memory will begin after this command is received. An internal timing mechanism
executes the write. The user must allow for the program cycle time, TPINT, in order for the programming to complete.
End Externally Timed Programming command is not needed when the Begin Internally Timed Programming is used to
start the programming.
The program memory address that is being programmed is not erased prior to being programmed (see Figure 3-8).
FIGURE 3-8:
BEGIN INTERNALLY TIMED PROGRAMMING
3.1.3.7
Begin Externally Timed Programming
A Load Configuration or Load Data for NVM command must be given before every Begin Programming command.
Programming of the addressed memory will begin after this command is received. To complete the programming, the
End Externally Timed Programming command must be sent in the specified time window defined by TPEXT (see
Figure 3-9).
Externally timed writes are not supported for Configuration and Calibration bits. Any externally timed write to the
Configuration or Calibration Word will have no effect on the targeted word.
FIGURE 3-9:
BEGIN EXTERNALLY TIMED PROGRAMMING
3.1.3.8
End Programming
This command is required after a Begin Externally Timed Programming command is given. This command must be sent
within the time window specified by TPEXT after the Begin Externally Timed Programming command is sent.
After sending the End Programming command, an additional delay (TDIS) is required before sending the next command.
This delay is longer than the delay ordinarily required between other commands (see Figure 3-10).
FIGURE 3-10:
END PROGRAMMING
123456
1
123
0
0
0
0
X
XXX
TPINT
ICSPCLK
ICSPDAT
Next Command
123456
1
123
000
1
X
0
TPEXT
ICSPCLK
ICSPDAT
End Programming
Command
0
1
Begin Externally Timed
Programming Command
123456
1
123
010
0
X
X
X
X
TDIS
ICSPCLK
ICSPDAT
Next Command


Similar Part No. - PIC16LF18313

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
PIC16LF1823 MICROCHIP-PIC16LF1823 Datasheet
4Mb / 398P
   8/14-Pin Flash Microcontrollers with nanoWatt XLP Technology
2010
PIC16LF1823 MICROCHIP-PIC16LF1823 Datasheet
7Mb / 440P
   18/20/28-Pin Flash Microcontrollers with XLP Technology
11/29/12 2011-2013
PIC16LF1823 MICROCHIP-PIC16LF1823 Datasheet
6Mb / 410P
   8-Pin Flash Microcontrollers with XLP Technology
2011-2012 11/29/12
PIC16LF1823 MICROCHIP-PIC16LF1823 Datasheet
8Mb / 448P
   14/20-Pin Flash Microcontrollers with XLP Technology
11/29/11
PIC16LF1823 MICROCHIP-PIC16LF1823 Datasheet
7Mb / 440P
   18/20/28-Pin Flash Microcontrollers with XLP Technology
11/29/12
More results

Similar Description - PIC16LF18313

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
PIC12LF1612 MICROCHIP-PIC12LF1612 Datasheet
359Kb / 38P
   HIGH-VOLTAGE ICSP PROGRAMMING
03/25/14
PIC12LF1571 MICROCHIP-PIC12LF1571 Datasheet
543Kb / 32P
   HIGH-VOLTAGE ICSP PROGRAMMING
11/29/12
logo
Altera Corporation
EN5336QI ALTERA-EN5336QI Datasheet
471Kb / 15P
   Output Voltage Programming
EN5366QI ALTERA-EN5366QI Datasheet
1Mb / 16P
   External Output Voltage Programming
logo
Lineage Power Corporati...
AN04-005 LINEAGEPOWER-AN04-005 Datasheet
187Kb / 4P
   Margining and Voltage Programming
logo
Agilent(Hewlett-Packard...
U2722A HP-U2722A Datasheet
672Kb / 15P
   Voltage and current programming and readback
logo
Aries Electronics, Inc.
T-680 ARIES-T-680 Datasheet
380Kb / 1P
   Programming Tool
logo
Pepperl+Fuchs Inc.
UC-PROG1-USB PF-UC-PROG1-USB Datasheet
6Mb / 4P
   Programming adapter
logo
Tyco Electronics
2-1437507-0 MACOM-2-1437507-0 Datasheet
181Kb / 1P
   PROGRAMMING PLUG
logo
M-System Co.,Ltd.
PU-2A MSYSTEM-PU-2A Datasheet
98Kb / 2P
   PROGRAMMING UNIT
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com