Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PIC12LF1571 Datasheet(PDF) 11 Page - Microchip Technology

Part # PIC12LF1571
Description  HIGH-VOLTAGE ICSP PROGRAMMING
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC12LF1571 Datasheet(HTML) 11 Page - Microchip Technology

Back Button PIC12LF1571 Datasheet HTML 7Page - Microchip Technology PIC12LF1571 Datasheet HTML 8Page - Microchip Technology PIC12LF1571 Datasheet HTML 9Page - Microchip Technology PIC12LF1571 Datasheet HTML 10Page - Microchip Technology PIC12LF1571 Datasheet HTML 11Page - Microchip Technology PIC12LF1571 Datasheet HTML 12Page - Microchip Technology PIC12LF1571 Datasheet HTML 13Page - Microchip Technology PIC12LF1571 Datasheet HTML 14Page - Microchip Technology PIC12LF1571 Datasheet HTML 15Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 32 page
background image
 2013 Microchip Technology Inc.
DS40001713A-page 11
PIC12(L)F1571/2
4.3.1
LOAD CONFIGURATION
The Load Configuration command is used to access
the configuration memory (User ID Locations,
Configuration Words, Calibration Words). The Load
Configuration command sets the address to 8000h and
loads the data latches with one word of data (see
Figure 4-1).
After issuing the Load Configuration command, use the
Increment Address command until the proper address
to be programmed is reached. The address is then
programmed by issuing either the Begin Internally
Timed Programming or Begin Externally Timed
Programming command.
The only way to get back to the program memory
(address 0) is to exit Program/Verify mode or issue the
Reset Address command after the configuration memory
has been accessed by the Load Configuration command.
FIGURE 4-1:
LOAD CONFIGURATION
4.3.2
LOAD DATA FOR PROGRAM
MEMORY
The Load Data for Program Memory command is used to
load one 14-bit word into the data latches. The word
programs into program memory after the Begin Internally
Timed Programming or Begin Externally Timed
Programming command is issued (see Figure 4-2).
FIGURE 4-2:
LOAD DATA FOR PROGRAM MEMORY
Note:
Externally timed writes are not supported
for Configuration and Calibration bits. Any
externally timed write to the Configuration
or Calibration Word will have no effect on
the targeted word.
X
00
LSb
MSb 0
12
3
4
5
61
2
15
16
ICSPCLK
ICSPDAT
0
0
0
0
TDLY
ICSPCLK
ICSPDAT
12
3
4
5
6
12
15
16
X
00
LSb
MSb 0
0
1
0
0
TDLY


Similar Part No. - PIC12LF1571

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
PIC12LF1501 MICROCHIP-PIC12LF1501 Datasheet
129Kb / 10P
   8/14/20-Pin, 8-Bit Flash Microcontrollers Product Brief
2011
PIC12LF1501 MICROCHIP-PIC12LF1501 Datasheet
6Mb / 422P
   20-Pin Flash, 8-Bit Microcontrollers with XLP Technology
11/29/12 2011-2013
PIC12LF1501-E-MC MICROCHIP-PIC12LF1501-E-MC Datasheet
2Mb / 279P
   8-Pin Flash, 8-Bit Microcontrollers
2011
PIC12LF1501-I-MC MICROCHIP-PIC12LF1501-I-MC Datasheet
2Mb / 279P
   8-Pin Flash, 8-Bit Microcontrollers
2011
PIC12LF1501T-EMCQTP MICROCHIP-PIC12LF1501T-EMCQTP Datasheet
3Mb / 278P
   8-Pin Flash, 8-Bit Microcontrollers
08/02/11
More results

Similar Description - PIC12LF1571

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
PIC12LF1612 MICROCHIP-PIC12LF1612 Datasheet
359Kb / 38P
   HIGH-VOLTAGE ICSP PROGRAMMING
03/25/14
PIC16LF18313 MICROCHIP-PIC16LF18313 Datasheet
487Kb / 44P
   HIGH-VOLTAGE ICSP PROGRAMMING
07/14/15
logo
Altera Corporation
EN5336QI ALTERA-EN5336QI Datasheet
471Kb / 15P
   Output Voltage Programming
EN5366QI ALTERA-EN5366QI Datasheet
1Mb / 16P
   External Output Voltage Programming
logo
Lineage Power Corporati...
AN04-005 LINEAGEPOWER-AN04-005 Datasheet
187Kb / 4P
   Margining and Voltage Programming
logo
Agilent(Hewlett-Packard...
U2722A HP-U2722A Datasheet
672Kb / 15P
   Voltage and current programming and readback
logo
Aries Electronics, Inc.
T-680 ARIES-T-680 Datasheet
380Kb / 1P
   Programming Tool
logo
Pepperl+Fuchs Inc.
UC-PROG1-USB PF-UC-PROG1-USB Datasheet
6Mb / 4P
   Programming adapter
logo
Tyco Electronics
2-1437507-0 MACOM-2-1437507-0 Datasheet
181Kb / 1P
   PROGRAMMING PLUG
logo
M-System Co.,Ltd.
PU-2A MSYSTEM-PU-2A Datasheet
98Kb / 2P
   PROGRAMMING UNIT
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com