Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

G960T43U Datasheet(PDF) 7 Page - List of Unclassifed Manufacturers

Part # G960T43U
Description  3.3V 1A Low Dropout Regulator
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

G960T43U Datasheet(HTML) 7 Page - List of Unclassifed Manufacturers

  G960T43U Datasheet HTML 1Page - List of Unclassifed Manufacturers G960T43U Datasheet HTML 2Page - List of Unclassifed Manufacturers G960T43U Datasheet HTML 3Page - List of Unclassifed Manufacturers G960T43U Datasheet HTML 4Page - List of Unclassifed Manufacturers G960T43U Datasheet HTML 5Page - List of Unclassifed Manufacturers G960T43U Datasheet HTML 6Page - List of Unclassifed Manufacturers G960T43U Datasheet HTML 7Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 7 / 7 page
background image
Ver: 1.4
Jul 31, 2001
TEL: 886-3-5788833
http://www.gmt.com.tw
7
G960
Global Mixed-mode Technology Inc.
SOT-223 (T6) Package
MILLIMETERS
INCHES
SYMBOLS
MIN
MAX
MIN
MAX
A
1.55
1.80
0.061
0.071
A1
0.02
0.12
0.0008
0.0047
B
0.60
0.80
0.024
0.031
B1
2.90
3.10
0.114
0.122
C
0.24
0.32
0.009
0.013
D
6.30
6.70
0.248
0.264
E
3.30
3.70
0.130
0.146
e
2.30 BSC
0.090 BSC
e1
4.60 BSC
0.181 BSC
H
6.70
7.30
0.264
0.287
L
0.90 MIN
0.036 MIN
L2
0.06 BSC
0.0024 BSC
α
10º
10º
Package Orientation
A
B
13
°(4X)
A1
e1
e
E
B1
D
H
C
α
13
°(4X)
L2
L
Feed Direction
SOT 223 Package Orientation
Feed Direction
SOT 223 Package Orientation
Feed Direction
TO 220、
、252 、
、263 Package Orientation
Feed Direction
TO 220、
、252 、
、263 Package Orientation


Similar Part No. - G960T43U

ManufacturerPart #DatasheetDescription
logo
Global Mixed-mode Techn...
G960 GMT-G960 Datasheet
56Kb / 1P
   3.3V 1A Low Dropout Regulator
More results

Similar Description - G960T43U

ManufacturerPart #DatasheetDescription
logo
Global Mixed-mode Techn...
G960 GMT-G960 Datasheet
56Kb / 1P
   3.3V 1A Low Dropout Regulator
logo
Silicon Standard Corp.
SS8027G SSC-SS8027G Datasheet
299Kb / 10P
   3.3V 1A Low Dropout Regulator
logo
Global Mixed-mode Techn...
G9133 GMT-G9133 Datasheet
232Kb / 8P
   3.3V 1A Low Dropout Regulator with Disable
logo
International Rectifier
IRU1010-33 IRF-IRU1010-33 Datasheet
76Kb / 8P
   1A LOW DROPOUT POSITIVE FIXED 3.3V REGULATOR
logo
Allegro MicroSystems
SI-3006KWD ALLEGRO-SI-3006KWD Datasheet
441Kb / 9P
   1A, Low-Dropout, Dual Output, 1.8V & 3.3V Regulator
logo
List of Unclassifed Man...
EP1117 ETC1-EP1117 Datasheet
245Kb / 8P
   1A Low Dropout Regulator
logo
National Semiconductor ...
LM2940 NSC-LM2940 Datasheet
504Kb / 19P
   1A Low Dropout Regulator
logo
Global Mixed-mode Techn...
AT9910 GMT-AT9910 Datasheet
63Kb / 1P
   1A Low Dropout Regulator
AT9911 GMT-AT9911 Datasheet
64Kb / 1P
   1A Low Dropout Regulator
logo
Texas Instruments
LM2940-N TI1-LM2940-N_16 Datasheet
2Mb / 37P
[Old version datasheet]   1A Low Dropout Regulator
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com