Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LX8211-30ISE Datasheet(PDF) 8 Page - Microsemi Corporation

Part # LX8211-30ISE
Description  150mA CMOS Low Dropout Regulator
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

LX8211-30ISE Datasheet(HTML) 8 Page - Microsemi Corporation

  LX8211-30ISE Datasheet HTML 1Page - Microsemi Corporation LX8211-30ISE Datasheet HTML 2Page - Microsemi Corporation LX8211-30ISE Datasheet HTML 3Page - Microsemi Corporation LX8211-30ISE Datasheet HTML 4Page - Microsemi Corporation LX8211-30ISE Datasheet HTML 5Page - Microsemi Corporation LX8211-30ISE Datasheet HTML 6Page - Microsemi Corporation LX8211-30ISE Datasheet HTML 7Page - Microsemi Corporation LX8211-30ISE Datasheet HTML 8Page - Microsemi Corporation LX8211-30ISE Datasheet HTML 9Page - Microsemi Corporation  
Zoom Inzoom in Zoom Outzoom out
 8 / 9 page
background image
Microsemi
Integrated Products Division
11861 Western Avenue, Garden Grove, CA. 92841, 714-898-8121, Fax: 714-893-2570
Page 8
Copyright
 2000
Rev. 1.0b, 2002-07-02
LX8211
150mA CMOS Low Dropout Regulator
PRODUCTION DATA SHEET
INTEGR A T E D
PR ODU C T S
PACKAGE D I M E NSI O N
PACKAGE D I M E NSI O N
PACKAGE D I M E NSI O N
PACKAGE D I M E NSI O N
SE
5 Pin Plastic SOT-23
H
G
F
E
A1
J
I
C
K
A
B
D
Note:
1. Dimensions do not include mold flash or protrusions;
these shall not exceed 0.155mm(.006”) on any side.
Lead dimension shall not include solder coverage.
MILLIMETERS
INCHES
Dim
MIN
MAX
MIN
MAX
A
0.90
1.30
0.035
0.051
A1
0.90
1.45
0.035
0.057
B
0.25
0.50
0.010
0.020
C
0.09
0.20
0.004
0.008
D
2.80
3.10
0.110
0.122
E
1.50
1.75
0.059
0.069
F
0.95 BSC
0.038 BSC
G
1.90 BSC
0.075 BSC
H
2.60
3.00
0.102
0.118
I
0.35
0.55
0.014
0.022
J
0.00
0.15
0.000
0.006
K
10° MAX
10° MAX


Similar Part No. - LX8211-30ISE

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
LX8211-30ISE MICROSEMI-LX8211-30ISE Datasheet
298Kb / 9P
   150mA CMOS Low Dropout Regulator
LX8211-30ISE-TR MICROSEMI-LX8211-30ISE-TR Datasheet
298Kb / 9P
   150mA CMOS Low Dropout Regulator
More results

Similar Description - LX8211-30ISE

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
LX8211 MICROSEMI-LX8211_07 Datasheet
298Kb / 9P
   150mA CMOS Low Dropout Regulator
logo
Asahi Kasei Microsystem...
AME8750 AKM-AME8750 Datasheet
150Kb / 15P
   Low-Dropout 150mA / 150mA Dual CMOS Regulator
logo
Microsemi Corporation
LX8221 MICROSEMI-LX8221_06 Datasheet
201Kb / 9P
   Dual 150mA CMOS Low Dropout Regulator
logo
California Micro Device...
CM3014 CALMIRCO-CM3014 Datasheet
250Kb / 10P
   MICROPOWER, 150MA LOW DROPOUT CMOS REGULATOR
logo
Microsemi Corporation
LX8221 MICROSEMI-LX8221 Datasheet
218Kb / 9P
   Dual 150mA CMOS Low Dropout Regulator
logo
National Semiconductor ...
LP5951 NSC-LP5951 Datasheet
606Kb / 10P
   Micropower, 150mA Low-Dropout CMOS Voltage Regulator
logo
Texas Instruments
LP5951 TI1-LP5951_14 Datasheet
1Mb / 26P
[Old version datasheet]   Micropower, 150mA Low-Dropout CMOS Voltage Regulator
logo
California Micro Device...
CMPWR163-33 CALMIRCO-CMPWR163-33 Datasheet
196Kb / 9P
   Micropower, 150mA / 3.3V Low Dropout CMOS Regulator
logo
AiT Semiconductor Inc.
A6150 AITSEMI-A6150 Datasheet
524Kb / 11P
   LOW DROPOUT VOLTAGE REGULATOR 150mA CMOS LOW NOISE
REV1.3
logo
Microsemi Corporation
LX8211A MICROSEMI-LX8211A Datasheet
269Kb / 9P
   150mA Low Dropout Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com