Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

EMX-303L2 Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # EMX-303L2
Description  Magnetic transducer Buzzer
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

EMX-303L2 Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  EMX-303L2 Datasheet HTML 1Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Magnetic transducer Buzzer
EMX-300 Series
FEATURES:
Low current consumption
q
Compact
q
Rich sound
q
DIMENSIONS: (Unit: mm)
CHARACTERISTICS:
ELECTRICAL SPECIFICATIONS:
Model No.
EMX-301L1
/L2/P2/P4
EMX-303L1
/L2/P2/P4
EMX-306L1
/L2/P2/P4
EMX-309L1
/L2/P2/P4
EMX-312L1
/L2/P2/P4
EMX-324L1
/L2/P2/P4
Min. Sound Pressure Level (dB)
70/
Rated Voltage /30cm
75/
Rated Voltage /30cm
Rated Voltage (V)
1.5
3
6
9
12
24
Operating Voltage (V)
1 ~ 3
2 ~ 4
4 ~ 8
9 ~ 12
9 ~ 15
15 ~ 27
Rated Current (mA)
20
25
30
Resonant Frequency (Hz)
400
50
Operating Temperature (ºC)
-20 ~ +70
Weight (g)
8
PACKING INFORMATION :
¡¡
LTYPE
P-TYPE
Packing :
2000 pcs per export carton
1500 pcs per export carton
Carton Size :
47 X 30.5 X 35 cm
47 X 30.5 X 35 cm
G. Weight:
19.5 kgs
14.0 kgs
N. Weight :
18.0 kgs
12.0 kgs
2-PIN(P2) TYPE
4-PIN(P4) TYPE
L1 TYPE
L2 TYPE


Similar Part No. - EMX-303L2

ManufacturerPart #DatasheetDescription
logo
Vectron International, ...
EMX-380 VECTRON-EMX-380 Datasheet
295Kb / 6P
   4 Pin DIP & SMD Evacuated Miniature Crystal Oscillator
More results

Similar Description - EMX-303L2

ManufacturerPart #DatasheetDescription
logo
CUI INC
CCV-084B16-SMT CUI-CCV-084B16-SMT Datasheet
432Kb / 3P
   MAGNETIC BUZZER TRANSDUCER
CMT-5023S-SMT CUI-CMT-5023S-SMT Datasheet
960Kb / 4P
   MAGNETIC BUZZER TRANSDUCER
CSS-0578-SMT CUI-CSS-0578-SMT Datasheet
337Kb / 3P
   MAGNETIC BUZZER TRANSDUCER
CT-1205H-SMT CUI-CT-1205H-SMT Datasheet
345Kb / 3P
   MAGNETIC BUZZER TRANSDUCER
CMT-8540S-SMT-TR CUI-CMT-8540S-SMT-TR Datasheet
642Kb / 4P
   MAGNETIC BUZZER TRANSDUCER
11/22/2019
CEM-1201 CUI-CEM-1201_V01 Datasheet
401Kb / 3P
   MAGNETIC BUZZER TRANSDUCER
12/20/2019
CSS-0578-SMT-TR CUI-CSS-0578-SMT-TR Datasheet
488Kb / 4P
   MAGNETIC BUZZER TRANSDUCER
01/06/2020
CSS-73B16K-SMT-TR CUI-CSS-73B16K-SMT-TR Datasheet
563Kb / 4P
   MAGNETIC BUZZER TRANSDUCER
03/22/2021
CMT-8530S-SMT-TR CUI-CMT-8530S-SMT-TR_V01 Datasheet
531Kb / 5P
   MAGNETIC BUZZER TRANSDUCER
03/02/2021
CSS-0575A-SMT-TR CUI-CSS-0575A-SMT-TR Datasheet
486Kb / 4P
   MAGNETIC BUZZER TRANSDUCER
01/06/2020
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com