Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BGU7224 Datasheet(PDF) 11 Page - NXP Semiconductors

Part # BGU7224
Description  Integrated concurrent 5 GHz notch filter
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

BGU7224 Datasheet(HTML) 11 Page - NXP Semiconductors

Back Button BGU7224 Datasheet HTML 7Page - NXP Semiconductors BGU7224 Datasheet HTML 8Page - NXP Semiconductors BGU7224 Datasheet HTML 9Page - NXP Semiconductors BGU7224 Datasheet HTML 10Page - NXP Semiconductors BGU7224 Datasheet HTML 11Page - NXP Semiconductors BGU7224 Datasheet HTML 12Page - NXP Semiconductors BGU7224 Datasheet HTML 13Page - NXP Semiconductors BGU7224 Datasheet HTML 14Page - NXP Semiconductors BGU7224 Datasheet HTML 15Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 20 page
background image
BGU7224
All information provided in this document is subject to legal disclaimers.
© NXP Semiconductors N.V. 2014. All rights reserved.
Product data sheet
Rev. 2 — 15 December 2014
11 of 20
NXP Semiconductors
BGU7224
2.4 GHz ISM SiGe:C low-noise amplifier MMIC with bypass
VCC = 3.3 V; VI(CTRL) = 0 V; bypass mode
(1) Tamb = 40 C
(2) Tamb = +25 C
(3) Tamb = +85 C
VCC = 3.3 V; VI(CTRL) = 0 V; bypass mode
(1) Tamb = 40 C
(2) Tamb = +25 C
(3) Tamb = +85 C
Fig 22. Forward transmission coefficient as a function
of frequency at different ambient temperatures
Fig 23. Forward transmission coefficient as a function
of frequency at different ambient temperatures
VCC = 3.3 V; VI(CTRL) = 0 V; bypass mode
(1) Tamb = 40 C
(2) Tamb = +25 C
(3) Tamb = +85 C
VCC = 3.3 V; VI(CTRL) = 0 V; bypass mode
(1) Tamb = 40 C
(2) Tamb = +25 C
(3) Tamb = +85 C
Fig 24. Output reflection coefficient as a function of
frequency at different ambient temperatures
Fig 25. Output reflection coefficient as a function of
frequency at different ambient temperatures


Similar Part No. - BGU7224

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BGU7258 NXP-BGU7258 Datasheet
419Kb / 21P
   Fully integrated, high performance LNA with built-in bypass
Rev. 2-30 October 2014
More results

Similar Description - BGU7224

ManufacturerPart #DatasheetDescription
logo
KR Electronics, Inc.
2606-SMA KR-2606-SMA Datasheet
93Kb / 3P
   5 MHz Notch Filter
3222-SMA KR-3222-SMA Datasheet
69Kb / 2P
   5 MHz Notch Filter
2409 KR-2409 Datasheet
19Kb / 2P
   Notch Filter
2355-50 KR-2355-50 Datasheet
19Kb / 2P
   Notch Filter
2489-3 KR-2489-3 Datasheet
20Kb / 2P
   Notch Filter
2489-4 KR-2489-4 Datasheet
18Kb / 2P
   Notch Filter
2497 KR-2497 Datasheet
20Kb / 2P
   Notch Filter
2520-3 KR-2520-3 Datasheet
46Kb / 2P
   Notch Filter
2520-8 KR-2520-8 Datasheet
44Kb / 2P
   Notch Filter
2489-7 KR-2489-7 Datasheet
18Kb / 2P
   Notch Filter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com