Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SA57000-28UK Datasheet(PDF) 2 Page - NXP Semiconductors

Part # SA57000-28UK
Description  CapFREEE 150 mA, low-noise, low dropout regulator with thermal protection
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

SA57000-28UK Datasheet(HTML) 2 Page - NXP Semiconductors

  SA57000-28UK Datasheet HTML 1Page - NXP Semiconductors SA57000-28UK Datasheet HTML 2Page - NXP Semiconductors SA57000-28UK Datasheet HTML 3Page - NXP Semiconductors SA57000-28UK Datasheet HTML 4Page - NXP Semiconductors SA57000-28UK Datasheet HTML 5Page - NXP Semiconductors SA57000-28UK Datasheet HTML 6Page - NXP Semiconductors SA57000-28UK Datasheet HTML 7Page - NXP Semiconductors SA57000-28UK Datasheet HTML 8Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
Philips Semiconductors
Product data
SA57000-XX
CapFREE
™ 150 mA, low-noise, low dropout regulator
with thermal protection
2
2001 Aug 27
853–2265 26991
GENERAL DESCRIPTION
The CapFREE
™ SA57000 is the first in a new family of unique low
dropout regulators. It needs no external capacitors, offers a low
output noise voltage of 30
µVRMS, and an ultra-low dropout voltage
of 55 mV @ 50 mA output current. To accommodate high density
layouts, it is packaged in the small footprint 5 leaded SOT23-5 (SO5).
It is ideal for all portable and cellular phone applications.
Additional features include power and thermal shutdown, output
current limitation, power OK status, thermal warning, and external
logic-controlled on-off via the PWRON pin.
FEATURES
CapFREE: No output capacitor needed, stable for all capacitive
loads, regardless of ESR
Low 30 µV
RMS noise without noise bypass capacitor
Preset output voltages to 2.5 V, 2.8 V, 3.0 V, 3.3 V and 3.6 V;
other voltages available upon request. 2% output voltage
accuracy
150 mA maximum output current with current limitation
Typical dropout voltage 55 mV @ 50 mA output current
85 µA typical ground current
Thermal-overload and short-circuit protection
PWROK pin: both power status and thermal warning indicator
PWRON pin offers logic-controlled shutdown
Maximum line regulation: 0.1%/V
Maximum load regulation: 0.02%/mA.
APPLICATIONS
Cordless and mobile phones
Industrial and medical equipment
Other battery-powered equipment.
SIMPLIFIED SYSTEM DIAGRAM
SA00557
LOW-PASS
FILTER
OUTPUT
AMP.
LOGIC
CONTROL
BIAS
NETWORK
PWROK
VOUT
PWRON
PWRON
TEMPERATURE
SENSOR
BAND
GAP
SA57000
3
PWRON
PWRON
PWRON
GND
VIN
OVER 144
°C (POWER/THERMAL SHUTDOWN)
OVER 127
°C (POWER/THERMAL WARNING)
2
1
5
4
Figure 1. Simplified system diagram.
CapFREE is a trademark of Philips Electronics North America Corporation.


Similar Part No. - SA57000-28UK

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
SA57003 PHILIPS-SA57003 Datasheet
203Kb / 16P
   Five-output composite voltage regulator
2003 Oct 13
SA57003DH PHILIPS-SA57003DH Datasheet
203Kb / 16P
   Five-output composite voltage regulator
2003 Oct 13
SA57005 PHILIPS-SA57005 Datasheet
148Kb / 12P
   Multiple output low noise, low dropout linear regulator
2002 Jun 20
SA57005DH PHILIPS-SA57005DH Datasheet
148Kb / 12P
   Multiple output low noise, low dropout linear regulator
2002 Jun 20
More results

Similar Description - SA57000-28UK

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SIP21106 VISHAY-SIP21106 Datasheet
358Kb / 13P
   150-mA Low Noise, Low Dropout Regulator
Rev. B, 22-Jan-07
logo
ON Semiconductor
NCP4586 ONSEMI-NCP4586 Datasheet
348Kb / 18P
   150 mA, Low Noise, Low Dropout Regulator
February, 2011 ??Rev. 2
NCP4680 ONSEMI-NCP4680 Datasheet
392Kb / 20P
   150 mA, Low Noise Low Dropout Regulator
June, 2011 ??Rev. 1
NCP4586_1105 ONSEMI-NCP4586_1105 Datasheet
348Kb / 18P
   150 mA, Low Noise, Low Dropout Regulator
May, 2011 ??Rev. 4
logo
Vishay Siliconix
SIP21106 VISHAY-SIP21106_09 Datasheet
570Kb / 19P
   150-mA Low Noise, Low Dropout Regulator
Rev. G, 08-Jun-09
SIP21106 VISHAY-SIP21106_V01 Datasheet
679Kb / 19P
   150-mA Low Noise, Low Dropout Regulator
01-Jan-2022
logo
Texas Instruments
LP2985 TI-LP2985_06 Datasheet
473Kb / 25P
[Old version datasheet]   150-mA LOW-NOISE LOW-DROPOUT REGULATOR WITH SHUTDOWN
LP2985 TI-LP2985_06 Datasheet
487Kb / 25P
[Old version datasheet]   150-mA LOW-NOISE LOW-DROPOUT REGULATOR WITH SHUTDOWN
LP2985 TI-LP2985_08 Datasheet
635Kb / 25P
[Old version datasheet]   150-mA LOW-NOISE LOW-DROPOUT REGULATOR WITH SHUTDOWN
LP2985 TI1-LP2985_17 Datasheet
1Mb / 28P
[Old version datasheet]   150-mA Low-noise Low-dropout Regulator With Shutdown
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com