Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

1790 Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # 1790
Description  Constant voltage (CV) and constant current
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

1790 Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  1790 Datasheet HTML 1Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
High Current DC Power Supplies
Models 1790, 1791, 1794, 1795 & 1796
Data Sheet
www.bkprecision.com
Technical data subject to change
© B&K Precision Corp. 2014
v081214
Models 1790, 1791, 1794, 1795 & 1796 are cost-effective, high power, regulated DC power supplies.
These linear power supplies are high power workhorses that will easily deliver clean power to your
high-current circuits. Special features include the ability to set constant current with no load and remote
sense to compensate for any voltage drop in load leads.
Features & Benefits
I
Constant voltage (CV) and constant current
(CC) operation
I
High stability and excellent regulation
I
Separate output ON/OFF switch
I
Remote sensing
I
External analog programming interface
Specifications
1790
1791
1794
1795
1796
Output Characteristics
Voltage
0-32 V
0-64 V
0-32 V
0-64 V
0-16 V
Current
0-20 A
0-10 A
0-30 A
0-15 A
0-50 A
Max. Power
640 W
640 W
960 W
960 W
800 W
Constant Voltage Mode
Line Regulation
<±0.01% ± 2 mV
Load Regulation
<±0.01% ± 2 mV
Ripple and Noise (20 Hz - 20 MHz)
<1mV rms
Constant Current Mode
Line Regulation
<±0.05% ± 15 mA
Load Regulation
<±0.05% ± 15 mA
Ripple and Noise (20 Hz - 20 MHz)
3 mA rms
6 mA rms
3 mA rms
General
Stability
(Total drift within 8 hours after warm up under
constant line, load, and temperature)
± 0.2% ± 10 mV in CV mode
± 0.5% ± 10 mA in CC mode
Operating Temperature
32 to 104 °F (0 to 40 °C)
AC Input
120 / 230* VAC ±10%, 47-63 Hz
Dimension (W x H x D)
19” x 5.24” x 15.75” (483 x 133 x 400 mm)
Two-Year Warranty
Included Accessories
User manual and power cord
Model 1795
*230 VAC input requires modification that should be requested at time of order.


Similar Part No. - 1790

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
1790-2 ETC2-1790-2 Datasheet
336Kb / 1P
   SWAGE/FORCE FIT STANDOFFS
1790-2 ETC2-1790-2 Datasheet
336Kb / 1P
   SWAGE THREADED STANDOFFS
1790-2 ETC2-1790-2 Datasheet
336Kb / 1P
   SWAGE/FORCE FIT STANDOFFS
logo
PHOENIX CONTACT
1790108 PHOENIX-1790108 Datasheet
96Kb / 4P
   Printed-circuit board connector - DFMC 1,5/ 2-ST-3,5
1790111 PHOENIX-1790111 Datasheet
89Kb / 4P
   Printed-circuit board connector - DFMC 1,5/ 3-ST-3,5
More results

Similar Description - 1790

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
1900B ETC2-1900B Datasheet
1Mb / 3P
   Automatic CV (constant voltage)/CC (constant current) crossover operation
logo
BCD Semiconductor Manuf...
AP4313 BCDSEMI-AP4313_10 Datasheet
685Kb / 12P
   CONSTANT VOLTAGE AND CONSTANT CURRENT CONTROLLER
logo
Seaward Electronics Inc...
SE1052 SEAWARD-SE1052 Datasheet
288Kb / 8P
   Constant Voltage and Constant Current Controller
logo
Diodes Incorporated
AP4305 DIODES-AP4305 Datasheet
451Kb / 10P
   CONSTANT VOLTAGE AND CONSTANT CURRENT CONTROLLER
AP4313 DIODES-AP4313 Datasheet
359Kb / 9P
   CONSTANT VOLTAGE AND CONSTANT CURRENT CONTROLLER
AP4312Q DIODES-AP4312Q Datasheet
562Kb / 11P
   CONSTANT VOLTAGE AND CONSTANT CURRENT CONTROLLER
logo
Unisonic Technologies
UM608 UTC-UM608_15 Datasheet
221Kb / 4P
   CONSTANT VOLTAGE AND CONSTANT CURRENT CONTROLLER
logo
Diodes Incorporated
AP4306 DIODES-AP4306 Datasheet
369Kb / 11P
   CONSTANT VOLTAGE AND CONSTANT CURRENT CONTROLLER
logo
Hi-Sincerity Mocroelect...
H134 HSMC-H134 Datasheet
268Kb / 8P
   Constant Voltage and Constant Current Control
logo
BCD Semiconductor Manuf...
AP4306 BCDSEMI-AP4306 Datasheet
705Kb / 12P
   CONSTANT VOLTAGE AND CONSTANT CURRENT CONTROLLER
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com