Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LTA065A041F Datasheet(PDF) 1 Page - Toshiba Semiconductor

Part # LTA065A041F
Description  17cm竊?.5 inch竊?color TFT-LCD module
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

LTA065A041F Datasheet(HTML) 1 Page - Toshiba Semiconductor

  LTA065A041F Datasheet HTML 1Page - Toshiba Semiconductor LTA065A041F Datasheet HTML 2Page - Toshiba Semiconductor LTA065A041F Datasheet HTML 3Page - Toshiba Semiconductor LTA065A041F Datasheet HTML 4Page - Toshiba Semiconductor LTA065A041F Datasheet HTML 5Page - Toshiba Semiconductor LTA065A041F Datasheet HTML 6Page - Toshiba Semiconductor LTA065A041F Datasheet HTML 7Page - Toshiba Semiconductor LTA065A041F Datasheet HTML 8Page - Toshiba Semiconductor LTA065A041F Datasheet HTML 9Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 18 page
background image
Toshiba Matsushita Display Technology Co..Ltd
PRODUCT INFORMATION
*The information contained herein is presented only as a guide for the applications of our products. No responsibility is assumed by
Toshiba Matsushita Display Technology Co.,Ltd. or other rights of the third parties which may result from its use. No license is granted
by implication or otherwise under any patent or patent rights of Toshiba Matsushita Display Technology Co.,Ltd. or others.
*The information contained herein may be changed without prior notice. It is therefore advisable to contact Toshiba Matsushita Display
Technology Co.,Ltd. before proceeding with the design of equipment incorporating this product.
Toshiba Matsushita Display Technology Co..Ltd
In-house secrecy
(1/18)
January 14, 2004 (Ver.0.2)
17cm(6.5 inch) color TFT-LCD module
LTA065A041F
(a-Si TFT)
Under development
【feature】
(1) a-Si TFT-LCD, USE:FA, AMS
(2) 640(W) x 3(RGB) x 480(H) vertical stripes, Highly minute
(3) “Transmitting type”, Low reflection treatment, High brightness, High contrast, Ultra wide view angle
(4) Digital 6 bit RGB input interface
(5) COG(Chip On Glass) composition
(6) LCD drive circuit is built in, but inverter for backlight is not built in.
【Mechanical Specification】
CHARACTERISTIC ITEM
SPECIFICATION
Module outer dimension (TYP.)
note1
151.0 (
W) x 115.5 (H) x 10.0 (D) mm
Number of dots
640 (
W) x 3 (RGB) x 480 (H)
Color-filter-array
RGB vertical stripes
Pitch of dots
0.0685 (
W) x 0.2055 (H)
Effective display area
131.52 (
W) x 98.64 (H) mm
Gray scales
64
Front surface treatment
AG coat (with WV film)
Backlight
CCFL with 3 wave-length spectrum ( L-type )
Consumption power
4 W
Weight (TYP.)
205 g
note1…The lug (FPC, lump harness and connector) is not included.
【Environmental Conditions Specification】
ITEM
CONDITION
SPECIFICATION
REMARK
Operating Temp.
Panel surface
-10 ∼ 60℃
note1
Storage Temp.
Panel surface
-20 ∼ 70℃
note1…
This value guarantees only operation, but doesn't guarantee all the contents of Electro-optical
specification.
Electro-optical specification can be guaranteed at the condition that ambient temperature is 25℃.
【Electro-optical Specification (
Ta=25
°C)】
note1…Fluorescent lamp current is 6.5mA.
note2…The reversal direction is 12 o’clock.
CONDITION
STANDARD VALUE
CHARACTERISTICS
SYMB
OL
θ
φ
C
MIN.
TYP.
MAX.
UNIT
REMARK
(1)Brightness
B
-
300
400
-
cd/㎡
note1
(2)Contrast Ratio
Cmax
Best Angle
100
250
-
-
X
0.270
0.310
0.350
-
(3)White color
chromaticity
Y
0.280
0.320
0.360
-
(4)Brightness uniformity
-
0.7
-
-
-
θU
-
≧10
40
60
-
°
(5)Vertical viewing Angle
θD
-
≧10
20
30
-
°
ΦL
-
≧10
45
60
-
°
(6)Horizontal Viewing Angle
ΦR
-
≧10
45
60
-
°
note2
τr
-
-
10
20
ms
(7)Response Time
τd
-
-
15
30
ms


Similar Part No. - LTA065A041F

ManufacturerPart #DatasheetDescription
logo
Zhaoxingwei Electronics...
LTA014EMT2L ZHAOXINGWEI-LTA014EMT2L Datasheet
230Kb / 3P
   Digital Transistors
logo
Toshiba Semiconductor
LTA035A350F TOSHIBA-LTA035A350F Datasheet
83Kb / 8P
   9cm COLOUR TFT-LCD MODULE
LTA050B352A TOSHIBA-LTA050B352A Datasheet
41Kb / 1P
   5.0 TYPE COLOR TFT-LCD MODULE
More results

Similar Description - LTA065A041F

ManufacturerPart #DatasheetDescription
logo
SanRex Corporation
MDF150A-L SANREX-MDF150A-L Datasheet
99Kb / 2P
   DIODE MODULE竊뉶.R.D.竊
MDF250A-L SANREX-MDF250A-L Datasheet
94Kb / 2P
   DIODE MODULE竊뉶.R.D.竊
FDS100CA100 SANREX-FDS100CA100 Datasheet
96Kb / 2P
   DIODE MODULE竊뉶.R.D.竊
FRS400DA100 SANREX-FRS400DA100 Datasheet
94Kb / 2P
   DIODE MODULE竊뉶.R.D.竊
FRS400BA50 SANREX-FRS400BA50 Datasheet
106Kb / 2P
   DIODE MODULE竊뉶.R.D.竊
logo
AU Optronics Corp.,
G104SN03V.2 AUO-G104SN03V.2 Datasheet
314Kb / 27P
   10.4 inch SVGA Color TFT LCD Module
B141XG03 AUO-B141XG03 Datasheet
534Kb / 23P
   14.1 inch XGA Color TFT LCD Module
G104SN03V.0 AUO-G104SN03V.0 Datasheet
329Kb / 25P
   10.4 inch SVGA Color TFT LCD Module
G084SN03V.0 AUO-G084SN03V.0 Datasheet
223Kb / 24P
   8.4 inch SVGA Color TFT LCD Module
G084SN03V.2 AUO-G084SN03V.2 Datasheet
252Kb / 26P
   8.4 inch SVGA Color TFT LCD Module
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com