Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DS12R887-33 Datasheet(PDF) 8 Page - Dallas Semiconductor

Part # DS12R887-33
Description  RTC with Constant-Voltage Trickle Charger
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DALLAS [Dallas Semiconductor]
Direct Link  https://www.maximintegrated.com/en.html
Logo DALLAS - Dallas Semiconductor

DS12R887-33 Datasheet(HTML) 8 Page - Dallas Semiconductor

Back Button DS12R887-33 Datasheet HTML 4Page - Dallas Semiconductor DS12R887-33 Datasheet HTML 5Page - Dallas Semiconductor DS12R887-33 Datasheet HTML 6Page - Dallas Semiconductor DS12R887-33 Datasheet HTML 7Page - Dallas Semiconductor DS12R887-33 Datasheet HTML 8Page - Dallas Semiconductor DS12R887-33 Datasheet HTML 9Page - Dallas Semiconductor DS12R887-33 Datasheet HTML 10Page - Dallas Semiconductor DS12R887-33 Datasheet HTML 11Page - Dallas Semiconductor DS12R887-33 Datasheet HTML 12Page - Dallas Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 22 page
background image
RTC with Constant-Voltage Trickle Charger
8
_____________________________________________________________________
Typical Operating Characteristics
(VCC = +3.3V, TA = +25°C, unless otherwise noted.)
OSCILLATOR FREQUENCY
vs. SUPPLY VOLTAGE
SUPPLY (V)
5.0
4.5
3.5
4.0
3.0
2.5
32767.92
32767.94
32767.96
32767.98
32768.00
32768.02
32768.04
32768.06
32768.08
32768.10
32767.90
2.0
5.5
IBACKUP vs. TEMPERATURE
(DS12R885)
TEMPERATURE (
°C)
65
50
-25
-10
5
20
35
475
500
525
550
575
600
625
650
450
-40
80
VCC = 0V,
VBACKUP = 3.0V
VBACKUP vs. VCC vs. IBACKUP
(DS12R885)
DS12R885 toc02
VCC
5.0
4.5
4.0
3.5
3.0
2.5
2.0
1.5
2.2
2.4
2.6
2.8
3.0
2.0
1.0
5.5
0
µA
-15
µA
-30
µA
-45
µA
-60
µA
IBACKUP vs. VBACKUP
(DS12R885)
VBACKUP (V)
2.8
2.5
2.3
575
600
625
550
2.0
3.0
VCC = 0V


Similar Part No. - DS12R887-33

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
DS12R887-33 MAXIM-DS12R887-33 Datasheet
1Mb / 22P
   RTC with Constant-Voltage Trickle Charger
Rev 1; 4/04
DS12R887-33 MAXIM-DS12R887-33 Datasheet
342Kb / 23P
   RTCs with Constant-Voltage Trickle Charger
Rev 6; 4/10
More results

Similar Description - DS12R887-33

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
DS12R885 MAXIM-DS12R885_07 Datasheet
356Kb / 23P
   RTC with Constant-Voltage Trickle Charger
Rev 5; 2/07
DS12CR885 MAXIM-DS12CR885 Datasheet
1Mb / 22P
   RTC with Constant-Voltage Trickle Charger
Rev 1; 4/04
DS1340U MAXIM-DS1340U Datasheet
260Kb / 16P
   I2C RTC with Trickle Charger
Rev 8; 4/13
DS1340 MAXIM-DS1340_11 Datasheet
296Kb / 16P
   I2C RTC with Trickle Charger
Rev 7; 8/11
DS1340 MAXIM-DS1340 Datasheet
1Mb / 13P
   I2C RTC with Trickle Charger
DS1340 MAXIM-DS1340_06 Datasheet
235Kb / 14P
   I2C RTC with Trickle Charger
Rev 4; 3/06
DS12R885 MAXIM-DS12R885_10 Datasheet
342Kb / 23P
   RTCs with Constant-Voltage Trickle Charger
Rev 6; 4/10
DS1388 MAXIM-DS1388_08 Datasheet
235Kb / 19P
   I2C RTC/Supervisor with Trickle Charger and 512 Bytes EEPROM
Rev 1; 9/08
DS1388 MAXIM-DS1388 Datasheet
381Kb / 18P
   I2C RTC/Supervisor with Trickle Charger and 512 Bytes EEPROM
Rev 0; 4/05
DS1390 MAXIM-DS1390 Datasheet
742Kb / 24P
   Low-Voltage SPI/3-Wire RTCs with Trickle Charger
Rev 0; 7/04
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com