Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LM385BSBG Datasheet(PDF) 3 Page - Analog Intergrations Corporation

Part # LM385BSBG
Description  Adjustable Micropower Voltage Reference
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AIC [Analog Intergrations Corporation]
Direct Link  http://www.analog.com.tw
Logo AIC - Analog Intergrations Corporation

LM385BSBG Datasheet(HTML) 3 Page - Analog Intergrations Corporation

  LM385BSBG Datasheet HTML 1Page - Analog Intergrations Corporation LM385BSBG Datasheet HTML 2Page - Analog Intergrations Corporation LM385BSBG Datasheet HTML 3Page - Analog Intergrations Corporation LM385BSBG Datasheet HTML 4Page - Analog Intergrations Corporation LM385BSBG Datasheet HTML 5Page - Analog Intergrations Corporation LM385BSBG Datasheet HTML 6Page - Analog Intergrations Corporation LM385BSBG Datasheet HTML 7Page - Analog Intergrations Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
LM385/LM385B
3
n ELECTRICAL CHARACTERISTICS (T
A=25
°C, unless otherwise specified.)
PARAMETER
TEST CONDITIONS
SYMBOL MIN.
TYP.
MAX.
UNIT
Reverse Voltage
IR=100µA
LM385B
LM385
VR
1.228
1.215
1.240
1.240
1.252
1.265
V
Reverse Voltage Change with
Current
IRMIN ≤IR ≤1mA
1mA
≤IR ≤20mA
∆VR
0.2
5
1
15
mV
Minimum Operating Current
VOUT=1.24V
VOUT=5.3V
IRMIN
7
35
11
55
µA
Dynamic Output Impedance
IR=100µA, f=100Hz
IAC=0.1IR, VOUT=1.24V,
VOUT=5.3V
ZR
0.4
1
Reference Voltage Change with
Output Voltage
IR=100µA
2
5
mV
Feedback Current
IFB
8
20
nA
Output Wideband Noise
IR=100µA, 10Hz<f<10KHz
VOUT=1.24V,
VOUT=5.3V
eN
50
170
µVRMS
Average Temperature
Coefficient (Note)
IR=100µA
αVR
100
ppm/
°C
Long Term Stability
IR=100µA, T=1000Hrs,
TA=25°C±0.1°C
∆VR/∆t
20
ppm
Note :
The average temperature coefficient is defined as the maximum deviation of reverse voltage at all
measured temperatures from TMIN to TMAX, divided by TMAX - TMIN. The measured temperatures are
0
°C, 25°C, 50°C and 70°C.
n TYPICAL PERFORMANCE CHARACTERISTICS
0.01
0.1
1
10
100
0
0.2
0.4
0.6
0.8
1.0
Fig. 1 Forward characteristics
Forward Current (mA)
TA= -55°C
TA= 25°C
TA= 125 °C
Fig. 2 Reverse Characteristics
100
0
0.2
0.4
0.6
0.8
1
1.2
1.4
0.1
1
10
TA= -55 °C
TA= 25°C
TA= 125°C
Reverse Voltage (V)


Similar Part No. - LM385BSBG

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LM385BS8-1.2 LINER-LM385BS8-1.2 Datasheet
147Kb / 8P
   Micropower Voltage Reference
LM385BS8-2.5 LINER-LM385BS8-2.5 Datasheet
147Kb / 8P
   Micropower Voltage Reference
More results

Similar Description - LM385BSBG

ManufacturerPart #DatasheetDescription
logo
Advanced Monolithic Sys...
AMS285 ADMOS-AMS285_05 Datasheet
74Kb / 8P
   ADJUSTABLE MICROPOWER VOLTAGE REFERENCE DIODE
AMS3100 ADMOS-AMS3100 Datasheet
61Kb / 6P
   ADJUSTABLE MICROPOWER VOLTAGE REFERENCE DIODE
AMS285 ADMOS-AMS285 Datasheet
78Kb / 8P
   ADJUSTABLE MICROPOWER VOLTAGE REFERENCE DIODE
logo
Sipex Corporation
SPX385-2.5 SIPEX-SPX385-2.5 Datasheet
140Kb / 9P
   Micropower Voltage Reference
logo
Linear Technology
LT1004 LINER-LT1004_15 Datasheet
182Kb / 8P
   Micropower Voltage Reference
logo
Advanced Monolithic Sys...
AMS3100A-2.5 ADMOS-AMS3100A-2.5 Datasheet
45Kb / 4P
   MICROPOWER VOLTAGE REFERENCE
AMS1004-1.2 ADMOS-AMS1004-1.2_05 Datasheet
71Kb / 7P
   MICROPOWER VOLTAGE REFERENCE
logo
Renesas Technology Corp
ISL21010 RENESAS-ISL21010 Datasheet
3Mb / 37P
   Micropower Voltage Reference
logo
Advanced Monolithic Sys...
AMS1004-12 ADMOS-AMS1004-12 Datasheet
76Kb / 7P
   MICROPOWER VOLTAGE REFERENCE
AMS3100-12 ADMOS-AMS3100-12 Datasheet
68Kb / 6P
   MICROPOWER VOLTAGE REFERENCE
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com