Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

262 Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # 262
Description  Hi-gain, Hi-impedance amplifier
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

262 Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  262 Datasheet HTML 1Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Model 262 Tone Generator and Cable Tracer Kit
Tone Generator:
The Tone Generator is a hand-held, battery-powered instrument
designed to perform a variety of tests on telephone lines.
Alligator clips and standard RJ11 plug allow the tone generator to
be connected to stripped wires, a terminal panel, wall plates, or
modular single line jacks quickly.
Cable Tracer:
The Line Tracer is a hand-held inductive tracer that will help to
identify wires without piercing the insulation. It can trace Tone
Generator signals through dry wall, wood and many other non-
metal surfaces (under ideal conditions).
Features:
Cable Tracer:
• Hi-gain, Hi-impedance amplifier
• Capable of identifying tones up to 12 inches away (under ideal conditions)
• Rugged, moisture resistant, Mylar cone speaker
Tone Generator:
• Generates Warbled Tone with selectable test frequencies
• LED indicates continuity when in CONTINUITY mode
• LED indicates positive polarity when in POLARITY mode
• Provides talk current on a dead line
• Check line Polarity
Cable Tracer Specifications:
Dimensions (H x W x D): 7.37” x 1.87” x 1.12” (187.1 x 47.5 x 28.4 mm)
Weight: 4.9 oz. (138.9 g)
Power: Standard 9-volt battery
Tone Generator Specifications:
Tone Output Level:
Approximately 8 vp-p (+3dBm, 600 
Tone Output Current: Approximately 4 mA
Tone Frequency: 1.4KHz to 1KHz or 0.84KHz to 0.7KHz with switching freq. of 14Hz or 7Hz
Continuity / Talk Test: 35mA (leads shorted), approximately 6.5 VDC (leads open)
Dimensions (H x W x D): 7” x 1.87” x 1.12” (177.8 x 47.5 x 28.4 mm)
Weight: 5.8 oz. (164.4 g)
Power: Standard 9-volt battery
Model 262
Tone Generator and
Cable Tracer Kit
Data Sheet
1031 Segovia Circle, Placentia, CA 92870-7137
Tel.:(714) 237-9220, Fax:(714) 237-9214, www.bkprecision.com


Similar Part No. - 262

ManufacturerPart #DatasheetDescription
logo
Littelfuse
262 LITTELFUSE-262 Datasheet
87Kb / 1P
   MICRO FUSE Very Fast-Acting Type 262/268/269 Series
logo
CTS Corporation
262 CTS-262 Datasheet
262Kb / 2P
   Commercial Miniature 10mm Conductive Plastic Trimmer Potentiometers
logo
List of Unclassifed Man...
262-75ABE-01 ETC-262-75ABE-01 Datasheet
7Mb / 21P
   BOARD LEVEL POWER SEMICONDUCTOR HEAT SINKS
262-75ABE-05 ETC-262-75ABE-05 Datasheet
7Mb / 21P
   BOARD LEVEL POWER SEMICONDUCTOR HEAT SINKS
logo
Littelfuse
262.002 LITTELFUSE-262.002 Datasheet
87Kb / 1P
   MICRO FUSE Very Fast-Acting Type 262/268/269 Series
More results

Similar Description - 262

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
ANT-ELE-S01-006 ETC2-ANT-ELE-S01-006 Datasheet
89Kb / 1P
   Hi-Gain Whip-Element for Mag.
logo
Unisonic Technologies
UTCTDA2030 UTC-UTCTDA2030 Datasheet
182Kb / 13P
   14W HI-FI AUDIO AMPLIFIER
logo
STMicroelectronics
TDA2030 STMICROELECTRONICS-TDA2030_98 Datasheet
543Kb / 12P
   14W Hi-Fi AUDIO AMPLIFIER
logo
Unisonic Technologies
TDA2030 UTC-TDA2030_15 Datasheet
213Kb / 13P
   14W HI-FI AUDIO AMPLIFIER
logo
STMicroelectronics
TDA2030 STMICROELECTRONICS-TDA2030 Datasheet
192Kb / 11P
   14W Hi-Fi AUDIO AMPLIFIER
logo
Unisonic Technologies
TDA2030A UTC-TDA2030A_16 Datasheet
276Kb / 14P
   14W HI-FI AUDIO AMPLIFIER
TDA2030 UTC-TDA2030 Datasheet
276Kb / 14P
   14W HI-FI AUDIO AMPLIFIER
TDA2030 UTC-TDA2030_07 Datasheet
213Kb / 13P
   14W HI-FI AUDIO AMPLIFIER
logo
List of Unclassifed Man...
TDA2030 ETC-TDA2030 Datasheet
101Kb / 14P
   14W HI-FI AUDIO AMPLIFIER
TDA1520A ETC1-TDA1520A Datasheet
198Kb / 6P
   20W Hi-Fi Audio Amplifier
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com