Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HMC7891 Datasheet(PDF) 4 Page - Analog Devices

Part # HMC7891
Description  Field replaceable SMA connectors
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

HMC7891 Datasheet(HTML) 4 Page - Analog Devices

  HMC7891 Datasheet HTML 1Page - Analog Devices HMC7891 Datasheet HTML 2Page - Analog Devices HMC7891 Datasheet HTML 3Page - Analog Devices HMC7891 Datasheet HTML 4Page - Analog Devices HMC7891 Datasheet HTML 5Page - Analog Devices HMC7891 Datasheet HTML 6Page - Analog Devices HMC7891 Datasheet HTML 7Page - Analog Devices HMC7891 Datasheet HTML 8Page - Analog Devices HMC7891 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
Data Sheet
HMC7891
Rev. 0 | Page 3 of 11
SPECIFICATIONS
Unless otherwise noted, specifications are with a bias voltage of 8 V and a baseplate temperature of 25°C.
Table 1. 2 GHz to 6 GHz Frequency Specifications
Parameter
Min
Typ
Max
Unit
Test Conditions/Comments
FREQUENCY RANGE
2
6
GHz
GAIN
Small Signal Gain
43
47
dB
−45 dBm input
Gain Flatness (±)
2.0
dB
Total flatness over 2 GHz to 18 GHz
RADIO FREQUENCY (RF) OUTPUT POWER
1 dB Compression (P1dB)
7
10
13
dBm
Saturated Output Power (PSAT)
10
13
16
dBm
Limiting Dynamic Range
40
dB
−30 dBm to +10 dBm input
Second Harmonic
−18
dBc
2 GHz to 3 GHz input, output at PSAT
Third Harmonic
−14
dBc
2 GHz input, output at PSAT
Noise Figure
3.4
dB
RETURN LOSS
Small signal operation
Input
15
dB
Output
22
dB
DC POWER
Input Voltage
7.0
8.0
9.0
V
Current
0.3
0.4
A
Table 2. 6 GHz to 12 GHz Frequency Specifications
Parameter
Min
Typ
Max
Unit
Test Conditions/Comments
FREQUENCY RANGE
6
12
GHz
GAIN
Small Signal Gain
43
48
dB
−45 dBm input
Gain Flatness (±)
2.0
dB
Total flatness over 2 GHz to 18 GHz
RF OUTPUT POWER
1 dB Compression (P1dB)
7
11
14
dBm
Saturated Output Power (PSAT)
10
14
17
dBm
Limiting Dynamic Range
40
dB
−30 dBm to +10 dBm input
Second Harmonic
−15
dBc
3 GHz to 6 GHz input, output at PSAT
Third Harmonic
−14
dBc
2 GHz to 4 GHz input, output at PSAT
Noise Figure
2.8
dB
RETURN LOSS
Small signal operation
Input
19
dB
Output
23
dB
DC POWER
Input Voltage
7.0
8.0
9.0
V
Current
0.3
0.4
A


Similar Part No. - HMC7891

ManufacturerPart #DatasheetDescription
logo
Hittite Microwave Corpo...
HMC789ST89E HITTITE-HMC789ST89E Datasheet
427Kb / 16P
   InGaP HBT GAIN BLOCK MMIC AMPLIFIER, 0.7 - 2.8 GHz
HMC789ST89E HITTITE-HMC789ST89E Datasheet
1Mb / 16P
   InGaP HBT GAIN BLOCK MMIC AMPLIFIER, 0.7 - 2.8 GHz
logo
Analog Devices
HMC789ST89E AD-HMC789ST89E Datasheet
736Kb / 16P
   InGaP HBT GAIN BLOCK MMIC AMPLIFIER
logo
Hittite Microwave Corpo...
HMC789ST89E HITTITE-HMC789ST89E_10 Datasheet
1Mb / 16P
   InGaP HBT GAIN BLOCK MMIC AMPLIFIER, 0.7 - 2.8 GHz
More results

Similar Description - HMC7891

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE44002 PASTERNACK-PE44002 Datasheet
201Kb / 2P
   SMA Female Connector Field Replaceable Attachment
PE44025 PASTERNACK-PE44025 Datasheet
220Kb / 3P
   SMA Female Connector Field Replaceable Attachment 2 Hole Flange 0.018 inch Pin
PE44026 PASTERNACK-PE44026 Datasheet
228Kb / 3P
   SMA Female Connector Field Replaceable Attachment 2 Hole Flange 0.020 inch Pin
PE44032 PASTERNACK-PE44032 Datasheet
210Kb / 3P
   SMA Male Connector Field Replaceable Attachment 2 Hole Flange 0.036 inch Pin
PE44024 PASTERNACK-PE44024 Datasheet
221Kb / 3P
   SMA Female Connector Field Replaceable Attachment 2 Hole Flange 0.015 inch Pin
PE45054 PASTERNACK-PE45054 Datasheet
373Kb / 3P
   SMA Female Field Replaceable Connector 2 Hole Flange Mount 0.020 Inch Pin
PE44023 PASTERNACK-PE44023 Datasheet
262Kb / 3P
   SMA Female Connector Field Replaceable Attachment 2 Hole Flange 0.012 inch Pin
PE44029 PASTERNACK-PE44029 Datasheet
825Kb / 3P
   SMA Male Connector Field Replaceable Attachment 2 Hole Flange 0.015 inch Pin
logo
List of Unclassifed Man...
014 ETC2-014 Datasheet
899Kb / 1P
   Field replaceable bearings and electronics
logo
Pasternack Enterprises,...
PE44031 PASTERNACK-PE44031 Datasheet
243Kb / 3P
   SMA Male Connector Field Replaceable Attachment 2 Hole Flange 0.020 inch Pin
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com