Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

R1191H020B-T1-FE Datasheet(PDF) 1 Page - RICOH electronics devices division

Part # R1191H020B-T1-FE
Description  Supply Current Typ. 50uA (Fast Mode)
Download  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICOH [RICOH electronics devices division]
Direct Link  http://www.ricoh.com
Logo RICOH - RICOH electronics devices division

R1191H020B-T1-FE Datasheet(HTML) 1 Page - RICOH electronics devices division

  R1191H020B-T1-FE Datasheet HTML 1Page - RICOH electronics devices division R1191H020B-T1-FE Datasheet HTML 2Page - RICOH electronics devices division R1191H020B-T1-FE Datasheet HTML 3Page - RICOH electronics devices division R1191H020B-T1-FE Datasheet HTML 4Page - RICOH electronics devices division R1191H020B-T1-FE Datasheet HTML 5Page - RICOH electronics devices division R1191H020B-T1-FE Datasheet HTML 6Page - RICOH electronics devices division R1191H020B-T1-FE Datasheet HTML 7Page - RICOH electronics devices division R1191H020B-T1-FE Datasheet HTML 8Page - RICOH electronics devices division R1191H020B-T1-FE Datasheet HTML 9Page - RICOH electronics devices division Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 33 page
background image
R1191x SERIES
300mA LDO REGULATOR with the Reverse Current Protection
NO.EA-229-111026
1
OUTLINE
R1191x Series are a low supply current voltage regulator with high output voltage accuracy. The maximum
operating voltage is 16V. These ICs can switch to the fast mode and the low power mode by the low power / fast
mode changer pin (ECO pin) without changing the output voltage value.
Each of these ICs consists of a voltage reference unit, an error amplifier, a resistor-net for voltage setting, a
short current limit circuit, a thermal shutdown circuit and a chip enable circuit.
Moreover, the R1191x Series has the reverse current protection function, which protects the reverse current
flow into VDD pin when the output pin voltage becomes higher than the VDD pin voltage. Thus it is suitable for the
back-up circuit.
Since the packages for these ICs are SOT-89-5, SOT-23-5 and DFN1616-6, therefore high density mounting
of the ICs on boards is possible.
FEATURES
• Supply Current ..................................................... Typ. 50μA (Fast Mode),
Typ. 6.0
μA (Low Power Mode)
• Standby Mode ...................................................... Typ. 0.3μA
• Reverse Current................................................... Max. 0.1μA
• Output Current ..................................................... Min. 300mA
• Input Voltage Range ............................................ 3.5V to 16.0V
• Output Voltage Range.......................................... 2.0V to 15.0V (0.1V steps)
(For other voltages, please refer to MARK INFORMATIONS.)
• Output Voltage Accuracy...................................... ±1.5% (Fast Mode)
±2.5% (Low Power Mode)
• Temperature-Drift Coefficient of Output Voltage .. Typ. ±80ppm/°C
• Dropout Voltage ................................................... Typ. 0.55V (Fast Mode, IOUT=300mA ,VOUT=5.0V)
Typ. 0.70V (Low Power Mode, IOUT
=300mA,VOUT=5.0V)
• Ripple Rejection................................................... Typ. 60dB (f=1kHz,VOUT=5.0V, Fast Mode)
• Line Regulation .................................................... Typ. 0.02%/V (Fast Mode)
• Packages ............................................................ DFN1616-6, SOT-23-5, SOT-89-5
• Built-in fold-back protection circuit ....................... Typ. 50mA (Current at short mode)
• Built-in Thermal Shutdown Circuit........................ Shutdown Temperature at 150°C
• Ceramic capacitors are recommended to be used with this IC ····CIN=2.2μF or more, COUT=4.7μF or more
APPLICATIONS
• Power source for digital home appliances
• Power source for audio visual equipment


Similar Part No. - R1191H020B-T1-FE

ManufacturerPart #DatasheetDescription
logo
Nisshinbo Micro Devices...
R1191H020B NISSHINBO-R1191H020B Datasheet
4Mb / 45P
   300mA LDO REGULATOR with the Reverse Current Protection
More results

Similar Description - R1191H020B-T1-FE

ManufacturerPart #DatasheetDescription
logo
RICOH electronics devic...
RP114 RICOH-RP114 Datasheet
1Mb / 28P
   Supply Current Typ. 50uA
RP102 RICOH-RP102_17 Datasheet
376Kb / 30P
   Supply Current Typ. 50uA
RP109 RICOH-RP109 Datasheet
815Kb / 42P
   Supply Current Typ. 50uA
RP130 RICOH-RP130 Datasheet
524Kb / 32P
   Supply Current Typ. 38uA
RP170 RICOH-RP170 Datasheet
923Kb / 32P
   Supply Current Typ. 23uA
RN5RF RICOH-RN5RF_17 Datasheet
217Kb / 13P
   Supply Current Typ. 30uA
R1501 RICOH-R1501 Datasheet
2Mb / 28P
   Supply Current Typ. 70uA
RP115 RICOH-RP115 Datasheet
2Mb / 39P
   Supply Current TYP. 110uA
RP171 RICOH-RP171 Datasheet
593Kb / 29P
   Supply Current Typ. 23uA
RP101 RICOH-RP101_17 Datasheet
394Kb / 33P
   Supply Current Typ. 18uA
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com