Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AIC1746-285PX3A Datasheet(PDF) 9 Page - Analog Intergrations Corporation

Part # AIC1746-285PX3A
Description  150mA Linear Regulator With Bypass Pin
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AIC [Analog Intergrations Corporation]
Direct Link  http://www.analog.com.tw
Logo AIC - Analog Intergrations Corporation

AIC1746-285PX3A Datasheet(HTML) 9 Page - Analog Intergrations Corporation

Back Button AIC1746-285PX3A Datasheet HTML 5Page - Analog Intergrations Corporation AIC1746-285PX3A Datasheet HTML 6Page - Analog Intergrations Corporation AIC1746-285PX3A Datasheet HTML 7Page - Analog Intergrations Corporation AIC1746-285PX3A Datasheet HTML 8Page - Analog Intergrations Corporation AIC1746-285PX3A Datasheet HTML 9Page - Analog Intergrations Corporation AIC1746-285PX3A Datasheet HTML 10Page - Analog Intergrations Corporation AIC1746-285PX3A Datasheet HTML 11Page - Analog Intergrations Corporation AIC1746-285PX3A Datasheet HTML 12Page - Analog Intergrations Corporation AIC1746-285PX3A Datasheet HTML 13Page - Analog Intergrations Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 22 page
background image
AIC1746
9
Fig. 13 Load Transient Response (1.2V)
Fig. 14 Line Transient Response (1.2V)
Fig. 15 Load Transient Response (1.8V)
Fig. 16 Line Transient Response (1.8V)
Fig. 17 Load Transient Response (3.3V)
Fig. 18 Line Transient Response (3.3V)
Vout Ripple
Iout=1mA to 150mA
Vout Ripple
Vin = 4.3V to 5.3V
Iload = 100mA
Iout=1mA to 150mA
Iout=1mA to 150mA
Vout Ripple
Vout Ripple
Vout Ripple
Vin = 2.8V to 3.8V
Iload = 100mA
Vout Ripple
Vin = 2.2V to 3.2V
Iload = 100mA
Iout
Iout
Iout
Vin
Vin
Vin


Similar Part No. - AIC1746-285PX3A

ManufacturerPart #DatasheetDescription
logo
Analog Intergrations Co...
AIC1746 AIC-AIC1746 Datasheet
381Kb / 22P
   150mA Linear Regulator With Bypass Pin
More results

Similar Description - AIC1746-285PX3A

ManufacturerPart #DatasheetDescription
logo
Analog Intergrations Co...
AIC1746 AIC-AIC1746 Datasheet
381Kb / 22P
   150mA Linear Regulator With Bypass Pin
AIC1747 AIC-AIC1747 Datasheet
617Kb / 22P
   300mA Linear Regulator With Bypass Pin
AIC1748 AIC-AIC1748 Datasheet
379Kb / 20P
   High PSRR, 600mA Linear Regulator With Bypass Pin
AIC1742 AIC-AIC1742_15 Datasheet
328Kb / 12P
   Low Noise, Low Quiescent Current, 150mA Linear Regulator with Noise Bypass
AIC1742 AIC-AIC1742 Datasheet
639Kb / 12P
   Low Noise, Low Quiescent Current, 150mA Linear Regulator with Noise Bypass
logo
Sangdest Microelectroni...
SULR1221 SMC-SULR1221 Datasheet
547Kb / 17P
   Ultra LDO 2A Linear Regulator With Adjustable & Bypass Pin
logo
Analog Intergrations Co...
AIC1190 AIC-AIC1190 Datasheet
759Kb / 19P
   Ultra LDO 1A Linear Regulator With Adjustable & Bypass Pin
AIC1189 AIC-AIC1189 Datasheet
563Kb / 20P
   Ultra LDO 2A Linear Regulator With Adjustable & Bypass Pin
AIC1221 AIC-AIC1221 Datasheet
535Kb / 17P
   Ultra LDO 2A Linear Regulator With Adjustable AND Bypass Pin
logo
Semtech Corporation
SC1453 SEMTECH-SC1453_08 Datasheet
253Kb / 15P
   150mA Ultra Low Dropout Regulator with Low Noise Bypass
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com