Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AIC1733-30GV Datasheet(PDF) 11 Page - Analog Intergrations Corporation

Part # AIC1733-30GV
Description  500mA, Low Dropout Linear Regulator with Shutdown
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AIC [Analog Intergrations Corporation]
Direct Link  http://www.analog.com.tw
Logo AIC - Analog Intergrations Corporation

AIC1733-30GV Datasheet(HTML) 11 Page - Analog Intergrations Corporation

Back Button AIC1733-30GV Datasheet HTML 5Page - Analog Intergrations Corporation AIC1733-30GV Datasheet HTML 6Page - Analog Intergrations Corporation AIC1733-30GV Datasheet HTML 7Page - Analog Intergrations Corporation AIC1733-30GV Datasheet HTML 8Page - Analog Intergrations Corporation AIC1733-30GV Datasheet HTML 9Page - Analog Intergrations Corporation AIC1733-30GV Datasheet HTML 10Page - Analog Intergrations Corporation AIC1733-30GV Datasheet HTML 11Page - Analog Intergrations Corporation AIC1733-30GV Datasheet HTML 12Page - Analog Intergrations Corporation AIC1733-30GV Datasheet HTML 13Page - Analog Intergrations Corporation  
Zoom Inzoom in Zoom Outzoom out
 11 / 13 page
background image
AIC1733
11
PHYSICAL DIMENSIONS
SOT-23-5
(unit: mm)
b
WITH PLATING
VIEW B
L1
L
SEATING PLANE
GAUGE PLANE
SECTION A-A
BASE METAL
e1
D
AA
SEE VIEW B
e
0.90
0.30
1.50
2.60
2.80
0.08
0.30
0.05
e
θ
L1
L
e1
c
E
E1
D
b
A2
A1
0.95 BSC
0.60
1.90 BSC
0.60 REF
1.30
1.70
3.00
3.00
0.22
0.50
0.15
0.95
MIN.
S
Y
M
B
O
L
A1.45
MAX.
SOT-25
MILLIMETERS
Note : 1. Refer to JEDEC MO-178AA.
2. Dimension "D" does not include mold flash, protrusions
or gate burrs. Mold flash, protrusion or gate burrs shall not
exceed 10 mil per side.
3. Dimension "E1" does not include inter-lead flash or protrusions.
4. Controlling dimension is millimeter, converted inch
dimensions are not necessarily exact.


Similar Part No. - AIC1733-30GV

ManufacturerPart #DatasheetDescription
logo
Analog Intergrations Co...
AIC1733-30CVBG AIC-AIC1733-30CVBG Datasheet
448Kb / 11P
   500mA, Low Dropout Linear Regulator with Shutdown
AIC1733-30CVTR AIC-AIC1733-30CVTR Datasheet
448Kb / 11P
   500mA, Low Dropout Linear Regulator with Shutdown
AIC1733-30PVBG AIC-AIC1733-30PVBG Datasheet
448Kb / 11P
   500mA, Low Dropout Linear Regulator with Shutdown
AIC1733-30PVTR AIC-AIC1733-30PVTR Datasheet
448Kb / 11P
   500mA, Low Dropout Linear Regulator with Shutdown
More results

Similar Description - AIC1733-30GV

ManufacturerPart #DatasheetDescription
logo
Analog Intergrations Co...
AIC1733 AIC-AIC1733 Datasheet
448Kb / 11P
   500mA, Low Dropout Linear Regulator with Shutdown
AIC1735 AIC-AIC1735_15 Datasheet
291Kb / 12P
   500mA Low Dropout Linear Regulator
AIC1723A AIC-AIC1723A Datasheet
454Kb / 9P
   500mA Low Dropout Linear Regulator
logo
Silicon Standard Corp.
SS6735G SSC-SS6735G Datasheet
703Kb / 9P
   500mA Low Dropout Linear Regulator
logo
Anpec Electronics Corop...
APL1088 ANPEC-APL1088 Datasheet
86Kb / 10P
   500mA Low Dropout Linear Regulator
logo
Power IC Ltd.
PL0501 PICSEMI-PL0501 Datasheet
267Kb / 10P
   500mA Low-Dropout Linear Regulator
logo
Analog Intergrations Co...
AIC1735 AIC-AIC1735 Datasheet
107Kb / 7P
   500mA Low Dropout Linear Regulator
AIC1723 AIC-AIC1723 Datasheet
225Kb / 8P
   500mA Low Dropout Linear Regulator
logo
Anpec Electronics Corop...
APL1088 ANPEC-APL1088_04 Datasheet
93Kb / 11P
   500mA Low Dropout Linear Regulator
logo
Global Mixed-mode Techn...
G9184 GMT-G9184 Datasheet
87Kb / 1P
   500mA Low Dropout Linear Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com