Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DS1631 Datasheet(PDF) 10 Page - Dallas Semiconductor

Part # DS1631
Description  High-Precision Digital Thermometer and Thermostat
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DALLAS [Dallas Semiconductor]
Direct Link  https://www.maximintegrated.com/en.html
Logo DALLAS - Dallas Semiconductor

DS1631 Datasheet(HTML) 10 Page - Dallas Semiconductor

Back Button DS1631 Datasheet HTML 6Page - Dallas Semiconductor DS1631 Datasheet HTML 7Page - Dallas Semiconductor DS1631 Datasheet HTML 8Page - Dallas Semiconductor DS1631 Datasheet HTML 9Page - Dallas Semiconductor DS1631 Datasheet HTML 10Page - Dallas Semiconductor DS1631 Datasheet HTML 11Page - Dallas Semiconductor DS1631 Datasheet HTML 12Page - Dallas Semiconductor DS1631 Datasheet HTML 13Page - Dallas Semiconductor DS1631 Datasheet HTML 14Page - Dallas Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 10 / 14 page
background image
DS1631/DS1631A/DS1731
10 of 14
2-WIRE SERIAL DATA BUS
The DS1631, DS1631A, and DS1731 communicate over a bidirectional 2-wire serial data bus that
consists of a serial clock (SCL) signal and serial data (SDA) signal. The DS1631, DS1631A, and DS1731
interface to the bus through their SCL input pins and open-drain SDA I/O pins.
The following terminology is used to describe 2-wire communication:
Master Device: Microprocessor/microcontroller that controls the slave devices on the bus. The master
device generates the SCL signal and START and STOP conditions.
Slave: All devices on the bus other than the master. The DS1631, DS1631A, and DS1731 always
function as slaves.
Bus Idle or Not Busy: Both SDA and SCL remain high. SDA is held high by a pullup resistor when the
bus is idle, and SCL must either be forced high by the master (if the SCL output is push-pull) or pulled
high by a pullup resistor (if the SCL output is open-drain).
Transmitter: A device (master or slave) that is sending data on the bus.
Receiver: A device (master or slave) that is receiving data from the bus.
START Condition: Signal generated by the master to indicate the beginning of a data transfer on the
bus. The master generates a START condition by pulling SDA from high to low while SCL is high (see
Figure 8). A “repeated” START is sometimes used at the end of a data transfer (instead of a STOP) to
indicate that the master will perform another operation.
STOP Condition: Signal generated by the master to indicate the end of a data transfer on the bus. The
master generates a STOP condition by transitioning SDA from low to high while SCL is high (see Figure
8). After the STOP is issued, the master releases the bus to its idle state.
Acknowledge (ACK): When a device is acting as a receiver, it must generate an acknowledge (ACK) on
the SDA line after receiving every byte of data. The receiving device performs an ACK by pulling the
SDA line low for an entire SCL period (see Figure 8). During the ACK clock cycle, the transmitting
device must release SDA. A variation on the ACK signal is the “not acknowledge” (NACK). When the
master device is acting as a receiver, it uses a NACK instead of an ACK after the last data byte to indicate
that it is finished receiving data. The master indicates a NACK by leaving the SDA line high during the
ACK clock cycle.
Slave Address: Every slave device on the bus has a unique 7-bit address that allows the master to access
that device. The 7-bit bus address is 1 0 0 1 A2 A1 A0, where A2, A1, and A0 are user-selectable through
the corresponding input pins. The three address pins allow up to eight DS1631s, DS1631As, or DS1731s
to be multidropped on the same bus.
Control Byte: The control byte is transmitted by the master and consists of the 7-bit slave address plus a
read/write (R/W
・・
) bit (see Figure 7). If the master is going to read data from the slave device then R/W
・・
=
1, and if the master is going to write data to the slave device then R/W
・・
= 0.
Command Byte: The command byte can be any of the command protocols described in the COMMAND
SET section of this data sheet.
Figure 7. CONTROL BYTE
bit 7
bit 6
bit 5
bit 4
bit 3
bit 2
bit 1
bit 0
1001
A2
A1
A0
R/W
・・


Similar Part No. - DS1631

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
DS1631 NSC-DS1631 Datasheet
153Kb / 8P
   CMOS Dual Peripheral Drivers
logo
Dallas Semiconductor
DS1631 DALLAS-DS1631 Datasheet
288Kb / 19P
   256k NV SRAM with Phantom Clock
logo
Maxim Integrated Produc...
DS1631 MAXIM-DS1631 Datasheet
196Kb / 15P
   High-Precision Digital Thermometer and Thermostat
102307
logo
Texas Instruments
DS1631 TI1-DS1631 Datasheet
403Kb / 10P
[Old version datasheet]   CMOS Dual Peripheral Drivers
logo
Maxim Integrated Produc...
DS1631++ MAXIM-DS1631+ Datasheet
196Kb / 15P
   High-Precision Digital Thermometer and Thermostat
102307
More results

Similar Description - DS1631

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
DS1631 MAXIM-DS1631_15 Datasheet
464Kb / 14P
   High-Precision Digital Thermometer and Thermostat
Rev 1; 1/15
DS1631 MAXIM-DS1631 Datasheet
196Kb / 15P
   High-Precision Digital Thermometer and Thermostat
102307
logo
Dallas Semiconductor
DS1626 DALLAS-DS1626_07 Datasheet
135Kb / 14P
   High-Precision 3-Wire Digital Thermometer and Thermostat
logo
Maxim Integrated Produc...
DS1626 MAXIM-DS1626 Datasheet
147Kb / 12P
   High-Precision 3-Wire Digital Thermometer and Thermostat
REV: 071107
logo
Dallas Semiconductor
DS1626 DALLAS-DS1626 Datasheet
216Kb / 13P
   High-Precision 3-Wire Digital Thermometer and Thermostat
logo
Maxim Integrated Produc...
DS75LV MAXIM-DS75LV Datasheet
280Kb / 13P
   Digital Thermometer and Thermostat
051106
DS1620S MAXIM-DS1620S Datasheet
270Kb / 12P
   Digital Thermometer and Thermostat
053105
DS1620 MAXIM-DS1620_V01 Datasheet
451Kb / 12P
   Digital Thermometer and Thermostat
2015
DS75U MAXIM-DS75U Datasheet
189Kb / 14P
   Digital Thermometer and Thermostat
022108
DS75LV MAXIM-DS75LV_V01 Datasheet
379Kb / 14P
   Digital Thermometer and Thermostat
2016
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com