Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PCF85116 Datasheet(PDF) 9 Page - NXP Semiconductors

Part # PCF85116
Description  Low power CMOS: maximum operating current 1.0 mA
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PCF85116 Datasheet(HTML) 9 Page - NXP Semiconductors

Back Button PCF85116 Datasheet HTML 5Page - NXP Semiconductors PCF85116 Datasheet HTML 6Page - NXP Semiconductors PCF85116 Datasheet HTML 7Page - NXP Semiconductors PCF85116 Datasheet HTML 8Page - NXP Semiconductors PCF85116 Datasheet HTML 9Page - NXP Semiconductors PCF85116 Datasheet HTML 10Page - NXP Semiconductors PCF85116 Datasheet HTML 11Page - NXP Semiconductors PCF85116 Datasheet HTML 12Page - NXP Semiconductors PCF85116 Datasheet HTML 13Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 20 page
background image
1997 Apr 02
9
Philips Semiconductors
Product specification
2048
× 8-bit CMOS EEPROM with I2C-bus
interface
PCF85116-3
8.5
Read operations
Read operations are initiated in the same manner as write
operations with the exception that the LSB of the slave
address (R/W) is set to logic 1. There are three basic read
operations; current address read, random read and
sequential read.
8.5.1
REMARK
During read operations all bits of the memory address are
incremented after each transmission of a data byte.
Contrary to write operations an overflow of the memory
address occurs from 2047 to 0 (see Fig.3).
Fig.7 Master reads PCx85116-3 slave after setting word address (write word address; read data).
handbook, full pagewidth
S
0 A
WORD ADDRESS
A
A
acknowledge
from slave
acknowledge
from slave
acknowledge
from slave
acknowledge
from master
A
DATA
auto increment
word address
MBH928
P
no acknowledge
from master
1
DATA
auto increment
word address
last byte
R/W
S1
n bytes
at this moment master
transmitter becomes
master receiver and
EEPROM slave receiver
becomes slave transmitter
B
B
B
B
B
B
SLAVE ADDRESS
R/W
SLAVE ADDRESS
Fig.8 Master reads PCx85116-3 immediately after first byte (read mode).
handbook, full pagewidth
S
1A
DATA
A1
DATA
acknowledge
from slave
acknowledge
from master
no acknowledge
from master
auto increment
word address
MBH929
auto increment
word address
n bytes
last bytes
P
B
B
B
SLAVE ADDRESS
R/W


Similar Part No. - PCF85116

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PCF85116-3 PHILIPS-PCF85116-3 Datasheet
164Kb / 21P
   2048 x 8-bit CMOS EEPROM with I2C-bus interface
Rev. 04-25 October 2004
PCF85116-3P/01 PHILIPS-PCF85116-3P/01 Datasheet
164Kb / 21P
   2048 x 8-bit CMOS EEPROM with I2C-bus interface
Rev. 04-25 October 2004
PCF85116-3T/01 PHILIPS-PCF85116-3T/01 Datasheet
164Kb / 21P
   2048 x 8-bit CMOS EEPROM with I2C-bus interface
Rev. 04-25 October 2004
PCF85116-3TD PHILIPS-PCF85116-3TD Datasheet
268Kb / 12P
   I2C Demonstration Board 2005-1 Quick Start Guide
Rev. 01-13 June 2006
More results

Similar Description - PCF85116

ManufacturerPart #DatasheetDescription
logo
JMK Inc.
ZG-1435-1 JMK-ZG-1435-1 Datasheet
35Kb / 1P
   Operating Voltage = 125 / 250Vac Operating Current = 1.0 Ampere
logo
Silicon Touch Technolog...
ST2226B SITI-ST2226B Datasheet
305Kb / 20P
   Maximum output current: 60 mA
logo
JMK Inc.
ZG-1435-1B JMK-ZG-1435-1B Datasheet
109Kb / 1P
   Operating Voltage = 125/250 Vac Operating Current = 1.0 Ampere
logo
Analog Devices
ADP172 AD-ADP172_10 Datasheet
579Kb / 20P
   300 mA, Low Quiescent Current, CMOS Linear Regulator
REV. 0
ADP172_101 AD-ADP172_101 Datasheet
586Kb / 20P
   300 mA, Low Quiescent Current CMOS Linear Regulator
REV. B
ADP121 AD-ADP121 Datasheet
986Kb / 20P
   150 mA, Low Quiescent Current, CMOS Linear Regulator
REV. 0
ADP120 AD-ADP120 Datasheet
535Kb / 20P
   100 mA, Low Quiescent Current, CMOS Linear Regulator
Rev. A
ADP170 AD-ADP170 Datasheet
538Kb / 20P
   300 mA, Low Quiescent Current, CMOS Linear Regulators
REV. B
ADP121-AUJZ12R7 AD-ADP121-AUJZ12R7 Datasheet
667Kb / 20P
   150 mA, Low Quiescent Current, CMOS Linear Regulator
Rev. G
ADP172 AD-ADP172_V01 Datasheet
2Mb / 17P
   300 mA, Low Quiescent Current, CMOS Linear Regulator
Rev. F
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com