Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PCF85116 Datasheet(PDF) 7 Page - NXP Semiconductors

Part # PCF85116
Description  Low power CMOS: maximum operating current 1.0 mA
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PCF85116 Datasheet(HTML) 7 Page - NXP Semiconductors

Back Button PCF85116 Datasheet HTML 3Page - NXP Semiconductors PCF85116 Datasheet HTML 4Page - NXP Semiconductors PCF85116 Datasheet HTML 5Page - NXP Semiconductors PCF85116 Datasheet HTML 6Page - NXP Semiconductors PCF85116 Datasheet HTML 7Page - NXP Semiconductors PCF85116 Datasheet HTML 8Page - NXP Semiconductors PCF85116 Datasheet HTML 9Page - NXP Semiconductors PCF85116 Datasheet HTML 10Page - NXP Semiconductors PCF85116 Datasheet HTML 11Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 20 page
background image
1997 Apr 02
7
Philips Semiconductors
Product specification
2048
× 8-bit CMOS EEPROM with I2C-bus
interface
PCF85116-3
8.3
Device addressing
Following a START condition the bus master must output
the address of the slave it is accessing. The 4 MSBs of the
slave address are the device type identifier (see Fig.3).
For the PCF85116-3 this is fixed to ‘1010’.
The next three significant bits of the slave address field are
the block selection bits. It is used by the host to select one
out of eight blocks (1 block = 256 bytes of memory). These
are, in effect, the three most significant bits of the word
address.
The last bit of the slave address defines the operation to
be performed. When R/W is set to logic 1 a read operation
is selected.
8.4
Write operations
8.4.1
BYTE/WORD WRITE
For a write operation the PCF85116-3 requires a second
address field. This address field is a word address
providing access to any one of the eight blocks of memory.
Upon receipt of the word address the PCF85116-3
responds with an acknowledge and awaits the next eight
bits of data, again responding with an acknowledge. Word
address is automatically incremented. The master
terminates the transfer by generating a STOP condition.
After this stop condition the E/W cycle starts and the bus
is free for another transmission. Its duration is maximum
10 ms.
During the E/W cycle the slave receiver does not send an
acknowledge bit if addressed via the I2C-bus.
Fig.3 Slave address.
handbook, halfpage
MBH924
101
0
B
B
B
R/W
8.4.2
PAGE WRITE
The PCF85116-3 is capable of an 32-byte page write
operation. It is initiated in the same manner as the byte
write operation. The master can transmit up to 32 data
bytes within one transmission. After receipt of each byte
the PCF85116-3 will respond with an acknowledge.
The master terminates the transfer by generating a STOP
condition. The maximum total E/W time in this mode is
10 ms.
After the receipt of each data byte the six high order bits of
the memory address providing access to one of the
64 pages of the memory remain unchanged. The five low
order bits of the memory address will be incremented only
(see Fig.3). By these five bits a single byte within the page
in access is selected. By an increment the memory
address may change from 31 to 0, from 63 to 32, etc. If the
master transmits more than 32 bytes prior to generating
the STOP condition, data within the addressed page may
be overwritten and unpredictable results may occur. As in
the byte write operation, all inputs are disabled until
completion of the internal write cycles.
8.4.3
REMARK
Write accesses to the EEPROM are enabled if the pin WP
is LOW. When WP is HIGH the EEPROM is
write-protected and no acknowledge will be given by the
PCF85116-3 when data is sent. However, an
acknowledge will be given after the slave address and the
word address.
Fig.4 Auto increment of memory address.
handbook, halfpage
MBH925
B
B
B
WORD ADDRESS
read: auto increment
write: unchanged
write: auto increment


Similar Part No. - PCF85116

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PCF85116-3 PHILIPS-PCF85116-3 Datasheet
164Kb / 21P
   2048 x 8-bit CMOS EEPROM with I2C-bus interface
Rev. 04-25 October 2004
PCF85116-3P/01 PHILIPS-PCF85116-3P/01 Datasheet
164Kb / 21P
   2048 x 8-bit CMOS EEPROM with I2C-bus interface
Rev. 04-25 October 2004
PCF85116-3T/01 PHILIPS-PCF85116-3T/01 Datasheet
164Kb / 21P
   2048 x 8-bit CMOS EEPROM with I2C-bus interface
Rev. 04-25 October 2004
PCF85116-3TD PHILIPS-PCF85116-3TD Datasheet
268Kb / 12P
   I2C Demonstration Board 2005-1 Quick Start Guide
Rev. 01-13 June 2006
More results

Similar Description - PCF85116

ManufacturerPart #DatasheetDescription
logo
JMK Inc.
ZG-1435-1 JMK-ZG-1435-1 Datasheet
35Kb / 1P
   Operating Voltage = 125 / 250Vac Operating Current = 1.0 Ampere
logo
Silicon Touch Technolog...
ST2226B SITI-ST2226B Datasheet
305Kb / 20P
   Maximum output current: 60 mA
logo
JMK Inc.
ZG-1435-1B JMK-ZG-1435-1B Datasheet
109Kb / 1P
   Operating Voltage = 125/250 Vac Operating Current = 1.0 Ampere
logo
Analog Devices
ADP172 AD-ADP172_10 Datasheet
579Kb / 20P
   300 mA, Low Quiescent Current, CMOS Linear Regulator
REV. 0
ADP172_101 AD-ADP172_101 Datasheet
586Kb / 20P
   300 mA, Low Quiescent Current CMOS Linear Regulator
REV. B
ADP121 AD-ADP121 Datasheet
986Kb / 20P
   150 mA, Low Quiescent Current, CMOS Linear Regulator
REV. 0
ADP120 AD-ADP120 Datasheet
535Kb / 20P
   100 mA, Low Quiescent Current, CMOS Linear Regulator
Rev. A
ADP170 AD-ADP170 Datasheet
538Kb / 20P
   300 mA, Low Quiescent Current, CMOS Linear Regulators
REV. B
ADP121-AUJZ12R7 AD-ADP121-AUJZ12R7 Datasheet
667Kb / 20P
   150 mA, Low Quiescent Current, CMOS Linear Regulator
Rev. G
ADP172 AD-ADP172_V01 Datasheet
2Mb / 17P
   300 mA, Low Quiescent Current, CMOS Linear Regulator
Rev. F
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com