Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

R1516S120B-E2-FE Datasheet(PDF) 11 Page - RICOH electronics devices division

Part # R1516S120B-E2-FE
Description  Input Voltage Max. 36V
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICOH [RICOH electronics devices division]
Direct Link  http://www.ricoh.com
Logo RICOH - RICOH electronics devices division

R1516S120B-E2-FE Datasheet(HTML) 11 Page - RICOH electronics devices division

Back Button R1516S120B-E2-FE Datasheet HTML 6Page - RICOH electronics devices division R1516S120B-E2-FE Datasheet HTML 7Page - RICOH electronics devices division R1516S120B-E2-FE Datasheet HTML 8Page - RICOH electronics devices division R1516S120B-E2-FE Datasheet HTML 9Page - RICOH electronics devices division R1516S120B-E2-FE Datasheet HTML 10Page - RICOH electronics devices division R1516S120B-E2-FE Datasheet HTML 11Page - RICOH electronics devices division R1516S120B-E2-FE Datasheet HTML 12Page - RICOH electronics devices division R1516S120B-E2-FE Datasheet HTML 13Page - RICOH electronics devices division R1516S120B-E2-FE Datasheet HTML 14Page - RICOH electronics devices division  
Zoom Inzoom in Zoom Outzoom out
 11 / 14 page
background image
R1515x
11
R1515x050B
R1515x090B
Temperature Topt(
°C)
VIN=8.0V
4.8
5.2
5.1
5.0
4.9
-40
50
-25
0
75
25
105
Temperature Topt(
°C)
VIN=12.0V
8.6
9.4
9.2
9.0
8.8
-40
50
-25
0
75
25
105
5) Supply Current vs. Input Voltage (Topt
=25°C)
R1515x020B
R1515x030B
030
10
20
40
Input Voltage VIN(V)
0
18
10
6
2
12
14
16
8
4
030
10
20
40
Input Voltage VIN(V)
0
18
10
6
2
12
14
16
8
4
R1515x050B
R1515x090B
030
10
20
40
Input Voltage VIN(V)
0
18
10
6
2
12
14
16
8
4
030
10
20
40
Input Voltage VIN(V)
0
18
10
6
2
12
14
16
8
4


Similar Part No. - R1516S120B-E2-FE

ManufacturerPart #DatasheetDescription
logo
RICOH electronics devic...
R1516S018B-E2-FE RICOH-R1516S018B-E2-FE Datasheet
341Kb / 14P
   Input Voltage Range 4V to 36V
R1516S020B-E2-FE RICOH-R1516S020B-E2-FE Datasheet
341Kb / 14P
   Input Voltage Range 4V to 36V
R1516S025B-E2-FE RICOH-R1516S025B-E2-FE Datasheet
341Kb / 14P
   Input Voltage Range 4V to 36V
R1516S030B-E2-FE RICOH-R1516S030B-E2-FE Datasheet
341Kb / 14P
   Input Voltage Range 4V to 36V
R1516S040B-E2-FE RICOH-R1516S040B-E2-FE Datasheet
341Kb / 14P
   Input Voltage Range 4V to 36V
More results

Similar Description - R1516S120B-E2-FE

ManufacturerPart #DatasheetDescription
logo
RICOH electronics devic...
R1514 RICOH-R1514_17 Datasheet
254Kb / 15P
   Input Voltage Max. 36V
logo
Nisshinbo Micro Devices...
R3119X NISSHINBO-R3119X Datasheet
1Mb / 24P
   36V INPUT VOLTAGE DETECTOR
logo
SHANGHAI BELLING CO., L...
BL8023C BELLING-BL8023C Datasheet
471Kb / 6P
   5 to 36V input voltage range
logo
RICOH electronics devic...
R1516 RICOH-R1516 Datasheet
341Kb / 14P
   Input Voltage Range 4V to 36V
R1511 RICOH-R1511 Datasheet
874Kb / 20P
   Input Voltage Range 3.5V to 36V
logo
Texas Instruments
PT4484-48V TI1-PT4484-48V Datasheet
182Kb / 8P
[Old version datasheet]   36V to 75V Input Voltage Range
logo
Maxim Integrated Produc...
MAX17498BEVKIT MAXIM-MAX17498BEVKIT Datasheet
1Mb / 7P
   18V to 36V DC Voltage Input Range
Rev 0; 4/12
logo
Rohm
BD6230 ROHM-BD6230_09 Datasheet
389Kb / 17P
   H-bridge drivers (36V max.)
logo
TiMOTION Technology Co....
TP9 TIMOTION-TP9 Datasheet
347Kb / 3P
   Max. output 36V DC, 2A
20210902-J
logo
Linear Technology
LTC2960 LINER-LTC2960 Datasheet
248Kb / 16P
   36V Nano-Current Two Input Voltage Monitor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com