Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

R1513S33D-E2-FE Datasheet(PDF) 2 Page - RICOH electronics devices division

Part # R1513S33D-E2-FE
Description  Input Voltage (Maximum Ratings) 3.5 V to 36 V (50 V)
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICOH [RICOH electronics devices division]
Direct Link  http://www.ricoh.com
Logo RICOH - RICOH electronics devices division

R1513S33D-E2-FE Datasheet(HTML) 2 Page - RICOH electronics devices division

  R1513S33D-E2-FE Datasheet HTML 1Page - RICOH electronics devices division R1513S33D-E2-FE Datasheet HTML 2Page - RICOH electronics devices division R1513S33D-E2-FE Datasheet HTML 3Page - RICOH electronics devices division R1513S33D-E2-FE Datasheet HTML 4Page - RICOH electronics devices division R1513S33D-E2-FE Datasheet HTML 5Page - RICOH electronics devices division R1513S33D-E2-FE Datasheet HTML 6Page - RICOH electronics devices division R1513S33D-E2-FE Datasheet HTML 7Page - RICOH electronics devices division R1513S33D-E2-FE Datasheet HTML 8Page - RICOH electronics devices division R1513S33D-E2-FE Datasheet HTML 9Page - RICOH electronics devices division Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 23 page
background image
R1513S
NO.JA-321-160715
2
BLOCK DIAGRAM
R1513SxxxB Block Diagram
R1513SxxxD Block Diagram
Vref
Current Limit
Thermal shutdown
VDD
CE
GND
VOUT
VFB
Vref
Current Limit
Thermal shutdown
VDD
CE
GND
VOUT
VFB
SELECTION GUIDE
The set output voltage and the auto-discharge option*1 are user-selectable options.
Selection Guide
Product Name
Package
Quantity per
Reel
Pb Free
Halogen Free
R1513Sxx1
∗-E2-FE
HSOP-6J
1,000 pcs
Yes
Yes
xx: Specify the set output voltage (VSET) from below.
1.2 V (12) / 1.5 V (15) / 1.8 V (18) / 3.3 V (33) / 3.4 V (34) / 5.0 V (50)
∗: Specify the auto-discharge option.
B: Auto-discharge option not included
D: Auto-discharge option included
*1 Auto-discharge function quickly lowers the output voltage to 0 V, when the chip enable signal is switched from the
active mode to the standby mode, by releasing the electrical charge accumulated in the external capacitor.


Similar Part No. - R1513S33D-E2-FE

ManufacturerPart #DatasheetDescription
logo
Nisshinbo Micro Devices...
R1513S331B NISSHINBO-R1513S331B Datasheet
925Kb / 23P
   36 V, 0.8% Accuracy, 300 mA, Voltage Regulator
R1513S331B NISSHINBO-R1513S331B Datasheet
971Kb / 23P
   36 V, 0.8% Accuracy, 300 mA, Voltage Regulator for Industrial Applications
R1513S331D NISSHINBO-R1513S331D Datasheet
925Kb / 23P
   36 V, 0.8% Accuracy, 300 mA, Voltage Regulator
R1513S331D NISSHINBO-R1513S331D Datasheet
971Kb / 23P
   36 V, 0.8% Accuracy, 300 mA, Voltage Regulator for Industrial Applications
R1513S331X NISSHINBO-R1513S331X Datasheet
971Kb / 23P
   36 V, 0.8% Accuracy, 300 mA, Voltage Regulator for Industrial Applications
More results

Similar Description - R1513S33D-E2-FE

ManufacturerPart #DatasheetDescription
logo
RICOH electronics devic...
R1524 RICOH-R1524 Datasheet
2Mb / 32P
   Input Voltage Range (Maximum Rating) 3.5 V to 36 V (50 V)
R5112 RICOH-R5112 Datasheet
1Mb / 34P
   Input Voltage Range (Maximum Rating) 3.5 V to 42 V (50 V)
RP155Z RICOH-RP155Z Datasheet
2Mb / 24P
   Input Voltage Range (Maximum Ratings) 1.9 V to 5.25 V (6.0 V)
R1517 RICOH-R1517 Datasheet
950Kb / 38P
   Input Voltage Range (Maximum Rating) 3.5 V to 36.0 V (50.0V)
logo
Texas Instruments
LMZM33606 TI1-LMZM33606 Datasheet
979Kb / 32P
[Old version datasheet]   3.5-V to 36-V Input, 1-V to 20-V Output, 6-A Power Module
LMZM33604 TI1-LMZM33604 Datasheet
1Mb / 38P
[Old version datasheet]   3.5-V to 36-V Input, 1-V to 20-V Output, 4-A Power Module
LM43600-Q1 TI1-LM43600-Q1_17 Datasheet
2Mb / 54P
[Old version datasheet]   3.5-V to 36-V, 0.5-A Synchronous Step-Down Voltage Converter
LM43601-Q1 TI1-LM43601-Q1 Datasheet
2Mb / 53P
[Old version datasheet]   3.5-V to 36-V, 1-A Synchronous Step-Down Voltage Converter
LM43600-Q1 TI-LM43600-Q1_15 Datasheet
1Mb / 53P
[Old version datasheet]   SIMPLE SWITCHER 3.5 V to 36 V 0.5 A Synchronous Step-Down Voltage
LM63615-Q1 TI1-LM63615-Q1 Datasheet
208Kb / 6P
[Old version datasheet]   3.5-V to 36-V, 2.5-A Step-down voltage converter with spread spectrum
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com