Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AIC1734-50XXA Datasheet(PDF) 2 Page - Analog Intergrations Corporation

Part # AIC1734-50XXA
Description  300mA Low Dropout Linear Regulator
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AIC [Analog Intergrations Corporation]
Direct Link  http://www.analog.com.tw
Logo AIC - Analog Intergrations Corporation

AIC1734-50XXA Datasheet(HTML) 2 Page - Analog Intergrations Corporation

  AIC1734-50XXA Datasheet HTML 1Page - Analog Intergrations Corporation AIC1734-50XXA Datasheet HTML 2Page - Analog Intergrations Corporation AIC1734-50XXA Datasheet HTML 3Page - Analog Intergrations Corporation AIC1734-50XXA Datasheet HTML 4Page - Analog Intergrations Corporation AIC1734-50XXA Datasheet HTML 5Page - Analog Intergrations Corporation AIC1734-50XXA Datasheet HTML 6Page - Analog Intergrations Corporation AIC1734-50XXA Datasheet HTML 7Page - Analog Intergrations Corporation AIC1734-50XXA Datasheet HTML 8Page - Analog Intergrations Corporation AIC1734-50XXA Datasheet HTML 9Page - Analog Intergrations Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 13 page
background image
AIC1734
2
ORDERING INFORMATION
TO-92(ZLBG)
TOP VIEW
1: VIN
2. GND
3. VOUT
* Straight lead option available in bag packing type only.
* Refer to physical dimensions for lead pitch.
TO-92(ZTTR)
TOP VIEW
1: GND
2. VIN
3. VOUT
* Formed lead option available in reel packing type.
* Refer to physical dimensions for lead pitch.
PIN CONFIGURATION
SOT-89(XT)
TOP VIEW
1: VOUT
2. GND
3. VIN
SOT-89(XA)
TOP VIEW
1: GND
2. VIN
3. VOUT
TO-92(ZTBG)
TOP VIEW
1: GND
2. VIN
3. VOUT
* Straight lead option available in bag packing type only.
* Refer to physical dimensions for lead pitch.
1
2
3
1
2
3
PACKING TYPE
TR: REEL
BG: BAG
PACKAGE TYPE
U: SOT-23
XA: SOT-89
XT: SOT-89
ZT: TO-92
ZL: TO-92
P: Lead Free Commercial
G: Green Package
OUTPUT VOLTAGE
18: 1.8V
20: 2.0V
25: 2.5V
27: 2.7V
30: 3.0V
33: 3.3V
35: 3.5V
37: 3.7V
38: 3.8V
50: 5.0V
52: 5.2V
AIC1734-XXXXX XX
Example:
AIC 1734-18PXATR
 1.8V Version, in Lead Free SOT-89
Package & Reel Packing Type
AIC1734-18GUTR
 1.8V Version, in Green SOT-23
Package & Reel Packing Type
SOT-23(U)
TOP VIEW
1: GND
2: VOUT
3: VIN
3
1
2
TO-92(ZLTR)
TOP VIEW
1: VIN
2. GND
3. VOUT
* Formed lead option available in reel packing type.
* Refer to physical dimensions for lead pitch.
1 2 3
1
2
3
1
2
3
1
2
3
1
2
3
1 2 3
1 2 3
1 2 3


Similar Part No. - AIC1734-50XXA

ManufacturerPart #DatasheetDescription
logo
Analog Intergrations Co...
AIC1734-50XXA AIC-AIC1734-50XXA Datasheet
373Kb / 9P
   300mA Low Dropout Linear Regulator
More results

Similar Description - AIC1734-50XXA

ManufacturerPart #DatasheetDescription
logo
Analog Intergrations Co...
AIC1734 AIC-AIC1734 Datasheet
373Kb / 9P
   300mA Low Dropout Linear Regulator
AIC1739 AIC-AIC1739 Datasheet
99Kb / 6P
   300mA Low Dropout Linear Regulator
logo
List of Unclassifed Man...
SS6734G ETC-SS6734G Datasheet
467Kb / 9P
   300MA LOW DROPOUT LINEAR REGULATOR
logo
Silicon Standard Corp.
SS6732 SSC-SS6732 Datasheet
385Kb / 7P
   300mA Low Dropout Linear Regulator
SS6734G SSC-SS6734G Datasheet
455Kb / 9P
   300mA Low Dropout Linear Regulator
logo
Advanced Power Electron...
APE8865 A-POWER-APE8865_14 Datasheet
376Kb / 6P
   300mA LOW DROPOUT LINEAR REGULATOR
APE8865 A-POWER-APE8865_16 Datasheet
338Kb / 6P
   300mA LOW DROPOUT LINEAR REGULATOR
APE8867 A-POWER-APE8867_16 Datasheet
383Kb / 8P
   300mA LOW DROPOUT LINEAR REGULATOR
APE8800 A-POWER-APE8800_16 Datasheet
135Kb / 8P
   300mA LOW DROPOUT LINEAR REGULATOR
logo
TECH PUBLIC Electronics...
TP73318PDQNR TECHPUBLIC-TP73318PDQNR Datasheet
2Mb / 10P
   300mA Low- Dropout Linear Regulator|
logo
Eutech Microelectronics...
EUP7968 EUTECH-EUP7968 Datasheet
212Kb / 9P
   300mA Low Dropout Linear Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com