Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

R1516S050B-E2-FE Datasheet(PDF) 5 Page - RICOH electronics devices division

Part # R1516S050B-E2-FE
Description  Input Voltage Range 4V to 36V
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICOH [RICOH electronics devices division]
Direct Link  http://www.ricoh.com
Logo RICOH - RICOH electronics devices division

R1516S050B-E2-FE Datasheet(HTML) 5 Page - RICOH electronics devices division

  R1516S050B-E2-FE Datasheet HTML 1Page - RICOH electronics devices division R1516S050B-E2-FE Datasheet HTML 2Page - RICOH electronics devices division R1516S050B-E2-FE Datasheet HTML 3Page - RICOH electronics devices division R1516S050B-E2-FE Datasheet HTML 4Page - RICOH electronics devices division R1516S050B-E2-FE Datasheet HTML 5Page - RICOH electronics devices division R1516S050B-E2-FE Datasheet HTML 6Page - RICOH electronics devices division R1516S050B-E2-FE Datasheet HTML 7Page - RICOH electronics devices division R1516S050B-E2-FE Datasheet HTML 8Page - RICOH electronics devices division R1516S050B-E2-FE Datasheet HTML 9Page - RICOH electronics devices division Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 14 page
background image
R1516x
NO.EA-258-140703
5
ELECTRICAL CHARACTERISTICS
The specifications in
are applicable under the condition of -40
°C ≤ Topt ≤ 105°C.
● R1516xxxxB
Topt
=25ºC
Symbol
Item
Conditions
Min.
Typ.
Max.
Unit
VIN
Input Voltage
4
36
V
ISS
Supply Current
VIN
=VOUT+3.0V, IOUT=0mA
29
45
μA
Istandby
Standby Current
VIN
=36V, VCE=0V
0.1
1.0
μA
VOUT
Output Voltage
VIN
=VOUT+3.0V,
IOUT
=1mA
VOUT
≥ 3.2V
×0.99
×0.98
×1.01
×1.02
V
VOUT < 3.2V
×0.985
×0.975
×1.015
×1.025
IOUT
Output Current
Please refer to “Output Current by Output Voltage”.
ΔVOUT/ΔIOUT Load Regulation
Please refer to “Load Regulation by Output Voltage”.
ΔVOUT/ΔVIN Line Regulation
IOUT
=1mA
VOUT
+1.5V ≤ VIN ≤ 36V,
(VOUT
≥ 2.5V)
0.1
0.7
%/V
4V
≤ VIN ≤ 36V,
(VOUT < 2.5V)
VDIF
Dropout Voltage
Please refer to “Dropout Voltage by Output Voltage”.
ΔVOUT/ΔTopt
Output Voltage
Temperature Coefficient
VIN
=VOUT+3.0V, IOUT=1mA
-40
°C ≤ Topt ≤ 105°C
±100
ppm/
°C
ISC
Short Current Limit
VOUT
=0V
50
mA
VCEH
CE Input Voltage “H”
1.3
VIN
V
VCEL
CE Input Voltage “L”
0
0.35
V
TTSD
Thermal Shutdown
Temparature
Junction Temeprature
150
160
°C
TTSR
Thermal Shutdown
Released Temparature
Junction Temeprature
125
°C
● Output Current by Output Voltage
Topt
=25ºC
Output Voltage
VOUT (V)
Output Current IOUT (mA)
Condition
Min.
1.8
≤ VOUT < 3.0
VIN
=VOUT+5.0V
150
3.0
≤ VOUT < 5.0
VIN
=VOUT+4.0V
5.0
≤ VOUT ≤ 6.2
VIN
=VOUT+3.0V
● Load Regulation by Output Voltage
Topt
=25ºC
Output Voltage
VOUT (V)
Load Regulation (mV)
Condition
Typ.
Max.
1.8
≤ VOUT ≤ 3.0
VIN
=VOUT+3.0V
1mA
≤ IOUT ≤ 40mA
30 (VOUT
=3.0V)
70
3.0 < VOUT
≤ 5.0
40 (VOUT
=5.0V)
105
5.0 < VOUT
≤ 6.2
50 (VOUT
=6.2V)
125


Similar Part No. - R1516S050B-E2-FE

ManufacturerPart #DatasheetDescription
logo
RICOH electronics devic...
R1516S050B-E2-FE RICOH-R1516S050B-E2-FE Datasheet
207Kb / 14P
   Input Voltage Max. 36V
More results

Similar Description - R1516S050B-E2-FE

ManufacturerPart #DatasheetDescription
logo
SHANGHAI BELLING CO., L...
BL8023C BELLING-BL8023C Datasheet
471Kb / 6P
   5 to 36V input voltage range
logo
RICOH electronics devic...
R1511 RICOH-R1511 Datasheet
874Kb / 20P
   Input Voltage Range 3.5V to 36V
logo
Texas Instruments
PT4484-48V TI1-PT4484-48V Datasheet
182Kb / 8P
[Old version datasheet]   36V to 75V Input Voltage Range
logo
Maxim Integrated Produc...
MAX17498BEVKIT MAXIM-MAX17498BEVKIT Datasheet
1Mb / 7P
   18V to 36V DC Voltage Input Range
Rev 0; 4/12
MAX17600EVKIT MAXIM-MAX17600EVKIT Datasheet
1Mb / 10P
   4V to 14V Input Range
Rev 0; 6/12
MAX20028EVKIT MAXIM-MAX20028EVKIT Datasheet
423Kb / 8P
   3.5V to 36V Input Range
Rev 1; 2/19
logo
Texas Instruments
PT4482N TI-PT4482N Datasheet
157Kb / 7P
[Old version datasheet]   36V to 75V Input Voltage Range Programmable Output Voltage Range: 1.3V to 3.5V
logo
Maxim Integrated Produc...
MAX25231EVKIT MAXIM-MAX25231EVKIT Datasheet
1Mb / 6P
   3.5V to 36V Input Supply Range
Rev 0; 11/20
MAX17500AEVKIT MAXIM-MAX17500AEVKIT Datasheet
1Mb / 9P
   36V to 72V or -36V to -72V DC Input Range
Rev 0; 2/11
logo
Cadeka Microcircuits LL...
NJM4558 CADEKA-NJM4558 Datasheet
1Mb / 13P
   Dual 4V to 36V Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com