Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

R1513S12D-E2-FE Datasheet(PDF) 7 Page - RICOH electronics devices division

Part # R1513S12D-E2-FE
Description  Input Voltage (Maximum Ratings) 3.5 V to 36 V (50 V)
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICOH [RICOH electronics devices division]
Direct Link  http://www.ricoh.com
Logo RICOH - RICOH electronics devices division

R1513S12D-E2-FE Datasheet(HTML) 7 Page - RICOH electronics devices division

Back Button R1513S12D-E2-FE Datasheet HTML 3Page - RICOH electronics devices division R1513S12D-E2-FE Datasheet HTML 4Page - RICOH electronics devices division R1513S12D-E2-FE Datasheet HTML 5Page - RICOH electronics devices division R1513S12D-E2-FE Datasheet HTML 6Page - RICOH electronics devices division R1513S12D-E2-FE Datasheet HTML 7Page - RICOH electronics devices division R1513S12D-E2-FE Datasheet HTML 8Page - RICOH electronics devices division R1513S12D-E2-FE Datasheet HTML 9Page - RICOH electronics devices division R1513S12D-E2-FE Datasheet HTML 10Page - RICOH electronics devices division R1513S12D-E2-FE Datasheet HTML 11Page - RICOH electronics devices division Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 23 page
background image
R1513S
NO.JA-321-160715
7
TYPICAL APPLICATION
R1513Sxx1B/D
VDD
VFB
VOUT
CE
C1
C2
GND
R1513S Typical Application
External Components List
Symbol
Description
C1
1.0 µF, Ceramic Capacitor
C2
4.7µF, Ceramic Capacitor
TECHNICAL NOTES
Phase Compensation
Phase compensation is provided to secure stable operation even when the load current is varied. For this purpose,
use a 4.7 µF or more output capacitor (C2) with good frequency characteristics and proper ESR (Equivalent Series
Resistance). Connect a 1.0 µF or more input capacitor (C1) between the VDD pin and the GND pin as close as
possible to the pins.
In case of using a tantalum type capacitor with a large ESR, the output might become unstable. Evaluate your
circuit including consideration of frequency characteristics.
Depending on the capacitor size, manufacturer, and part number, the bias characteristics and the temperature
characteristics vary.
PCB Layout
Ensure the VDD and GND lines are sufficiently robust. If their impedance is too high, noise pickup or unstable
operation may result. No. 2 pin and No.5 pin must be wired together when mounting on board. Connect a
capacitor with a suitable between the VDD and GND pins, and as close as possible to the pins. The load
regulation can be improved by short-circuiting VOUT and VFB close to the load device.


Similar Part No. - R1513S12D-E2-FE

ManufacturerPart #DatasheetDescription
logo
Nisshinbo Micro Devices...
R1513S121B NISSHINBO-R1513S121B Datasheet
925Kb / 23P
   36 V, 0.8% Accuracy, 300 mA, Voltage Regulator
R1513S121B NISSHINBO-R1513S121B Datasheet
971Kb / 23P
   36 V, 0.8% Accuracy, 300 mA, Voltage Regulator for Industrial Applications
R1513S121D NISSHINBO-R1513S121D Datasheet
925Kb / 23P
   36 V, 0.8% Accuracy, 300 mA, Voltage Regulator
R1513S121D NISSHINBO-R1513S121D Datasheet
971Kb / 23P
   36 V, 0.8% Accuracy, 300 mA, Voltage Regulator for Industrial Applications
R1513S121X NISSHINBO-R1513S121X Datasheet
971Kb / 23P
   36 V, 0.8% Accuracy, 300 mA, Voltage Regulator for Industrial Applications
More results

Similar Description - R1513S12D-E2-FE

ManufacturerPart #DatasheetDescription
logo
RICOH electronics devic...
R1524 RICOH-R1524 Datasheet
2Mb / 32P
   Input Voltage Range (Maximum Rating) 3.5 V to 36 V (50 V)
R5112 RICOH-R5112 Datasheet
1Mb / 34P
   Input Voltage Range (Maximum Rating) 3.5 V to 42 V (50 V)
RP155Z RICOH-RP155Z Datasheet
2Mb / 24P
   Input Voltage Range (Maximum Ratings) 1.9 V to 5.25 V (6.0 V)
R1517 RICOH-R1517 Datasheet
950Kb / 38P
   Input Voltage Range (Maximum Rating) 3.5 V to 36.0 V (50.0V)
logo
Texas Instruments
LMZM33606 TI1-LMZM33606 Datasheet
979Kb / 32P
[Old version datasheet]   3.5-V to 36-V Input, 1-V to 20-V Output, 6-A Power Module
LMZM33604 TI1-LMZM33604 Datasheet
1Mb / 38P
[Old version datasheet]   3.5-V to 36-V Input, 1-V to 20-V Output, 4-A Power Module
LM43600-Q1 TI1-LM43600-Q1_17 Datasheet
2Mb / 54P
[Old version datasheet]   3.5-V to 36-V, 0.5-A Synchronous Step-Down Voltage Converter
LM43601-Q1 TI1-LM43601-Q1 Datasheet
2Mb / 53P
[Old version datasheet]   3.5-V to 36-V, 1-A Synchronous Step-Down Voltage Converter
LM43600-Q1 TI-LM43600-Q1_15 Datasheet
1Mb / 53P
[Old version datasheet]   SIMPLE SWITCHER 3.5 V to 36 V 0.5 A Synchronous Step-Down Voltage
LM63615-Q1 TI1-LM63615-Q1 Datasheet
208Kb / 6P
[Old version datasheet]   3.5-V to 36-V, 2.5-A Step-down voltage converter with spread spectrum
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com