Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

R1516H120B-T1-FE Datasheet(PDF) 1 Page - RICOH electronics devices division

Part # R1516H120B-T1-FE
Description  Input Voltage Max. 36V
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICOH [RICOH electronics devices division]
Direct Link  http://www.ricoh.com
Logo RICOH - RICOH electronics devices division

R1516H120B-T1-FE Datasheet(HTML) 1 Page - RICOH electronics devices division

  R1516H120B-T1-FE Datasheet HTML 1Page - RICOH electronics devices division R1516H120B-T1-FE Datasheet HTML 2Page - RICOH electronics devices division R1516H120B-T1-FE Datasheet HTML 3Page - RICOH electronics devices division R1516H120B-T1-FE Datasheet HTML 4Page - RICOH electronics devices division R1516H120B-T1-FE Datasheet HTML 5Page - RICOH electronics devices division R1516H120B-T1-FE Datasheet HTML 6Page - RICOH electronics devices division R1516H120B-T1-FE Datasheet HTML 7Page - RICOH electronics devices division R1516H120B-T1-FE Datasheet HTML 8Page - RICOH electronics devices division R1516H120B-T1-FE Datasheet HTML 9Page - RICOH electronics devices division Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 14 page
background image
R1515x SERIES
50mA VOLTAGE REGULATOR (Wide Input Voltage Range)
NO.EA-153-111026
1
OUTLINE
The R1515x series are CMOS-based positive voltage regulator (VR) ICs featuring 50mA output current. The
R1515xxxxB has features of high input voltage and ultra-low supply current. A peak current limit circuit, a short
current limit circuit, and a thermal shutdown circuit are built in the R1515x series.
The operating temperature is
−40°C to 105°C and the maximum input voltage is 36V, the R1515x series are
very suitable for power source of car accessories.
The regulator output voltage is fixed in the R1515xxxxB and can be selected with a step of 0.1V in the range of
2.0V to 12.0V. Output voltage accuracy is
±2%.
The packages for these ICs are the SOT-89-5 for space saving and the HSOP-6J for higher power
applications.
FEATURES
• Input Voltage ......................................................... Max. 36V
• Supply Current ......................................................Typ. 9μA
• Standby Current ....................................................Typ. 0.1μA
• Temperature-Drift Coefficient of Output Voltage ...Typ. ±100ppm/°C
• Output Current ......................................................Min. 50mA (VIN=VOUT+3.0V; R1515x050B)
• Line Regulation .....................................................Typ. 0.05%/V
• Output Voltage Accuracy.......................................±2%
• Output Voltage Range...........................................2.0V to 12.0V (0.1V steps)
(For other voltages, please refer to MARK INFORMATIONS.)
• Packages ..............................................................SOT-89-5, HSOP-6J
• Built-in Peak Current Limit Circuit
• Built-in Short Current Limit Circuit
• Built-in Thermal Shutdown Circuit
• Operating Temperature ......................................... −40°C to 105°C
APPLICATIONS
• Power source for home appliances such as refrigerators, rice cookers, electric water warmers, etc.
• Power source for car audio equipment, car navigation system, ETC system, etc.
• Power source for notebook PCs, digital TVs, cordless phones, and private LAN system, etc.
• Power source for office equipment machines such as copiers, printers, facsimiles, scanners, projectors, etc.
• Power source for the backup circuit for keyless entry system, etc.


Similar Part No. - R1516H120B-T1-FE

ManufacturerPart #DatasheetDescription
logo
RICOH electronics devic...
R1516H018B-T1-FE RICOH-R1516H018B-T1-FE Datasheet
341Kb / 14P
   Input Voltage Range 4V to 36V
logo
Nisshinbo Micro Devices...
R1516H018B-T1-FE NISSHINBO-R1516H018B-T1-FE Datasheet
400Kb / 14P
   150mA 36V Input LDO Regulator
logo
RICOH electronics devic...
R1516H020B-T1-FE RICOH-R1516H020B-T1-FE Datasheet
341Kb / 14P
   Input Voltage Range 4V to 36V
R1516H025B-T1-FE RICOH-R1516H025B-T1-FE Datasheet
341Kb / 14P
   Input Voltage Range 4V to 36V
R1516H030B-T1-FE RICOH-R1516H030B-T1-FE Datasheet
341Kb / 14P
   Input Voltage Range 4V to 36V
More results

Similar Description - R1516H120B-T1-FE

ManufacturerPart #DatasheetDescription
logo
RICOH electronics devic...
R1514 RICOH-R1514_17 Datasheet
254Kb / 15P
   Input Voltage Max. 36V
logo
Nisshinbo Micro Devices...
R3119X NISSHINBO-R3119X Datasheet
1Mb / 24P
   36V INPUT VOLTAGE DETECTOR
logo
SHANGHAI BELLING CO., L...
BL8023C BELLING-BL8023C Datasheet
471Kb / 6P
   5 to 36V input voltage range
logo
RICOH electronics devic...
R1516 RICOH-R1516 Datasheet
341Kb / 14P
   Input Voltage Range 4V to 36V
R1511 RICOH-R1511 Datasheet
874Kb / 20P
   Input Voltage Range 3.5V to 36V
logo
Texas Instruments
PT4484-48V TI1-PT4484-48V Datasheet
182Kb / 8P
[Old version datasheet]   36V to 75V Input Voltage Range
logo
Maxim Integrated Produc...
MAX17498BEVKIT MAXIM-MAX17498BEVKIT Datasheet
1Mb / 7P
   18V to 36V DC Voltage Input Range
Rev 0; 4/12
logo
Rohm
BD6230 ROHM-BD6230_09 Datasheet
389Kb / 17P
   H-bridge drivers (36V max.)
logo
TiMOTION Technology Co....
TP9 TIMOTION-TP9 Datasheet
347Kb / 3P
   Max. output 36V DC, 2A
20210902-J
logo
Linear Technology
LTC2960 LINER-LTC2960 Datasheet
248Kb / 16P
   36V Nano-Current Two Input Voltage Monitor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com