Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AIC1742-18BXV Datasheet(PDF) 7 Page - Analog Intergrations Corporation

Part # AIC1742-18BXV
Description  Low Noise, Low Quiescent Current, 150mA Linear Regulator with Noise Bypass
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AIC [Analog Intergrations Corporation]
Direct Link  http://www.analog.com.tw
Logo AIC - Analog Intergrations Corporation

AIC1742-18BXV Datasheet(HTML) 7 Page - Analog Intergrations Corporation

Back Button AIC1742-18BXV Datasheet HTML 3Page - Analog Intergrations Corporation AIC1742-18BXV Datasheet HTML 4Page - Analog Intergrations Corporation AIC1742-18BXV Datasheet HTML 5Page - Analog Intergrations Corporation AIC1742-18BXV Datasheet HTML 6Page - Analog Intergrations Corporation AIC1742-18BXV Datasheet HTML 7Page - Analog Intergrations Corporation AIC1742-18BXV Datasheet HTML 8Page - Analog Intergrations Corporation AIC1742-18BXV Datasheet HTML 9Page - Analog Intergrations Corporation AIC1742-18BXV Datasheet HTML 10Page - Analog Intergrations Corporation AIC1742-18BXV Datasheet HTML 11Page - Analog Intergrations Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 12 page
background image
AIC1742
7
TYPICAL PERFORMANCE CHARACTERISTICS (Continued)
Fig. 13 Input Ripple Rejection
Frequency (Hz)
10
10
2
10
3
10
4
10
5
10
6
0
20
40
60
80
100
COUT=2.2μF Ceramic
IOUT=100mA
CBP=0.01μF
CBP=0.1μF
AIC1742-30
Fig. 14 Shutdown Delay
VSHDN, 2V/Div
VOUT, 1V/Div
1↓
2↓
1) Ch 1:
500 mVolt 25 us
2) Ch 2:
20 mVolt 25 us
Fig. 15 Line Transient Response
Vout, 20mV/Div
Vin, 500mV/Div
VIN=3.5~4.5V VOUT=2.5V
COUT=2.2μF Ceramic
IOUT=60mA
1↓
2↓
1) Ch 1:
500 mVolt 100 us
2) Ch 2:
20 mVolt 100 us
Fig. 16 Line Transient Response
Vout, 20mV/Div
Vin, 500mV/Div
VIN=4.5~3.5V VOUT=2.5V
COUT=2.2μF Ceramic
IOUT=60mA
1↓
2 >
1) Ch 1:
20 mVolt 10 us
2) Ch 2:
10 mVolt 10 us
Fig. 17 Transient Response 2
VIN=5V VOUT=2.5V
COUT=2.2μF Ceramic
IOUT=0~100mA
Vout, 20mV/Div
Iout, 50mA/Div
1↓
2 >
1) Ch 1:
20 mVolt 10 us
2) Ch 2:
10 mVolt 10 us
Fig. 18 Load Transient Response
VIN=5V VOUT=2.5V
COUT=2.2μF Ceramic
Iout=0~100mA
CH1:20mV/Div
Iout, 50mA/Div


Similar Part No. - AIC1742-18BXV

ManufacturerPart #DatasheetDescription
logo
Analog Intergrations Co...
AIC1742-18BCVBG AIC-AIC1742-18BCVBG Datasheet
639Kb / 12P
   Low Noise, Low Quiescent Current, 150mA Linear Regulator with Noise Bypass
AIC1742-18BCVTR AIC-AIC1742-18BCVTR Datasheet
639Kb / 12P
   Low Noise, Low Quiescent Current, 150mA Linear Regulator with Noise Bypass
AIC1742-18BPVBG AIC-AIC1742-18BPVBG Datasheet
639Kb / 12P
   Low Noise, Low Quiescent Current, 150mA Linear Regulator with Noise Bypass
AIC1742-18BPVTR AIC-AIC1742-18BPVTR Datasheet
639Kb / 12P
   Low Noise, Low Quiescent Current, 150mA Linear Regulator with Noise Bypass
More results

Similar Description - AIC1742-18BXV

ManufacturerPart #DatasheetDescription
logo
Analog Intergrations Co...
AIC1742 AIC-AIC1742 Datasheet
639Kb / 12P
   Low Noise, Low Quiescent Current, 150mA Linear Regulator with Noise Bypass
logo
Semtech Corporation
SC1453 SEMTECH-SC1453_08 Datasheet
253Kb / 15P
   150mA Ultra Low Dropout Regulator with Low Noise Bypass
SC1453 SEMTECH-SC1453_06 Datasheet
245Kb / 14P
   150mA Ultra Low Dropout Regulator with Low Noise Bypass
SC1453 SEMTECH-SC1453 Datasheet
119Kb / 5P
   150mA Ultra Low Dropout Regulator with Low Noise Bypass
logo
Eutech Microelectronics...
EUP7965 EUTECH-EUP7965 Datasheet
375Kb / 15P
   150mA Low-Noise Low-Dropout Linear Regulator
logo
Sangdest Microelectroni...
SULR1730 SMC-SULR1730 Datasheet
335Kb / 12P
   150mA, Low Noise, Low Dropout Linear Regulator
logo
Analog Intergrations Co...
AIC1730 AIC-AIC1730_15 Datasheet
269Kb / 12P
   150mA, Low Noise, Low Dropout Linear Regulator
AIC1730 AIC-AIC1730 Datasheet
222Kb / 12P
   Low Noise Low Dropout, 150mA Linear Regulator
logo
Silicon Standard Corp.
SS6730 SSC-SS6730 Datasheet
187Kb / 12P
   150mA Low-Noise, Low-Dropout Linear Regulator
logo
Monolithic Power System...
MP2011A MPS-MP2011A Datasheet
523Kb / 14P
   24V, 150mA, Low Quiescent Current Linear Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com