Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

R1516H030B-T1-FE Datasheet(PDF) 7 Page - RICOH electronics devices division

Part # R1516H030B-T1-FE
Description  Input Voltage Range 4V to 36V
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICOH [RICOH electronics devices division]
Direct Link  http://www.ricoh.com
Logo RICOH - RICOH electronics devices division

R1516H030B-T1-FE Datasheet(HTML) 7 Page - RICOH electronics devices division

Back Button R1516H030B-T1-FE Datasheet HTML 3Page - RICOH electronics devices division R1516H030B-T1-FE Datasheet HTML 4Page - RICOH electronics devices division R1516H030B-T1-FE Datasheet HTML 5Page - RICOH electronics devices division R1516H030B-T1-FE Datasheet HTML 6Page - RICOH electronics devices division R1516H030B-T1-FE Datasheet HTML 7Page - RICOH electronics devices division R1516H030B-T1-FE Datasheet HTML 8Page - RICOH electronics devices division R1516H030B-T1-FE Datasheet HTML 9Page - RICOH electronics devices division R1516H030B-T1-FE Datasheet HTML 10Page - RICOH electronics devices division R1516H030B-T1-FE Datasheet HTML 11Page - RICOH electronics devices division Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 14 page
background image
R1516x
NO.EA-258-140703
7
TYPICAL APPLICATION
C1
R1516x
Series
VDD
VOUT
CE
GND
C2
C1=Ceramic 0.1
μF
C2=Ceramic 0.1
μF
VOUT
TECHNICAL NOTES
When using the R1516x Series, please consider the following points.
Phase Compensation
The R1516x Series provide the constant-voltage without using C1 and C2 capacitors. However, if the input line
is too long, C1 should be connected. To minimize the input voltage fluctuation and the transient output voltage
fluctuation that is caused by the load fluctuation, C2 size should be increased. Please refer to the Basic Test
Circuit below when connecting a 0.1µF to 20µF C1 capacitor from VDD to GND, and also connecting a 0.1µF to
20µF C2 capacitor from VOUT to GND. The C1 and C2 capacitors, VDD, GND and VOUT should be connected as
close as possible to each other.
GND Wiring on Boards
For SOT-89-5 package, please connect the No.2 pin and the No.4 pin to the ground plane on the board.
For HSOP-6J package, please connect the No.2 pin, the No.4 pin and the No.5 pin to the ground plane on the
board.
Thermal Shutdown
The thermal shutdown is included, which limits the junction temperature to a maximum 160ºC (Typ.). Under
extreme conditions when the junction temperature begins to rise above 160ºC, the output is turned off, reducing
the output current to zero. When the junction temperature drops below +125ºC (Typ.), the output is turned on
again and the output current is restored to its nominal value. The output repeats turning on and off to form a pulse
shaped output unless the causes of the temperature rise are removed.
Chip Enable (CE) Circuit
The electrical potential level of chip enable (CE) pin should not be set in between VCEH and VCEL. Using the
electrical potentials in between VCEH and VCEL may cause the increase of supply current and may result in unstable
output.


Similar Part No. - R1516H030B-T1-FE

ManufacturerPart #DatasheetDescription
logo
RICOH electronics devic...
R1516H030B-T1-FE RICOH-R1516H030B-T1-FE Datasheet
207Kb / 14P
   Input Voltage Max. 36V
More results

Similar Description - R1516H030B-T1-FE

ManufacturerPart #DatasheetDescription
logo
SHANGHAI BELLING CO., L...
BL8023C BELLING-BL8023C Datasheet
471Kb / 6P
   5 to 36V input voltage range
logo
RICOH electronics devic...
R1511 RICOH-R1511 Datasheet
874Kb / 20P
   Input Voltage Range 3.5V to 36V
logo
Texas Instruments
PT4484-48V TI1-PT4484-48V Datasheet
182Kb / 8P
[Old version datasheet]   36V to 75V Input Voltage Range
logo
Maxim Integrated Produc...
MAX17498BEVKIT MAXIM-MAX17498BEVKIT Datasheet
1Mb / 7P
   18V to 36V DC Voltage Input Range
Rev 0; 4/12
MAX17600EVKIT MAXIM-MAX17600EVKIT Datasheet
1Mb / 10P
   4V to 14V Input Range
Rev 0; 6/12
MAX20028EVKIT MAXIM-MAX20028EVKIT Datasheet
423Kb / 8P
   3.5V to 36V Input Range
Rev 1; 2/19
logo
Texas Instruments
PT4482N TI-PT4482N Datasheet
157Kb / 7P
[Old version datasheet]   36V to 75V Input Voltage Range Programmable Output Voltage Range: 1.3V to 3.5V
logo
Maxim Integrated Produc...
MAX25231EVKIT MAXIM-MAX25231EVKIT Datasheet
1Mb / 6P
   3.5V to 36V Input Supply Range
Rev 0; 11/20
MAX17500AEVKIT MAXIM-MAX17500AEVKIT Datasheet
1Mb / 9P
   36V to 72V or -36V to -72V DC Input Range
Rev 0; 2/11
logo
Cadeka Microcircuits LL...
NJM4558 CADEKA-NJM4558 Datasheet
1Mb / 13P
   Dual 4V to 36V Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com