Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AIC1742-29AXV Datasheet(PDF) 8 Page - Analog Intergrations Corporation

Part # AIC1742-29AXV
Description  Low Noise, Low Quiescent Current, 150mA Linear Regulator with Noise Bypass
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AIC [Analog Intergrations Corporation]
Direct Link  http://www.analog.com.tw
Logo AIC - Analog Intergrations Corporation

AIC1742-29AXV Datasheet(HTML) 8 Page - Analog Intergrations Corporation

Back Button AIC1742-29AXV Datasheet HTML 4Page - Analog Intergrations Corporation AIC1742-29AXV Datasheet HTML 5Page - Analog Intergrations Corporation AIC1742-29AXV Datasheet HTML 6Page - Analog Intergrations Corporation AIC1742-29AXV Datasheet HTML 7Page - Analog Intergrations Corporation AIC1742-29AXV Datasheet HTML 8Page - Analog Intergrations Corporation AIC1742-29AXV Datasheet HTML 9Page - Analog Intergrations Corporation AIC1742-29AXV Datasheet HTML 10Page - Analog Intergrations Corporation AIC1742-29AXV Datasheet HTML 11Page - Analog Intergrations Corporation AIC1742-29AXV Datasheet HTML 12Page - Analog Intergrations Corporation  
Zoom Inzoom in Zoom Outzoom out
 8 / 12 page
background image
AIC1742
8
TYPICAL PERFORMANCE CHARACTERISTICS (Continued)
Fig. 19 Output Noise RMS
Output Current (mA)
0.1
1
10
100
0
10
20
30
40
50
60
AIC1742-15
AIC1742-33
COUT=4.7μF Ceramic
CNB=0.01μF
f=10Hz to 100KHz
BLOCK DIAGRAM
Amp
Error
VOUT
BP
Circuit
Bias
Circuit
Disconnect
VIN
SHDN
Circuit
Control
1.25V
REF
Limit
Current
Thermal
Shutdown
-
+
GND
PIN DESCRIPTIONS
VIN PIN
-
Power supply input pin. Bypass
with a 1
μF capacitor to GND.
GND PIN -
Ground pin.
SHDN
PIN -
Active-Low shutdown input pin.
BP PIN
-
Noise
bypass
pin.
An
external
bypass capacitor connecting to BP
pin to reduce noises at the output.
VOUT PIN - Output pin. Sources up to 150 mA.


Similar Part No. - AIC1742-29AXV

ManufacturerPart #DatasheetDescription
logo
Analog Intergrations Co...
AIC1742-29ACVBG AIC-AIC1742-29ACVBG Datasheet
639Kb / 12P
   Low Noise, Low Quiescent Current, 150mA Linear Regulator with Noise Bypass
AIC1742-29ACVTR AIC-AIC1742-29ACVTR Datasheet
639Kb / 12P
   Low Noise, Low Quiescent Current, 150mA Linear Regulator with Noise Bypass
AIC1742-29APVBG AIC-AIC1742-29APVBG Datasheet
639Kb / 12P
   Low Noise, Low Quiescent Current, 150mA Linear Regulator with Noise Bypass
AIC1742-29APVTR AIC-AIC1742-29APVTR Datasheet
639Kb / 12P
   Low Noise, Low Quiescent Current, 150mA Linear Regulator with Noise Bypass
More results

Similar Description - AIC1742-29AXV

ManufacturerPart #DatasheetDescription
logo
Analog Intergrations Co...
AIC1742 AIC-AIC1742 Datasheet
639Kb / 12P
   Low Noise, Low Quiescent Current, 150mA Linear Regulator with Noise Bypass
logo
Semtech Corporation
SC1453 SEMTECH-SC1453_08 Datasheet
253Kb / 15P
   150mA Ultra Low Dropout Regulator with Low Noise Bypass
SC1453 SEMTECH-SC1453_06 Datasheet
245Kb / 14P
   150mA Ultra Low Dropout Regulator with Low Noise Bypass
SC1453 SEMTECH-SC1453 Datasheet
119Kb / 5P
   150mA Ultra Low Dropout Regulator with Low Noise Bypass
logo
Eutech Microelectronics...
EUP7965 EUTECH-EUP7965 Datasheet
375Kb / 15P
   150mA Low-Noise Low-Dropout Linear Regulator
logo
Sangdest Microelectroni...
SULR1730 SMC-SULR1730 Datasheet
335Kb / 12P
   150mA, Low Noise, Low Dropout Linear Regulator
logo
Analog Intergrations Co...
AIC1730 AIC-AIC1730_15 Datasheet
269Kb / 12P
   150mA, Low Noise, Low Dropout Linear Regulator
AIC1730 AIC-AIC1730 Datasheet
222Kb / 12P
   Low Noise Low Dropout, 150mA Linear Regulator
logo
Silicon Standard Corp.
SS6730 SSC-SS6730 Datasheet
187Kb / 12P
   150mA Low-Noise, Low-Dropout Linear Regulator
logo
Monolithic Power System...
MP2011A MPS-MP2011A Datasheet
523Kb / 14P
   24V, 150mA, Low Quiescent Current Linear Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com