Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AIC1735-35XU Datasheet(PDF) 5 Page - Analog Intergrations Corporation

Part # AIC1735-35XU
Description  500mA Low Dropout Linear Regulator
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AIC [Analog Intergrations Corporation]
Direct Link  http://www.analog.com.tw
Logo AIC - Analog Intergrations Corporation

AIC1735-35XU Datasheet(HTML) 5 Page - Analog Intergrations Corporation

  AIC1735-35XU Datasheet HTML 1Page - Analog Intergrations Corporation AIC1735-35XU Datasheet HTML 2Page - Analog Intergrations Corporation AIC1735-35XU Datasheet HTML 3Page - Analog Intergrations Corporation AIC1735-35XU Datasheet HTML 4Page - Analog Intergrations Corporation AIC1735-35XU Datasheet HTML 5Page - Analog Intergrations Corporation AIC1735-35XU Datasheet HTML 6Page - Analog Intergrations Corporation AIC1735-35XU Datasheet HTML 7Page - Analog Intergrations Corporation AIC1735-35XU Datasheet HTML 8Page - Analog Intergrations Corporation AIC1735-35XU Datasheet HTML 9Page - Analog Intergrations Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
AIC1735
5
ELECTRICAL CHARACTERISTICS (T
A=25°C, CIN=1μF, COUT=4.7μF, unless
otherwise specified.) (Note2)
PARAMETER
TEST CONDITIONS
MIN.
TYP.
MAX.
UNIT
No Load
Output Voltage
AIC1735-52
AIC1735-50
AIC1735-38
AIC1735-37
AIC1735-35
AIC1735-33
AIC1735-30
AIC1735-27
AIC1735-25
AIC1735-20
AIC1735-18
VIN=5.5~12V
VIN=5.5~12V
VIN=4.7~12V
VIN=4.7~12V
VIN=4.7~12V
VIN=4.7~12V
VIN=4.0~12V
VIN=4.0~12V
VIN=4.0~12V
VIN=4.0~12V
VIN=4.0~12V
5.100
4.900
3.725
3.625
3.430
3.235
2.940
2.646
2.450
1.960
1.764
5.200
5.000
3.800
3.700
3.500
3.300
3.000
2.700
2.500
2.000
1.800
5.300
5.100
3.875
3.775
3.570
3.365
3.060
2.754
2.550
2.040
1.836
V
Output Voltage
Temperature
Coefficiency
(Note 3)
50
PPM/
°C
Line Regulation
IL=1mA,
1.4V
≤VOUT≤3.2V
3.3V
≤VOUT≤5.2V
VIN=4V~12V
VIN=5.5V~12V
3
3
10
10
mV
Load Regulation
(Note 4)
IL=0.1~500mA
1.4V
≤VOUT≤3.9V
4.0V
≤VOUT≤5.2V
VIN=5V
VIN=7V
10
20
30
50
mV
Current Limit
(Note 5)
VIN=7V, VOUT=0V
500
mA
Dropout Voltage
(Note 6)
IL=500mA
4.0V
≤VOUT≤5.2V
3.0V
≤VOUT≤3.9V
2.5V
≤VOUT≤2.9V
2.0V
≤VOUT≤2.4V
1.4V
≤VOUT≤1.9V
510
650
780
1100
1400
710
850
980
1300
1600
mV
Ground Current
IO=0.1mA~IMAX
1.4V
≤VOUT≤3.9V
4.0V
≤VOUT≤5.2V
VIN=5~12V
VIN=7~12V
65
65
90
90
μA
Note 1: To avoid output oscillation, aluminum electrolytic output capacitor is recommended and ceramic
capacitor is not suggested.
Note 2:
Specifications are production tested at TA=25°C. Specifications over the -40°C to 85°C
operating temperature range are assured by design, characterization and correlation with
Statistical Quality Controls (SQC).
Note 3:
Guaranteed by design.
Note 4:
Regulation is measured at constant junction temperature, using pulse testing with a low ON
time.
Note 5:
Current limit is measured by pulsing a short time.
Note 6:
Dropout voltage is defined as the input to output differential at which the output voltage drops
100mV below the value measured with a 1V differential.


Similar Part No. - AIC1735-35XU

ManufacturerPart #DatasheetDescription
logo
Analog Intergrations Co...
AIC1735-35ETB AIC-AIC1735-35ETB Datasheet
107Kb / 7P
   500mA Low Dropout Linear Regulator
AIC1735-35ETR AIC-AIC1735-35ETR Datasheet
107Kb / 7P
   500mA Low Dropout Linear Regulator
AIC1735-35YTB AIC-AIC1735-35YTB Datasheet
107Kb / 7P
   500mA Low Dropout Linear Regulator
AIC1735-35YTR AIC-AIC1735-35YTR Datasheet
107Kb / 7P
   500mA Low Dropout Linear Regulator
More results

Similar Description - AIC1735-35XU

ManufacturerPart #DatasheetDescription
logo
Analog Intergrations Co...
AIC1723A AIC-AIC1723A Datasheet
454Kb / 9P
   500mA Low Dropout Linear Regulator
logo
Silicon Standard Corp.
SS6735G SSC-SS6735G Datasheet
703Kb / 9P
   500mA Low Dropout Linear Regulator
logo
Anpec Electronics Corop...
APL1088 ANPEC-APL1088 Datasheet
86Kb / 10P
   500mA Low Dropout Linear Regulator
logo
Power IC Ltd.
PL0501 PICSEMI-PL0501 Datasheet
267Kb / 10P
   500mA Low-Dropout Linear Regulator
logo
Analog Intergrations Co...
AIC1735 AIC-AIC1735 Datasheet
107Kb / 7P
   500mA Low Dropout Linear Regulator
AIC1723 AIC-AIC1723 Datasheet
225Kb / 8P
   500mA Low Dropout Linear Regulator
logo
Anpec Electronics Corop...
APL1088 ANPEC-APL1088_04 Datasheet
93Kb / 11P
   500mA Low Dropout Linear Regulator
logo
Global Mixed-mode Techn...
G9184 GMT-G9184 Datasheet
87Kb / 1P
   500mA Low Dropout Linear Regulator
logo
IK Semicon Co., Ltd
IL233-XX IKSEMICON-IL233-XX Datasheet
355Kb / 6P
   500mA Low Dropout Linear Voltage Regulator
logo
ams AG
AS1363 AMSCO-AS1363 Datasheet
570Kb / 14P
   500mA, Low-Dropout Linear Voltage Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com