Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AIC1746-xxGDA Datasheet(PDF) 6 Page - Analog Intergrations Corporation

Part # AIC1746-xxGDA
Description  150mA Linear Regulator With Bypass Pin
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AIC [Analog Intergrations Corporation]
Direct Link  http://www.analog.com.tw
Logo AIC - Analog Intergrations Corporation

AIC1746-xxGDA Datasheet(HTML) 6 Page - Analog Intergrations Corporation

Back Button AIC1746-xxGDA Datasheet HTML 2Page - Analog Intergrations Corporation AIC1746-xxGDA Datasheet HTML 3Page - Analog Intergrations Corporation AIC1746-xxGDA Datasheet HTML 4Page - Analog Intergrations Corporation AIC1746-xxGDA Datasheet HTML 5Page - Analog Intergrations Corporation AIC1746-xxGDA Datasheet HTML 6Page - Analog Intergrations Corporation AIC1746-xxGDA Datasheet HTML 7Page - Analog Intergrations Corporation AIC1746-xxGDA Datasheet HTML 8Page - Analog Intergrations Corporation AIC1746-xxGDA Datasheet HTML 9Page - Analog Intergrations Corporation AIC1746-xxGDA Datasheet HTML 10Page - Analog Intergrations Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 22 page
background image
AIC1746
6
ELECTRICAL CHARACTERISTICS
(CIN = Cout = 1μF, CBP = 0.1nF, VIN = VOUT + 1V, TJ=25°C, unless otherwise specified) (Note 1)
PARAMETER
TEST CONDITIONS
SYMBOL
MIN.
TYP.
MAX.
UNIT
Input Voltage (Note 2)
VIN
2
6
V
Output Voltage Tolerance
VIN=6V, IOUT = 1mA
VOUT
-2
2
%
Continuous Output Current
IOUT
150
mA
Quiescent Current
VEN ≧1.2V, IOUT = 0 mA
IQ
80
110
μA
GND Pin Current
IOUT = 150mA
IGND
80
μA
Standby Current
VEN= 0
ISTBY
0.01
0.5
μA
Output Current Limit
Vin=5V RLOAD = 1Ω
IIL
180
300
500
mA
Dropout Voltage
IOUT = 150 mA, VOUT=1.2V
VDROP
460
700
mV
IOUT = 150 mA, VOUT=1.8V
230
340
IOUT = 150 mA, VOUT=3.3V
140
220
Line Regulation
VIN = VOUT + 1V to 6V
ΔV
LIR
3
10
mV
Load Regulation
IOUT = 1mA to 150mA
ΔV
LOR
5
20
mV
Ripple Rejection
f=1KHz, Ripple=0.5Vp-p,
f=10KHz, Ripple=0.5Vp-p,
PSRR
-60
-55
dB
Temperature Coefficient
TC
50
ppm/℃
Thermal Shutdown
Temperature
VIN = VOUT + 1V
TSD
150
Thermal Shutdown
Hysteresis
ΔT
SD
20
Shutdown Pin SPECIFICATIONS
Shutdown Pin Current
VEN = VIN or GND
IEN
0
100
nA
Shutdown Exit Delay Time
IOUT = 30mA
Δt
50
μS
Max Output Discharge
Resistance to GND during
Shutdown
RDSON_
CLMP
700
Ω
Shutdown Time
30
μS
Shutdown Input Threshold
Output ON, VIN = 2.2V to 5.5V
VENH
1.2
V
Output OFF, VIN = 2.2V to 5.5V
VENL
0.4
Note 1. Specifications are production tested at T
A
=25°C. Specifications over the -40°C to 85°C operating
temperature range are assured by design, characterization and correlation with Statistical Quality
Controls (SQC).
Note 2. Vin(min) is the higher value of Vout + Dropout Voltage or 2.0V.


Similar Part No. - AIC1746-xxGDA

ManufacturerPart #DatasheetDescription
logo
Analog Intergrations Co...
AIC1746 AIC-AIC1746 Datasheet
381Kb / 22P
   150mA Linear Regulator With Bypass Pin
More results

Similar Description - AIC1746-xxGDA

ManufacturerPart #DatasheetDescription
logo
Analog Intergrations Co...
AIC1746 AIC-AIC1746 Datasheet
381Kb / 22P
   150mA Linear Regulator With Bypass Pin
AIC1747 AIC-AIC1747 Datasheet
617Kb / 22P
   300mA Linear Regulator With Bypass Pin
AIC1748 AIC-AIC1748 Datasheet
379Kb / 20P
   High PSRR, 600mA Linear Regulator With Bypass Pin
AIC1742 AIC-AIC1742_15 Datasheet
328Kb / 12P
   Low Noise, Low Quiescent Current, 150mA Linear Regulator with Noise Bypass
AIC1742 AIC-AIC1742 Datasheet
639Kb / 12P
   Low Noise, Low Quiescent Current, 150mA Linear Regulator with Noise Bypass
logo
Sangdest Microelectroni...
SULR1221 SMC-SULR1221 Datasheet
547Kb / 17P
   Ultra LDO 2A Linear Regulator With Adjustable & Bypass Pin
logo
Analog Intergrations Co...
AIC1190 AIC-AIC1190 Datasheet
759Kb / 19P
   Ultra LDO 1A Linear Regulator With Adjustable & Bypass Pin
AIC1189 AIC-AIC1189 Datasheet
563Kb / 20P
   Ultra LDO 2A Linear Regulator With Adjustable & Bypass Pin
AIC1221 AIC-AIC1221 Datasheet
535Kb / 17P
   Ultra LDO 2A Linear Regulator With Adjustable AND Bypass Pin
logo
Semtech Corporation
SC1453 SEMTECH-SC1453_08 Datasheet
253Kb / 15P
   150mA Ultra Low Dropout Regulator with Low Noise Bypass
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com