Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AIC1722A-25XU Datasheet(PDF) 9 Page - Analog Intergrations Corporation

Part # AIC1722A-25XU
Description  300mA Low Dropout Linear Regulator
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AIC [Analog Intergrations Corporation]
Direct Link  http://www.analog.com.tw
Logo AIC - Analog Intergrations Corporation

AIC1722A-25XU Datasheet(HTML) 9 Page - Analog Intergrations Corporation

Back Button AIC1722A-25XU Datasheet HTML 5Page - Analog Intergrations Corporation AIC1722A-25XU Datasheet HTML 6Page - Analog Intergrations Corporation AIC1722A-25XU Datasheet HTML 7Page - Analog Intergrations Corporation AIC1722A-25XU Datasheet HTML 8Page - Analog Intergrations Corporation AIC1722A-25XU Datasheet HTML 9Page - Analog Intergrations Corporation AIC1722A-25XU Datasheet HTML 10Page - Analog Intergrations Corporation AIC1722A-25XU Datasheet HTML 11Page - Analog Intergrations Corporation AIC1722A-25XU Datasheet HTML 12Page - Analog Intergrations Corporation AIC1722A-25XU Datasheet HTML 13Page - Analog Intergrations Corporation  
Zoom Inzoom in Zoom Outzoom out
 9 / 13 page
background image
AIC1722A
9
APPLICATION INFORMATION
INPUT-OUTPUT CAPACITORS
Linear regulators require input and output
capacitors to maintain stability. Input capacitor at
1
F with 1uF aluminum electrolytic output
capacitor is recommended.
POWER DISSIPATION
The AIC1722A obtains thermal-limiting circuitry,
which is designed to protect the device against
overload
condition.
For
continuous
load
condition,
maximum
rating
of
junction
temperature must
not
be
exceeded.
It
is
important to pay more attention in thermal
resistance. It includes junction to case, junction
to ambient. The maximum power dissipation of
AIC1722A depends on the thermal resistance of
its case and circuit board, the temperature
difference between the die junction and ambient
air, and the rate of airflow. The rate of
temperature rise is greatly affected by the
mounting pad configuration on the PCB, the
board material, and the ambient temperature.
When the IC mounting with good thermal
conductivity is used, the junction temperature
will be low even when large power dissipation
applies.
The power dissipation across the device is
P = IOUT (VIN-VOUT).
The maximum power dissipation is:
JA
A
max
-
J
MAX
R
θ
)
T
-
(T
P
Where TJ-max is the maximum allowable junction
temperature (125
C), and T
A
is the ambient
temperature suitable in application.
As a general rule, the lower temperature is, the
better reliability of the device is. So the PCB
mounting pad should provide maximum thermal
conductivity to maintain low device temperature.
GND pin performs a dual function for providing
an
electrical
connection
to
ground
and
channeling heat away. Therefore, connecting
the GND pin to ground with a large pad or
ground
plane
would
increase
the
power
dissipation and reduce the device temperature.


Similar Part No. - AIC1722A-25XU

ManufacturerPart #DatasheetDescription
logo
Analog Intergrations Co...
AIC1722A-25CUBG AIC-AIC1722A-25CUBG Datasheet
417Kb / 9P
   300mA Low Dropout Linear Regulator
AIC1722A-25CUTR AIC-AIC1722A-25CUTR Datasheet
417Kb / 9P
   300mA Low Dropout Linear Regulator
AIC1722A-25CXABG AIC-AIC1722A-25CXABG Datasheet
417Kb / 9P
   300mA Low Dropout Linear Regulator
AIC1722A-25CXATR AIC-AIC1722A-25CXATR Datasheet
417Kb / 9P
   300mA Low Dropout Linear Regulator
AIC1722A-25CXTBG AIC-AIC1722A-25CXTBG Datasheet
417Kb / 9P
   300mA Low Dropout Linear Regulator
More results

Similar Description - AIC1722A-25XU

ManufacturerPart #DatasheetDescription
logo
Analog Intergrations Co...
AIC1734 AIC-AIC1734 Datasheet
373Kb / 9P
   300mA Low Dropout Linear Regulator
AIC1739 AIC-AIC1739 Datasheet
99Kb / 6P
   300mA Low Dropout Linear Regulator
logo
List of Unclassifed Man...
SS6734G ETC-SS6734G Datasheet
467Kb / 9P
   300MA LOW DROPOUT LINEAR REGULATOR
logo
Silicon Standard Corp.
SS6732 SSC-SS6732 Datasheet
385Kb / 7P
   300mA Low Dropout Linear Regulator
SS6734G SSC-SS6734G Datasheet
455Kb / 9P
   300mA Low Dropout Linear Regulator
logo
Advanced Power Electron...
APE8865 A-POWER-APE8865_14 Datasheet
376Kb / 6P
   300mA LOW DROPOUT LINEAR REGULATOR
APE8865 A-POWER-APE8865_16 Datasheet
338Kb / 6P
   300mA LOW DROPOUT LINEAR REGULATOR
APE8867 A-POWER-APE8867_16 Datasheet
383Kb / 8P
   300mA LOW DROPOUT LINEAR REGULATOR
APE8800 A-POWER-APE8800_16 Datasheet
135Kb / 8P
   300mA LOW DROPOUT LINEAR REGULATOR
logo
TECH PUBLIC Electronics...
TP73318PDQNR TECHPUBLIC-TP73318PDQNR Datasheet
2Mb / 10P
   300mA Low- Dropout Linear Regulator|
logo
Eutech Microelectronics...
EUP7968 EUTECH-EUP7968 Datasheet
212Kb / 9P
   300mA Low Dropout Linear Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com