Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AIC1731 Datasheet(PDF) 1 Page - Analog Intergrations Corporation

Part # AIC1731
Description  300mA, Low Dropout Linear Regulator with Shutdown
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AIC [Analog Intergrations Corporation]
Direct Link  http://www.analog.com.tw
Logo AIC - Analog Intergrations Corporation

AIC1731 Datasheet(HTML) 1 Page - Analog Intergrations Corporation

  AIC1731_15 Datasheet HTML 1Page - Analog Intergrations Corporation AIC1731_15 Datasheet HTML 2Page - Analog Intergrations Corporation AIC1731_15 Datasheet HTML 3Page - Analog Intergrations Corporation AIC1731_15 Datasheet HTML 4Page - Analog Intergrations Corporation AIC1731_15 Datasheet HTML 5Page - Analog Intergrations Corporation AIC1731_15 Datasheet HTML 6Page - Analog Intergrations Corporation AIC1731_15 Datasheet HTML 7Page - Analog Intergrations Corporation AIC1731_15 Datasheet HTML 8Page - Analog Intergrations Corporation AIC1731_15 Datasheet HTML 9Page - Analog Intergrations Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
AIC1731
300mA, Low Dropout Linear Regulator
with Shutdown
Analog Integrations Corporation
Si-Soft Research Center
DS-1731G-02
20090928
3A1, No.1, Li-Hsin Rd. I , Science Park , Hsinchu 300, Taiwan , R.O.C.
TEL: 886-3-5772500
FAX: 886-3-5772510
www.analog.com.tw
1
FEATURES
Active Low Shutdown Control.
Very Low Quiescent Current.
Very Low Dropout Voltage of 470mV at 300mA
Output Current (3.0V Output Version)
1.3V, 1.5V, 1.8V, 2.5V, 2.8V, 3.0V, 3.3V Output
Voltage.
Short Circuit and Thermal Protection.
±2% Output Tolerance.
Miniature Package: SOT-23-5 and SOT-89-5
APPLICATIONS
PDA
DSC
Notebook
Pagers
Personal Communication Equipment
Cordless Telephones
Portable Instrumentation
Portable Consumer Equipment
Battery Powered Systems
DESCRIPTION
AIC1731 is a 300mA low noise, low dropout
linear regulator, and is housed in small SOT-23-5
and SOT-89-5 package. The device is in the “ON”
state when the SHDN pin is set to logic high
level. An internal P-MOSFET pass transistor is
used to achieve 470mV low dropout voltage at
300mA load current. It offers high precision
output voltage of
±2%. The quality of low
quiescent current and low dropout voltage makes
this device ideal for battery power applications.
The internal reverse bias protection eliminates
the requirement for a reverse voltage protection
diode. The high ripple rejection and low noise of
AIC1731 provide enhanced performance for
critical applications. The noise bypass pin can be
connected an external capacitor to reduce the
output noise level.
TYPICAL APPLICATION CIRCUIT
CIN
1
μF
VIN
BP
VOUT
SHDN
GND
VIN
AIC1731
COUT
1
μF
(Note1)
CBP
0.1
μF
SHDN
VOUT
+
+
Low Noise Low Dropout Linear Regulator


Similar Part No. - AIC1731_15

ManufacturerPart #DatasheetDescription
logo
Analog Intergrations Co...
AIC1731-15CVBG AIC-AIC1731-15CVBG Datasheet
404Kb / 10P
   300mA, Low Dropout Linear Regulator with Shutdown
AIC1731-15CVTR AIC-AIC1731-15CVTR Datasheet
404Kb / 10P
   300mA, Low Dropout Linear Regulator with Shutdown
AIC1731-15PVBG AIC-AIC1731-15PVBG Datasheet
404Kb / 10P
   300mA, Low Dropout Linear Regulator with Shutdown
AIC1731-15PVTR AIC-AIC1731-15PVTR Datasheet
404Kb / 10P
   300mA, Low Dropout Linear Regulator with Shutdown
More results

Similar Description - AIC1731_15

ManufacturerPart #DatasheetDescription
logo
Sangdest Microelectroni...
SULR1731 SMC-SULR1731 Datasheet
413Kb / 11P
   300mA, Low Dropout Linear Regulator with Shutdown
logo
Analog Intergrations Co...
AIC1731 AIC-AIC1731 Datasheet
404Kb / 10P
   300mA, Low Dropout Linear Regulator with Shutdown
logo
Advanced Power Electron...
APE8800A A-POWER-APE8800A_16 Datasheet
169Kb / 7P
   300mA LOW DROPOUT LINEAR REGULATOR WITH SHUTDOWN
logo
Diodes Incorporated
AP131 DIODES-AP131 Datasheet
176Kb / 7P
   300mA LOW DROPOUT LINEAR REGULATOR WITH SHUTDOWN
AP131 Rev. 1
logo
Advanced Power Electron...
APE8800A A-POWER-APE8800A Datasheet
337Kb / 7P
   300mA Low Dropout Linear Regulator with Shutdown
logo
Anachip Corp
AP131 ANACHIP-AP131 Datasheet
155Kb / 7P
   300mA Low Dropout Linear Regulator with Shutdown
logo
Diodes Incorporated
AP131 DIODES-AP131_09 Datasheet
123Kb / 7P
   300mA LOW DROPOUT LINEAR REGULATOR WITH
AP131 Rev. 7
logo
Analog Intergrations Co...
AIC1734 AIC-AIC1734 Datasheet
373Kb / 9P
   300mA Low Dropout Linear Regulator
AIC1739 AIC-AIC1739 Datasheet
99Kb / 6P
   300mA Low Dropout Linear Regulator
logo
List of Unclassifed Man...
SS6734G ETC-SS6734G Datasheet
467Kb / 9P
   300MA LOW DROPOUT LINEAR REGULATOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com