Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AIC1730-18 Datasheet(PDF) 8 Page - Analog Intergrations Corporation

Part # AIC1730-18
Description  150mA, Low Noise, Low Dropout Linear Regulator
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AIC [Analog Intergrations Corporation]
Direct Link  http://www.analog.com.tw
Logo AIC - Analog Intergrations Corporation

AIC1730-18 Datasheet(HTML) 8 Page - Analog Intergrations Corporation

Back Button AIC1730-18 Datasheet HTML 4Page - Analog Intergrations Corporation AIC1730-18 Datasheet HTML 5Page - Analog Intergrations Corporation AIC1730-18 Datasheet HTML 6Page - Analog Intergrations Corporation AIC1730-18 Datasheet HTML 7Page - Analog Intergrations Corporation AIC1730-18 Datasheet HTML 8Page - Analog Intergrations Corporation AIC1730-18 Datasheet HTML 9Page - Analog Intergrations Corporation AIC1730-18 Datasheet HTML 10Page - Analog Intergrations Corporation AIC1730-18 Datasheet HTML 11Page - Analog Intergrations Corporation AIC1730-18 Datasheet HTML 12Page - Analog Intergrations Corporation  
Zoom Inzoom in Zoom Outzoom out
 8 / 12 page
background image
AIC1730
8
TYPICAL PERFORMANCE CHARACTERISTICS (Continued)
0
2
4
6
8
0
100
200
300
400
Fig. 19
Short Circuit Current vs. Input Voltage
VOUT is connected to GND
VIN (V)
0
50
100
150
55
60
65
70
Fig. 20
Ground Current vs. Output Current
IOUT (mA)
BLOCK DIAGRAM
Current
Limiting
Error
Amp.
-
+
Thermal
Limiting
VOUT
Power
Shutdown
BP
VIN
GND
VREF
1.23V
SHDN


Similar Part No. - AIC1730-18

ManufacturerPart #DatasheetDescription
logo
Analog Intergrations Co...
AIC1730-18CQ AIC-AIC1730-18CQ Datasheet
222Kb / 12P
   Low Noise Low Dropout, 150mA Linear Regulator
AIC1730-18CV AIC-AIC1730-18CV Datasheet
222Kb / 12P
   Low Noise Low Dropout, 150mA Linear Regulator
More results

Similar Description - AIC1730-18

ManufacturerPart #DatasheetDescription
logo
Eutech Microelectronics...
EUP7965 EUTECH-EUP7965 Datasheet
375Kb / 15P
   150mA Low-Noise Low-Dropout Linear Regulator
logo
Sangdest Microelectroni...
SULR1730 SMC-SULR1730 Datasheet
335Kb / 12P
   150mA, Low Noise, Low Dropout Linear Regulator
logo
Analog Intergrations Co...
AIC1730 AIC-AIC1730 Datasheet
222Kb / 12P
   Low Noise Low Dropout, 150mA Linear Regulator
logo
Silicon Standard Corp.
SS6730 SSC-SS6730 Datasheet
187Kb / 12P
   150mA Low-Noise, Low-Dropout Linear Regulator
logo
Semtech Corporation
SC5205 SEMTECH-SC5205 Datasheet
137Kb / 5P
   150mA Ultra Low Dropout, Low Noise Micropower Linear Regulator
logo
Monolithic Power System...
MP8801 MPS-MP8801_06 Datasheet
294Kb / 7P
   Low Dropout 150mA Linear Regulator
logo
Seaward Electronics Inc...
SE8802 SEAWARD-SE8802 Datasheet
335Kb / 6P
   150mA Low Dropout Linear Regulator
logo
Monolithic Power System...
EV8801DJ-00A MPS-EV8801DJ-00A Datasheet
185Kb / 4P
   Low Dropout 150mA Linear Regulator
MP8903 MPS-MP8903 Datasheet
272Kb / 10P
   Low Dropout 150mA Linear Regulator
logo
Union Semiconductor, In...
UM1330 UNIONSEMI-UM1330 Datasheet
634Kb / 14P
   150mA, Low Noise, Low Dropout Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com