Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ADA4930-1YCPZ-R7 Datasheet(PDF) 9 Page - Analog Devices

Part # ADA4930-1YCPZ-R7
Description  Ultralow Noise Drivers for Low Voltage ADCs
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADA4930-1YCPZ-R7 Datasheet(HTML) 9 Page - Analog Devices

Back Button ADA4930-1YCPZ-R7 Datasheet HTML 5Page - Analog Devices ADA4930-1YCPZ-R7 Datasheet HTML 6Page - Analog Devices ADA4930-1YCPZ-R7 Datasheet HTML 7Page - Analog Devices ADA4930-1YCPZ-R7 Datasheet HTML 8Page - Analog Devices ADA4930-1YCPZ-R7 Datasheet HTML 9Page - Analog Devices ADA4930-1YCPZ-R7 Datasheet HTML 10Page - Analog Devices ADA4930-1YCPZ-R7 Datasheet HTML 11Page - Analog Devices ADA4930-1YCPZ-R7 Datasheet HTML 12Page - Analog Devices ADA4930-1YCPZ-R7 Datasheet HTML 13Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 25 page
background image
Data Sheet
ADA4930-1/ADA4930-2
Rev. B | Page 9 of 25
TYPICAL PERFORMANCE CHARACTERISTICS
TA = 25C, VS = 5 V, VICM = 0.9 V, VOCM = 0.9 V, RL, dm = 1 kΩ, unless otherwise noted.
–27
–24
–21
–18
–15
–12
–9
–6
–3
0
3
1M
10M
100M
1G
10G
FREQUENCY (Hz)
VIN = 100mV
G = 1, RG = 300Ω
G = 2, RG = 150Ω
G = 5, RG = 60Ω
Figure 7. Small Signal Frequency Response
at Gain = 1, Gain = 2, and Gain = 5
–27
–24
–21
–18
–15
–12
–9
–6
–3
0
3
1M
10M
100M
1G
10G
FREQUENCY (Hz)
VIN = 100mV
VS = 3.3V
VS = 5.0V
Figure 8. Small Signal Frequency Response
at VS = 3.3 V and VS = 5 V
–27
–24
–21
–18
–15
–12
–9
–6
–3
0
3
1M
10M
100M
1G
10G
FREQUENCY (Hz)
VIN = 100mV
TA = –40°C
TA = +25°C
TA = +105°C
Figure 9. Small Signal Frequency Response
at TA = −40°C, TA = 25°C, and TA = 105°C
–27
–24
–21
–18
–15
–12
–9
–6
–3
0
3
1M
10M
100M
1G
10G
FREQUENCY (Hz)
VIN = 2V p-p
G = 1, RG = 300Ω
G = 2, RG = 150Ω
G = 5, RG = 60Ω
Figure 10. Large Signal Frequency Response
at Gain = 1, Gain = 2, and Gain = 5
–27
–24
–21
–18
–15
–12
–9
–6
–3
3
0
6
1M
10M
100M
1G
10G
FREQUENCY (Hz)
VIN = 2V p-p
VS = 3.3V
VS = 5.0V
Figure 11. Large Signal Frequency Response
at VS = 3.3 V and VS = 5 V
–27
–24
–21
–18
–15
–12
–9
–6
–3
3
0
6
1M
10M
100M
1G
10G
FREQUENCY (Hz)
VIN = 2V p-p
TA = –40°C
TA = +25°C
TA = +105°C
Figure 12. Large Signal Frequency Response
at TA = −40°C, TA = 25°C, and TA = 105°C


Similar Part No. - ADA4930-1YCPZ-R7

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADA4930-1YCPZ-R7 AD-ADA4930-1YCPZ-R7 Datasheet
674Kb / 28P
   Ultralow Noise Drivers for Low Voltage ADCs
REV. A
ADA4930-1YCPZ-R7 AD-ADA4930-1YCPZ-R7 Datasheet
625Kb / 25P
   Ultralow Noise Drivers for Low Voltage ADCs
More results

Similar Description - ADA4930-1YCPZ-R7

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADA4930-1 AD-ADA4930-1_17 Datasheet
625Kb / 25P
   Ultralow Noise Drivers for Low Voltage ADCs
ADA4930-1 AD-ADA4930-1 Datasheet
674Kb / 28P
   Ultralow Noise Drivers for Low Voltage ADCs
REV. A
logo
Texas Instruments
ADS41B29 TI1-ADS41B29 Datasheet
2Mb / 59P
[Old version datasheet]   Ultralow-Power ADCs
logo
Analog Devices
MT-074 AD-MT-074 Datasheet
255Kb / 5P
   Differential Drivers for Precision ADCs
REV. 0
logo
Texas Instruments
TPS79015 TI1-TPS79015_08 Datasheet
485Kb / 20P
[Old version datasheet]   ULTRALOW-POWER LOW-NOISE 50-mA ULTRALOW-POWER LOW-NOISE 50-mA
logo
Analog Devices
ADR4520 AD-ADR4520_V01 Datasheet
1Mb / 40P
   Ultralow Noise, High Accuracy Voltage References
Rev. D
MT-075 AD-MT-075 Datasheet
190Kb / 9P
   Differential Drivers for High Speed ADCs Overview
REV. 0
logo
Texas Instruments
TPS790 TI-TPS790 Datasheet
463Kb / 20P
[Old version datasheet]   ULTRALOW-POWER LOW-NOISE 50-mA
logo
Analog Devices
ADPD2210 AD-ADPD2210 Datasheet
448Kb / 16P
   Ultralow noise, low power current amplifier
ADMP521 AD-ADMP521 Datasheet
263Kb / 16P
   Ultralow Noise Microphone
REV. A
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com