Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AD8556ARZ Datasheet(PDF) 1 Page - Analog Devices

Part # AD8556ARZ
Description  Digitally Programmable Sensor Signal Amplifier with EMI Filters
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8556ARZ Datasheet(HTML) 1 Page - Analog Devices

  AD8556ARZ Datasheet HTML 1Page - Analog Devices AD8556ARZ Datasheet HTML 2Page - Analog Devices AD8556ARZ Datasheet HTML 3Page - Analog Devices AD8556ARZ Datasheet HTML 4Page - Analog Devices AD8556ARZ Datasheet HTML 5Page - Analog Devices AD8556ARZ Datasheet HTML 6Page - Analog Devices AD8556ARZ Datasheet HTML 7Page - Analog Devices AD8556ARZ Datasheet HTML 8Page - Analog Devices AD8556ARZ Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 28 page
background image
Digitally Programmable Sensor Signal
Amplifier with EMI Filters
Data Sheet
AD8556
FEATURES
EMI filters at input pins
Specified from −40°C to +140°C
Low offset voltage: 10 µV maximum
Low input offset voltage drift:
65 nV/°C maximum
High CMRR: 94 dB minimum
Digitally programmable gain and output offset voltage
Programmable output clamp voltage
Open and short wire fault detection
Low-pass filtering
Single-wire serial interface
Stable with any capacitive load
SOIC_N and LFCSP_WQ packages
4.5 V to 5.5 V operation
APPLICATIONS
Pressure and position sensors
Precision current sensing
Strain gages
FUNCTIONAL BLOCK DIAGRAM
VDD
VSS
1
2
3
+IN
–IN
OUT
A3
VDD
VSS
1
2
3
+IN
–IN
OUT
A4
VOUT
VDD
VSS
1
2
3
+IN
–IN
OUT
A2
VDD
VSS
1
2
3
+IN
–IN
OUT
A1
VSS
1
2
3
+IN
–IN
OUT
A5
R7
P4
R5
VDD
DIGIN
VCLAMP
R3
P2
P1
R1
R2
R4
R5
P3
VNEG
VPOS
DAC
LOGIC
EMI
FILTER
EMI
FILTER
EMI
FILTER
RF
EMI
FILTER
FILT/DIGOUT
AD8556
VSS
EMI
FILTER
Figure 1.
Rev. B
Document Feedback
Information furnished by Analog Devices is believed to be accurate and reliable. However, no
responsibilityisassumedbyAnalogDevicesforitsuse,norforanyinfringementsofpatentsorother
rightsofthirdpartiesthatmayresultfromitsuse.Specificationssubjecttochangewithoutnotice.No
license is granted by implication or otherwise under any patent or patent rights of Analog Devices.
Trademarksandregisteredtrademarksarethepropertyoftheirrespectiveowners.
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A.
Tel: 781.329.4700
©2005–2015 Analog Devices, Inc. All rights reserved.
Technical Support
www.analog.com


Similar Part No. - AD8556ARZ

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD8556ARZ AD-AD8556ARZ Datasheet
777Kb / 28P
   Digitally Programmable Sensor Signal Amplifier with EMI Filters
REV. A
More results

Similar Description - AD8556ARZ

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD8556ARZ AD-AD8556ARZ Datasheet
777Kb / 28P
   Digitally Programmable Sensor Signal Amplifier with EMI Filters
REV. A
AD8557ARZ AD-AD8557ARZ Datasheet
508Kb / 24P
   Digitally Programmable Sensor Signal Amplifier
REV. C
AD8557 AD-AD8557_16 Datasheet
585Kb / 25P
   Digitally Programmable Sensor Signal Amplifier
AD8557ARZ AD-AD8557ARZ Datasheet
508Kb / 24P
   Digitally Programmable Sensor Signal Amplifier
REV. C
AD8557ARZ AD-AD8557ARZ Datasheet
508Kb / 24P
   Digitally Programmable Sensor Signal Amplifier
REV. C
AD8555 AD-AD8555 Datasheet
503Kb / 28P
   Zero-Drift, Digitally Programmable Sensor Signal Amplifier
REV. 0
AD8555 AD-AD8555_09 Datasheet
616Kb / 28P
   Zero-Drift, Digitally Programmable Sensor Signal Amplifier
REV. A
AD8555 AD-AD8555_V01 Datasheet
696Kb / 29P
   Zero-Drift, Digitally Programmable Sensor Signal Amplifier
Rev. B
logo
National Semiconductor ...
LH0086 NSC-LH0086 Datasheet
252Kb / 7P
   DIGITALLY-PROGRAMMABLE-GAIN AMPLIFIER
logo
List of Unclassifed Man...
MN2020 ETC-MN2020 Datasheet
973Kb / 6P
   Digitally Controlled Programmable-Gain Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com