Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AD8426 Datasheet(PDF) 8 Page - Analog Devices

Part # AD8426
Description  Wide Supply Range, Rail-to-Rail Output Instrumentation Amplifier
Download  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8426 Datasheet(HTML) 8 Page - Analog Devices

Back Button AD8426_16 Datasheet HTML 4Page - Analog Devices AD8426_16 Datasheet HTML 5Page - Analog Devices AD8426_16 Datasheet HTML 6Page - Analog Devices AD8426_16 Datasheet HTML 7Page - Analog Devices AD8426_16 Datasheet HTML 8Page - Analog Devices AD8426_16 Datasheet HTML 9Page - Analog Devices AD8426_16 Datasheet HTML 10Page - Analog Devices AD8426_16 Datasheet HTML 11Page - Analog Devices AD8426_16 Datasheet HTML 12Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 29 page
background image
AD8426
Rev. 0 | Page 7 of 28
Test Conditions/
Comments
A Grade
B Grade
Parameter
Min
Typ
Max
Min
Typ
Max
Unit
REFERENCE INPUT
RIN
100
100
IIN
7
7
μA
Voltage Range
−VS
+VS
−VS
+VS
V
Reference Gain to Output
1
1
V/V
Reference Gain Error
0.01
0.01
%
GAIN
G = 1 + (49.4 kΩ/RG)
Gain Range
1
1000
1
1000
V/V
Gain Error
G = 1
VOUT = 0.8 V to 1.8 V
0.05
0.05
%
G = 5 to 1000
VOUT = 0.2 V to 2.5 V
0.3
0.1
%
Gain vs. Temperature2
G = 1
TA = −40°C to +85°C
5
1
ppm/°C
TA = +85°C to +125°C
5
2
ppm/°C
G > 1
TA = −40°C to +125°C
−100
−100
ppm/°C
INPUT
−VS = 0 V, +VS = 2.7 V
to 36 V
Input Impedance
Differential
0.8||2
0.8||2
GΩ||pF
Common Mode
0.4||2
0.4||2
GΩ||pF
Input Operating Voltage
Range3
TA = +25°C
−0.1
+VS − 0.7
−0.1
+VS − 0.7
V
TA = +125°C
−0.05
+VS − 0.6
−0.05
+VS − 0.6
V
TA = −40°C
−0.15
+VS − 0.9
−0.15
+VS − 0.9
V
Input Overvoltage Range
TA = −40°C to +125°C
+VS − 40
−VS + 40
+VS − 40
−VS + 40
V
OUTPUT
Output Swing
RL = 10 kΩ to 1.35 V
TA = −40°C to +125°C
0.1
+VS − 0.1
0.1
+VS − 0.1
V
Short-Circuit Current
13
13
mA
POWER SUPPLY
Operating Range
Single-supply operation
2.2
36
2.2
36
V
Quiescent Current
(Per Amplifier)
−VS = 0 V, +VS = 2.7 V
TA = +25°C
325
400
325
400
μA
TA = −40°C
250
325
250
325
μA
TA = +85°C
425
500
425
500
μA
TA = +125°C
475
550
475
550
μA
TEMPERATURE RANGE
−40
+125
−40
+125
°C
1 The input stage uses PNP transistors; therefore, input bias current always flows into the part.
2 The values specified for G > 1 do not include the effects of the external gain-setting resistor, RG.
3 Input voltage range of the AD8426 input stage. The input range depends on the common-mode voltage, the differential voltage, the gain, and the reference voltage.
See the
section for more information.
Input Voltage Range


Similar Part No. - AD8426_16

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD8426_1108 AD-AD8426_1108 Datasheet
805Kb / 28P
   Wide Supply Range, Rail-to-Rail
REV. 0
More results

Similar Description - AD8426_16

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD8226 AD-AD8226_16 Datasheet
707Kb / 29P
   Wide Supply Range, Rail-to-Rail Output Instrumentation Amplifier
AD8426 AD-AD8426 Datasheet
284Kb / 20P
   Wide Supply Range, Rail-to-Rail Output Instrumentation Amplifier
Rev. PrD
AD8226ARMZ AD-AD8226ARMZ Datasheet
685Kb / 28P
   Wide Supply Range, Rail-to-Rail Output Instrumentation Amplifier
REV. A
AD8227 AD-AD8227_16 Datasheet
539Kb / 25P
   Wide Supply Range, Rail-to-Rail Output Instrumentation Amplifier
AD8226 AD-AD8226 Datasheet
547Kb / 16P
   Wide Supply Range, Rail-to-Rail Output Instrumentation Amplifier
Rev. PrA
logo
Texas Instruments
INA827 TI1-INA827_13 Datasheet
1Mb / 30P
[Old version datasheet]   Wide Supply Range, Rail-to-Rail Output Instrumentation Amplifier
logo
Analog Devices
AD8227 AD-AD8227 Datasheet
657Kb / 24P
   Wide Supply Range, Rail-to-Rail Output Instrumentation Amplifier
REV. 0
AD8420 AD-AD8420 Datasheet
256Kb / 10P
   Wide Supply Range, Rail-to-Rail Output Instrumentation Amplifier
Rev. PrD
AD8420 AD-AD8420_16 Datasheet
553Kb / 27P
   Wide Supply Range, Micropower, Rail-to-Rail Instrumentation Amplifier
logo
Texas Instruments
INA827 TI1-INA827 Datasheet
875Kb / 29P
[Old version datasheet]   Wide Supply Range, Rail-to-Rail Output Instrumentation Amplifier with a Minimum Gain of 5
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com