Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AD8251-EVALZ Datasheet(PDF) 7 Page - Analog Devices

Part # AD8251-EVALZ
Description  10 MHz, 20 V/關s, G = 1, 2, 4, 8 iCMOS Programmable Gain Instrumentation Amplifier
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8251-EVALZ Datasheet(HTML) 7 Page - Analog Devices

Back Button AD8251-EVALZ Datasheet HTML 3Page - Analog Devices AD8251-EVALZ Datasheet HTML 4Page - Analog Devices AD8251-EVALZ Datasheet HTML 5Page - Analog Devices AD8251-EVALZ Datasheet HTML 6Page - Analog Devices AD8251-EVALZ Datasheet HTML 7Page - Analog Devices AD8251-EVALZ Datasheet HTML 8Page - Analog Devices AD8251-EVALZ Datasheet HTML 9Page - Analog Devices AD8251-EVALZ Datasheet HTML 10Page - Analog Devices AD8251-EVALZ Datasheet HTML 11Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 25 page
background image
AD8251
Rev. B | Page 6 of 24
ABSOLUTE MAXIMUM RATINGS
Table 3.
Parameter
Rating
Supply Voltage
±17 V
Power Dissipation
See Figure 4
Output Short-Circuit Current
Indefinite1
Common-Mode Input Voltage
+VS + 13 V to −VS − 13 V
Differential Input Voltage
+VS + 13 V, −VS − 13 V2
Digital Logic Inputs
±VS
Storage Temperature Range
−65°C to +125°C
Operating Temperature Range3
−40°C to +85°C
Lead Temperature (Soldering, 10 sec)
300°C
Junction Temperature
140°C
θJA (Four-Layer JEDEC Standard Board)
112°C/W
Package Glass Transition Temperature
140°C
1 Assumes the load is referenced to midsupply.
2 Current must be kept to less than 6 mA.
3 Temperature for specified performance is −40°C to +85°C. For performance
to +125°C, see the Typical Performance Characteristics section.
Stresses above those listed under Absolute Maximum Ratings
may cause permanent damage to the device. This is a stress
rating only; functional operation of the device at these or any
other conditions above those indicated in the operational section of
this specification is not implied. Exposure to absolute maximum
rating conditions for extended periods may affect device reliability.
MAXIMUM POWER DISSIPATION
The maximum safe power dissipation in the AD8251 package is
limited by the associated rise in junction temperature (TJ) on
the die. The plastic encapsulating the die locally reaches the
junction temperature. At approximately 140°C, which is the
glass transition temperature, the plastic changes its properties.
Even temporarily exceeding this temperature limit can change
the stresses that the package exerts on the die, permanently
shifting the parametric performance of the AD8251. Exceeding
a junction temperature of 140°C for an extended period can
result in changes in silicon devices, potentially causing failure.
The still air thermal properties of the package and PCB (θJA),
the ambient temperature (TA), and the total power dissipated in
the package (PD) determine the junction temperature of the die.
The junction temperature is calculated as
(
)
JA
D
A
J
θ
P
T
T
×
+
=
The power dissipated in the package (PD) is the sum of the
quiescent power dissipation and the power dissipated in the
package due to the load drive for all outputs. The quiescent
power is the voltage between the supply pins (VS) times the
quiescent current (IS). Assuming the load (RL) is referenced to
midsupply, the total drive power is VS/2 × IOUT, some of which is
dissipated in the package and some in the load (VOUT × IOUT).
The difference between the total drive power and the load
power is the drive power dissipated in the package.
PD = Quiescent Power + (Total Drive Power − Load Power)
()
L
OUT
L
OUT
S
S
S
D
R
V
R
V
V
I
V
P
2
2
⎟⎟
⎜⎜
×
+
×
=
In single-supply operation with RL referenced to −VS, the worst
case is VOUT = VS/2.
Airflow increases heat dissipation, effectively reducing θJA. In
addition, more metal directly in contact with the package leads
from metal traces, through holes, ground, and power planes
reduces the θJA.
Figure 4 shows the maximum safe power dissipation in the
package vs. the ambient temperature on a four-layer JEDEC
standard board.
2.00
1.75
1.50
1.25
1.00
0.75
0.50
0.25
0
–40
–20
120
100
80
60
40
20
0
AMBIENT TEMPERATURE (°C)
Figure 4. Maximum Power Dissipation vs. Ambient Temperature
ESD CAUTION


Similar Part No. - AD8251-EVALZ

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD8251-EVALZ AD-AD8251-EVALZ Datasheet
640Kb / 24P
   10 MHz, 20 V/關s, G = 1, 2, 4, 8 i CMOS짰 Programmable Gain Instrumentation Amplifier
REV. 0
AD8251-EVALZ AD-AD8251-EVALZ Datasheet
197Kb / 4P
   Evaluation Board for G
REV. 0
AD8251-EVALZ AD-AD8251-EVALZ_15 Datasheet
197Kb / 4P
   Evaluation Board for G
REV. 0
More results

Similar Description - AD8251-EVALZ

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD8250 AD-AD8250_16 Datasheet
932Kb / 25P
   10 MHz, 20 V/關s, G = 1, 2, 5, 10 iCMOS Programmable Gain Instrumentation Amplifier
AD8250ARMZ-R7 AD-AD8250ARMZ-R7 Datasheet
835Kb / 24P
   10 MHz, 20 V/關s, G = 1, 2, 5, 10 iCMOS Programmable Gain Instrumentation Amplifier
REV. C
AD8253 AD-AD8253_16 Datasheet
527Kb / 25P
   10 MHz, 20 V/關s, G = 1, 10, 100, 1000 iCMOS Programmable Gain Instrumentation Amplifier
AD8253 AD-AD8253_08 Datasheet
584Kb / 24P
   10 MHz, 20 V/關s, G = 1, 10, 100, 1000 iCMOS Programmable Gain Instrumentation Amplifier
REV. 0
AD8251 AD-AD8251_07 Datasheet
640Kb / 24P
   10 MHz, 20 V/關s, G = 1, 2, 4, 8 i CMOS짰 Programmable Gain Instrumentation Amplifier
REV. 0
AD8253 AD-AD8253 Datasheet
217Kb / 10P
   10 MHz, 20 V/關s, G = 1, 10, 100, 1000 i CMOS짰 Programmable Gain Instrumentation Amplifier
Rev. prA
AD8251 AD-AD8251 Datasheet
128Kb / 8P
   12MHz 20V/us G=1,2,4,8 Programmable Gain iCMOS Instrumentation Amplifier
Rev.PrB
AD8250 AD-AD8250 Datasheet
125Kb / 8P
   12MHz 20V/us G=1,2,5,10 Programmable Gain iCMOS Instrumentation Amplifier
Rev.PrB
AD625 AD-AD625 Datasheet
463Kb / 15P
   Programmable Gain Instrumentation Amplifier
REV. D
AD8250 AD-AD8250_15 Datasheet
835Kb / 24P
   Programmable Gain Instrumentation Amplifier
REV. C
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com