Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AD8225 Datasheet(PDF) 9 Page - Analog Devices

Part # AD8225
Description  Precision Gain of 5 Instrumentation Amplifier
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8225 Datasheet(HTML) 9 Page - Analog Devices

Back Button AD8225_16 Datasheet HTML 5Page - Analog Devices AD8225_16 Datasheet HTML 6Page - Analog Devices AD8225_16 Datasheet HTML 7Page - Analog Devices AD8225_16 Datasheet HTML 8Page - Analog Devices AD8225_16 Datasheet HTML 9Page - Analog Devices AD8225_16 Datasheet HTML 10Page - Analog Devices AD8225_16 Datasheet HTML 11Page - Analog Devices AD8225_16 Datasheet HTML 12Page - Analog Devices AD8225_16 Datasheet HTML 13Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 17 page
background image
REV. A
–8–
AD8225
OUTPUT VOLTAGE – V
5
4
0
05
1
234
3
2
1
VS = 5V
TPC 13. CMV vs. VOUT, Single Supply
FREQUENCY – Hz
140
120
0
0.1
1M
1
10
100
1k
100
80
60
40
20
10k
100k
+VS
–VS
TPC 14. PSRR vs. Frequency, RTI
FREQUENCY – Hz
100
10M
1k
10k
100k
1M
40
30
–60
20
10
0
–10
–20
–30
–40
–50
TPC 15. Small Signal Frequency Response,
VOUT = 200 mV p-p
FREQUENCY – Hz
100
10M
1k
10k
100k
1M
40
30
–60
20
10
0
–10
–20
–30
–40
–50
TPC 16. Large Signal Frequency Response,
VOUT = 4 V p-p
+VS –0.0
–2.0
020
10
–0.5
–1.0
–1.5
515
2.0
0
SUPPLY VOLTAGE –
V
1.5
1.0
0.5
20
10
515
–VS +0.0
TPC 17. Input Common Mode Voltage Range vs.
Supply Voltage
+VS 0
–2.0
020
16
–0.5
–1.0
–1.5
4
–VS 0
2.0
0
SUPPLY VOLTAGE –
V
1.5
1.0
0.5
14
218
610
812
20
16
414
218
610
812
RL = 10k
RL = 2k
RL = 10k
RL = 2k
TPC 18. Output Voltage Swing vs. Supply Voltage
and Load Resistance


Similar Part No. - AD8225_16

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD8225 AD-AD8225_15 Datasheet
377Kb / 16P
   Precision Gain of 5 Instrumentation Amplifier
REV. A
More results

Similar Description - AD8225_16

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD8225 AD-AD8225_15 Datasheet
377Kb / 16P
   Precision Gain of 5 Instrumentation Amplifier
REV. A
AD8225 AD-AD8225 Datasheet
372Kb / 16P
   Precision Gain of 5 Instrumentation Amplifier
REV. A
AD8228 AD-AD8228 Datasheet
581Kb / 24P
   Low Gain Drift Precision Instrumentation Amplifier
REV. 0
AD8228 AD-AD8228_16 Datasheet
550Kb / 25P
   Low Gain Drift Precision Instrumentation Amplifier
logo
Linear Technology
LT1167 LINER-LT1167_02 Datasheet
304Kb / 20P
   Single Resistor Gain Programmable, Precision Instrumentation Amplifier
LT1167 LINER-LT1167_15 Datasheet
364Kb / 22P
   Single Resistor Gain Programmable, Precision Instrumentation Amplifier
LT1167 LINER-LT1167 Datasheet
426Kb / 20P
   Single Resistor Gain Programmable, Precision Instrumentation Amplifier
LT1920 LINER-LT1920_15 Datasheet
306Kb / 12P
   Single Resistor Gain Programmable, Precision Instrumentation Amplifier
LT1920 LINER-LT1920 Datasheet
329Kb / 12P
   Single Resistor Gain Programmable, Precision Instrumentation Amplifier
logo
Analog Devices
AD624 AD-AD624 Datasheet
691Kb / 15P
   Precision Instrumentation Amplifier
REV. C
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com