Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HMC468ALP3E Datasheet(PDF) 3 Page - Analog Devices

Part # HMC468ALP3E
Description  Test Equipment
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

HMC468ALP3E Datasheet(HTML) 3 Page - Analog Devices

  HMC468ALP3E Datasheet HTML 1Page - Analog Devices HMC468ALP3E Datasheet HTML 2Page - Analog Devices HMC468ALP3E Datasheet HTML 3Page - Analog Devices HMC468ALP3E Datasheet HTML 4Page - Analog Devices HMC468ALP3E Datasheet HTML 5Page - Analog Devices HMC468ALP3E Datasheet HTML 6Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
For price, delivery and to place orders: Hittite Microwave Corporation, 2 Elizabeth Drive, Chelmsford, MA 01824
Phone: 978-250-3343
Fax: 978-250-3373
Order On-line at www.hittite.com
Application Support: Phone: 978-250-3343 or apps@hittite.com
3
HMC468ALP3E
v00.1212
1dB LSB GaAs MMIC 3-BIT DIGITAL
POSITIVE CONTROL ATTENUATOR, DC - 6GHz
Truth Table
TTL/CMOS Control Voltages
State
Bias Condition
Low
0 to 0.8 Vdc @ -0.05 uA Typ.
High
+2.0 to +5.0 Vdc @ 40 uA Typ.
Control Voltage Input
Attenuation Setting
RF1 - RF2
V1
4 dB
V2
2 dB
V3
1 dB
High
High
High
Reference I.L.
High
High
Low
1 dB
High
Low
High
2 dB
Low
High
High
4 dB
Low
Low
Low
7 dB
Any combination of the above states will provide an attenuation
approximately equal to the sum of the bits selected.
Step Error
Between Successive Attenuation States
Bias Voltage & Current
Vdd Range= +5.0 Vdc ± 10%
Vdd
(Vdc)
Idd (Typ.)
(mA)
Idd (Max.)
(mA)
+5.0
1.05
1.8
-1
-0.6
-0.2
0.2
0.6
1
012345
6
IL
1 dB
2 dB
3 dB
4 dB
5 dB
6 dB
7 dB
FREQUENCY (GHz)
Information furnished by Analog Devices is believed to be accurate and reliable. However, no
responsibility is assumed by Analog Devices for its use, nor for any infringements of patents or other
rights of third parties that may result from its use. Specifications subject to change without notice. No
license is granted by implication or otherwise under any patent or patent rights of Analog Devices.
Trademarks and registered trademarks are the property of their respective owners.
For price, delivery, and to place orders: Analog Devices, Inc.,
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106
Phone: 781-329-4700 • Order online at www.analog.com
Application Support: Phone: 1-800-ANALOG-D


Similar Part No. - HMC468ALP3E

ManufacturerPart #DatasheetDescription
logo
Hittite Microwave Corpo...
HMC468LP3 HITTITE-HMC468LP3 Datasheet
206Kb / 6P
   1 dB LSB GaAs MMIC 3-BIT DIGITAL POSITIVE CONTROL ATTENUATOR, DC - 6.0 GHz
HMC468LP3 HITTITE-HMC468LP3 Datasheet
225Kb / 6P
   1 dB LSB GaAs MMIC 3-BIT DIGITAL POSITIVE CONTROL ATTENUATOR, DC - 6 GHz
HMC468LP3E HITTITE-HMC468LP3E Datasheet
225Kb / 6P
   1 dB LSB GaAs MMIC 3-BIT DIGITAL POSITIVE CONTROL ATTENUATOR, DC - 6 GHz
HMC468LP3 HITTITE-HMC468LP3_08 Datasheet
225Kb / 6P
   1 dB LSB GaAs MMIC 3-BIT DIGITAL POSITIVE CONTROL ATTENUATOR, DC - 6 GHz
More results

Similar Description - HMC468ALP3E

ManufacturerPart #DatasheetDescription
logo
Micross Components
HMC156A MICROSS-HMC156A Datasheet
770Kb / 7P
   Test Equipment
HMC204 MICROSS-HMC204 Datasheet
816Kb / 9P
   Test Equipment
HMC396 MICROSS-HMC396 Datasheet
829Kb / 9P
   Test Equipment
HMC405 MICROSS-HMC405 Datasheet
830Kb / 9P
   Test Equipment
logo
Analog Devices
HMC187AMS8 AD-HMC187AMS8 Datasheet
343Kb / 6P
   Test Equipment
logo
Micross Components
HMC158 MICROSS-HMC158 Datasheet
947Kb / 7P
   Test Equipment
logo
Maxim Integrated Produc...
MAX14982 MAXIM-MAX14982 Datasheet
773Kb / 12P
   Test Equipment
Rev 1; 1/15
logo
Analog Devices
HMC188MS8 AD-HMC188MS8 Datasheet
291Kb / 4P
   Test Equipment
HMC1105 AD-HMC1105 Datasheet
300Kb / 6P
   Microwave Test Equipment
logo
Micross Components
HMC517 MICROSS-HMC517 Datasheet
892Kb / 9P
   Test Equipment and Sensors
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com