Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HMC459 Datasheet(PDF) 3 Page - Analog Devices

Part # HMC459
Description  Telecom Infrastructure
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

HMC459 Datasheet(HTML) 3 Page - Analog Devices

  HMC459 Datasheet HTML 1Page - Analog Devices HMC459 Datasheet HTML 2Page - Analog Devices HMC459 Datasheet HTML 3Page - Analog Devices HMC459 Datasheet HTML 4Page - Analog Devices HMC459 Datasheet HTML 5Page - Analog Devices HMC459 Datasheet HTML 6Page - Analog Devices HMC459 Datasheet HTML 7Page - Analog Devices HMC459 Datasheet HTML 8Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
3
3 - 30
For price, delivery, and to place orders, please contact Hittite Microwave Corporation:
20 Alpha Road, Chelmsford, MA 01824 Phone: 978-250-3343 Fax: 978-250-3373
Order On-line at www.hittite.com
Output P1dB vs. Temperature
Output Psat vs. Temperature
Output IP3 vs. Temperature
Gain, Power & Output IP3
vs. Supply Voltage @ 5 GHz, Fixed Vgg
10
14
18
22
26
30
0
4
8
121620
+25 C
+85 C
-55 C
FREQUENCY (GHz)
10
14
18
22
26
30
04
8
12
16
20
+25 C
+85 C
-55 C
FREQUENCY (GHz)
20
24
28
32
36
40
44
04
8
12
16
20
+25 C
+85 C
-55 C
FREQUENCY (GHz)
16
20
24
28
32
36
7.5
8
8.5
GAIN (dB)
P1dB (dBm)
PSAT (dBm)
IP3 (dBm)
Vdd SUPPLY VOLTAGE (V)
Reverse Isolation vs. Temperature
-70
-60
-50
-40
-30
-20
-10
0
04
8
12
16
20
+25 C
+85 C
-55 C
FREQUENCY (GHz)
HMC459
v01.1007
GaAs PHEMT MMIC
POWER AMPLIFIER, DC - 18 GHz
Information furnished by Analog Devices is believed to be accurate and reliable. However, no
responsibility is assumed by Analog Devices for its use, nor for any infringements of patents or other
rights of third parties that may result from its use. Specifications subject to change without notice. No
license is granted by implication or otherwise under any patent or patent rights of Analog Devices.
Trademarks and registered trademarks are the property of their respective owners.
For price, delivery, and to place orders: Analog Devices, Inc.,
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106
Phone: 781-329-4700 • Order online at www.analog.com
Application Support: Phone: 1-800-ANALOG-D


Similar Part No. - HMC459

ManufacturerPart #DatasheetDescription
logo
Hittite Microwave Corpo...
HMC459 HITTITE-HMC459 Datasheet
258Kb / 8P
   GaAs PHEMT MMIC POWER AMPLIFIER, DC - 18.0 GHz
HMC459 HITTITE-HMC459 Datasheet
277Kb / 8P
   GaAs PHEMT MMIC POWER AMPLIFIER, DC - 18 GHz
HMC459 HITTITE-HMC459 Datasheet
287Kb / 8P
   GaAs PHEMT MMIC POWER AMPLIFIER, DC - 18 GHz
logo
Micross Components
HMC459 MICROSS-HMC459 Datasheet
923Kb / 11P
   Telecom Infrastructure
logo
Hittite Microwave Corpo...
HMC459 HITTITE-HMC459_07 Datasheet
287Kb / 8P
   GaAs PHEMT MMIC POWER AMPLIFIER, DC - 18 GHz
More results

Similar Description - HMC459

ManufacturerPart #DatasheetDescription
logo
Micross Components
HMC322 MICROSS-HMC322 Datasheet
822Kb / 9P
   Telecom Infrastructure
HMC344 MICROSS-HMC344 Datasheet
798Kb / 9P
   Telecom Infrastructure
HMC559 MICROSS-HMC559 Datasheet
951Kb / 11P
   Telecom Infrastructure
HMC459 MICROSS-HMC459 Datasheet
923Kb / 11P
   Telecom Infrastructure
HMC240A MICROSS-HMC240A Datasheet
878Kb / 9P
   Telecom Infrastructure
HMC460 MICROSS-HMC460 Datasheet
990Kb / 11P
   Telecom Infrastructure
HMC463 MICROSS-HMC463 Datasheet
952Kb / 11P
   Telecom Infrastructure
HMC462 MICROSS-HMC462 Datasheet
1,002Kb / 11P
   Telecom Infrastructure
logo
Power System Technology
FAB0501013 PST-FAB0501013 Datasheet
209Kb / 3P
   Telecom
logo
NXP Semiconductors
PCF84C21A PHILIPS-PCF84C21A Datasheet
161Kb / 20P
   Telecom microcontrollers
1996 Nov 20
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com