Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LM613IN Datasheet(PDF) 11 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LM613IN
Description  Dual Operational Amplifiers, Dual Comparators, and Adjustable Reference
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM613IN Datasheet(HTML) 11 Page - National Semiconductor (TI)

Back Button LM613IN Datasheet HTML 7Page - National Semiconductor (TI) LM613IN Datasheet HTML 8Page - National Semiconductor (TI) LM613IN Datasheet HTML 9Page - National Semiconductor (TI) LM613IN Datasheet HTML 10Page - National Semiconductor (TI) LM613IN Datasheet HTML 11Page - National Semiconductor (TI) LM613IN Datasheet HTML 12Page - National Semiconductor (TI) LM613IN Datasheet HTML 13Page - National Semiconductor (TI) LM613IN Datasheet HTML 14Page - National Semiconductor (TI) LM613IN Datasheet HTML 15Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 22 page
background image
Typical Performance Characteristics (Op Amps) V+ = 5V, V= GND = 0V, V
CM = V
+/2,
VOUT = V
+/2, T
J = 25˚C, unless otherwise noted (Continued)
Small-Signal Voltage Gain
vs Frequency and Load
DS009226-81
Follower Small-Signal
Frequency Response
DS009226-82
Common-Mode Input
Voltage Rejection Ratio
DS009226-83
Power Supply Current
vs Power Supply Voltage
DS009226-84
Positive Power Supply
Voltage Rejection Ratio
DS009226-85
Negative Power Supply
Voltage Rejection Ratio
DS009226-86
Slew Rate vs Temperature
DS009226-87
Input Offset Current vs
Junction Temperature
DS009226-88
Input Bias Current vs
Junction Temperature
DS009226-89
www.national.com
11


Similar Part No. - LM613IN

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LM613IWM TI1-LM613IWM Datasheet
1Mb / 32P
[Old version datasheet]   Dual Operational Amplifiers, Dual Comparators, and Adjustable Reference
LM613IWM/NOPB TI1-LM613IWM/NOPB Datasheet
1Mb / 32P
[Old version datasheet]   Dual Operational Amplifiers, Dual Comparators, and Adjustable Reference
LM613IWMX TI1-LM613IWMX Datasheet
1Mb / 32P
[Old version datasheet]   Dual Operational Amplifiers, Dual Comparators, and Adjustable Reference
LM613IWMX/NOPB TI1-LM613IWMX/NOPB Datasheet
1Mb / 32P
[Old version datasheet]   Dual Operational Amplifiers, Dual Comparators, and Adjustable Reference
More results

Similar Description - LM613IN

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LM613 TI1-LM613 Datasheet
1Mb / 32P
[Old version datasheet]   Dual Operational Amplifiers, Dual Comparators, and Adjustable Reference
logo
Taiwan Semiconductor Co...
TS103 TSC-TS103_14 Datasheet
344Kb / 6P
   Dual Operational Amplifiers And Voltage Reference
TS103 TSC-TS103 Datasheet
365Kb / 6P
   Dual Operational Amplifiers And Voltage Reference
logo
STMicroelectronics
TSM102 STMICROELECTRONICS-TSM102 Datasheet
74Kb / 10P
   DUAL OPERATIONAL AMPLIFIER - DUAL COMPARATOR AND ADJUSTABLE VOLTAGE REFERENCE
logo
First Components Intern...
FTSM102A FCI-FTSM102A Datasheet
177Kb / 9P
   Dual Operational Amplifier Dual Comparator and Adjustable Voltage Reference
logo
Unisonic Technologies
UM602 UTC-UM602 Datasheet
56Kb / 6P
   DUAL OPERATIONAL AMPLIFIER-DUAL COMPARATOR AND ADJUSTABLE VOLTAGE REFERENCE
logo
Texas Instruments
TL103W TI-TL103W Datasheet
196Kb / 9P
[Old version datasheet]   DUAL OPERATIONAL aMPLIFIERS WITH INTERNAL REFERENCE
TL103W TI-TL103W_08 Datasheet
302Kb / 12P
[Old version datasheet]   DUAL OPERATIONAL AMPLIFIERS WITH INTERNAL REFERENCE
TL103W TI1-TL103W_16 Datasheet
744Kb / 16P
[Old version datasheet]   Dual Operational Amplifiers With Internal Reference
TL103W TI1-TL103W_V02 Datasheet
1Mb / 29P
[Old version datasheet]   TL103Wx Dual Operational Amplifiers With Internal Reference
REVISED DECEMBER 2023
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com