Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

INA240 Datasheet(PDF) 10 Page - Texas Instruments

Click here to check the latest version.
Part # INA240
Description  Automotive, Wide Common-Mode Range, High- and Low-Side, Bidirectional, Zero-Drift, Current-Sense Amplifier With Enhanced PWM Rejection
Download  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

INA240 Datasheet(HTML) 10 Page - Texas Instruments

Back Button INA240 Datasheet HTML 6Page - Texas Instruments INA240 Datasheet HTML 7Page - Texas Instruments INA240 Datasheet HTML 8Page - Texas Instruments INA240 Datasheet HTML 9Page - Texas Instruments INA240 Datasheet HTML 10Page - Texas Instruments INA240 Datasheet HTML 11Page - Texas Instruments INA240 Datasheet HTML 12Page - Texas Instruments INA240 Datasheet HTML 13Page - Texas Instruments INA240 Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 34 page
background image
+
±
REF2
REF1
VS
GND
OUT
IN+
IN±
PWM
Rejection
50 k
50 k
10
INA240-Q1
SBOS808A – AUGUST 2016 – REVISED DECEMBER 2016
www.ti.com
Product Folder Links: INA240-Q1
Submit Documentation Feedback
Copyright © 2016, Texas Instruments Incorporated
9 Detailed Description
9.1 Overview
The INA240-Q1 is a current-sense amplifier that offers a wide common-mode range, precision, zero-drift
topology, excellent common-mode rejection ratio (CMRR), and features enhanced pulse width modulation (PWM)
rejection. Enhanced PWM rejection reduces the effect of common-mode transients on the output signal that are
associated with PWM signals. Multiple gain versions are available to allow for the optimization of the desired full-
scale output voltage based on the target current range expected in the application.
9.2 Functional Block Diagram
9.3 Feature Description
9.3.1 Amplifier Input Signal
The INA240-Q1 is designed to handle large common-mode transients over a wide voltage range. Input signals
from current measurement applications for linear and PWM applications can be connected to the amplifier to
provide a highly accurate output, with minimal common-mode transient artifacts.
9.3.1.1 Enhanced PWM Rejection Operation
The enhanced PWM rejection feature of the INA240 provides increased attenuation of large common-mode
ΔV/Δt transients. Large ΔV/Δt common-mode transients associated with PWM signals are employed in
applications such as motor or solenoid drive and switching power supplies. Traditionally, large ΔV/Δt common-
mode transitions are handled strictly by increasing the amplifier signal bandwidth, which can increase chip size,
complexity and ultimately cost. The INA240-Q1 is designed with high common-mode rejection techniques to
reduce large ΔV/Δt transients before the system is disturbed as a result of these large signals. The high AC
CMRR, in conjunction with signal bandwidth, allows the INA240-Q1 to provide minimal output transients and
ringing compared with standard circuit approaches.
9.3.1.2 Input Signal Bandwidth
The INA240-Q1 input signal, which represents the current being measured, is accurately measured with minimal
disturbance from large ΔV/Δt common-mode transients as previously described. For PWM signals typically
associated with motors, solenoids, and other switching applications, the current being monitored varies at a
significantly slower rate than the faster PWM frequency.
The INA240-Q1 bandwidth is defined by the –3-dB bandwidth of the current-sense amplifier inside the device;
see the Electrical Characteristics table. The device bandwidth provides fast throughput and fast response
required for the rapid detection and processing of overcurrent events. Without the higher bandwidth, protection
circuitry may not have adequate response time and damage may occur to the monitored application or circuit.


Similar Part No. - INA240

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
INA240 TI1-INA240 Datasheet
543Kb / 8P
[Old version datasheet]   Wide Common-Mode Range, Voltage Output High- or Low-Side Bidirectional, Zero-Drift, Current-Shunt Monitor
INA240 TI1-INA240 Datasheet
1Mb / 35P
[Old version datasheet]   High- and Low-Side, Bidirectional, Zero-Drift, Current-Sense Amplifier with Enhanced PWM Rejection
INA240 TI1-INA240 Datasheet
1Mb / 36P
[Old version datasheet]   INA240 High- and Low-Side, Bidirectional, Zero-Drift, Current-Sense Amplifier with Enhanced PWM Rejection
INA240-Q1 TI1-INA240-Q1 Datasheet
547Kb / 10P
[Old version datasheet]   Current-Sense Amplifier
INA240-Q1 TI1-INA240-Q1 Datasheet
1Mb / 36P
[Old version datasheet]   INA240 High- and Low-Side, Bidirectional, Zero-Drift, Current-Sense Amplifier with Enhanced PWM Rejection
More results

Similar Description - INA240

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
INA240_016 TI1-INA240_016 Datasheet
1Mb / 35P
[Old version datasheet]   High- and Low-Side, Bidirectional, Zero-Drift, Current-Sense Amplifier with Enhanced PWM Rejection
INA240 TI1-INA240_17 Datasheet
1Mb / 36P
[Old version datasheet]   INA240 High- and Low-Side, Bidirectional, Zero-Drift, Current-Sense Amplifier with Enhanced PWM Rejection
INA240-SEP TI1-INA240-SEP_19 Datasheet
1Mb / 35P
[Old version datasheet]   Wide Common-Mode Range, High- and Low-Side, Bidirectional, Zero-Drift, Current-Sense Amplifier in Space Enhanced Plastic
INA240-SEP TI1-INA240-SEP Datasheet
1Mb / 35P
[Old version datasheet]   Wide Common-Mode Range, High- and Low-Side, Bidirectional, Zero-Drift, Current-Sense Amplifier in Space Enhanced Plastic
INA186 TI1-INA186 Datasheet
1Mb / 31P
[Old version datasheet]   Bidirectional, Low-Power, Zero-Drift, Wide Dynamic Range, Current-Sense Amplifier
INA190 TI1-INA190_19 Datasheet
1Mb / 41P
[Old version datasheet]   Bidirectional, Low-Power, Zero-Drift, Wide Dynamic Range, Precision Current-Sense Amplifier With Enable
logo
Maxim Integrated Produc...
MAX40056F MAXIM-MAX40056F Datasheet
1Mb / 24P
   Bidirectional Current Sense Amplifier with PWM-Rejection
2021
logo
Texas Instruments
INA186 TI-INA186_V02 Datasheet
2Mb / 46P
[Old version datasheet]   INA186 Bidirectional, Low-Power, Zero-Drift, Wide Dynamic Range, Current-Sense Amplifier With Enable
REVISED JULY 2021
INA186 TI1-INA186_V01 Datasheet
1Mb / 38P
[Old version datasheet]   INA186 Bidirectional, Low-Power, Zero-Drift, Wide Dynamic Range, Current-Sense Amplifier With Enable
logo
Analog Devices
AD8417 AD-AD8417_17 Datasheet
344Kb / 16P
   Bidirectional, Zero Drift, Current Sense Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com